Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G6K-2F Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # G6K-2F
Description  Surface Mounting Relay with the World?셲 Smallest Mounting Area and a Height of Only 5.2 mm
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6K-2F Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button G6K-2F Datasheet HTML 2Page - Omron Electronics LLC G6K-2F Datasheet HTML 3Page - Omron Electronics LLC G6K-2F Datasheet HTML 4Page - Omron Electronics LLC G6K-2F Datasheet HTML 5Page - Omron Electronics LLC G6K-2F Datasheet HTML 6Page - Omron Electronics LLC G6K-2F Datasheet HTML 7Page - Omron Electronics LLC G6K-2F Datasheet HTML 8Page - Omron Electronics LLC G6K-2F Datasheet HTML 9Page - Omron Electronics LLC G6K-2F Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
99
G6K
G6K
Recommended Soldering Method
Temperature indicate the surface temperature of the PCBs.
IRS Method (for surface mounting terminal models)
(1) IRS Method (Mounting Solder: Lead)
(2) IRS Method (Mounting Solder: Lead-free)
• The thickness of cream solder to be applied should be within a range between 150 and 200 µm on OMRON’s recommended PCB pattern.
• In order to perform correct soldering, it is recommended that the correct soldering conditions be maintained as shown below on the left
side.
Visually check that the Relay is properly soldered.
Approved Standards
UL approval:UL1950 (File No. E41515)
CSA approval:C22.2 No. 950 (File No. LR31928)
Soldering
Preheating
Time (s)
220 to
245
180 to
200
150
90 to 120
20 to 30
Soldering
Preheating
Time (s)
Upper surface of case (peak):
255˚C max.
120 max.
30 max.
250 max.
230
180
150
Note: The temperature profile indicates the
temperature of the relay terminal
section.
Relay
terminal
section
Contact form
Coil rating
Contact rating
Number of test operations
DPDT
G6K-2G(F/P): 3 to 12 VDC
G6K(U)-2G(F/P)-Y: 3 to 24 VDC
1 A at 30 VDC
0.5 A at 60 VDC
0.3 A at 125 VAC
6,000
Correct Soldering
Incorrect Soldering
PCB
Terminal
Solder
Relay
Land
Excessive
amount of
solder
Insufficient
amount of
solder


Similar Part No. - G6K-2F

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6K-2F OMRON-G6K-2F Datasheet
1Mb / 12P
   Low Signal Relay
G6K-2F OMRON-G6K-2F Datasheet
1Mb / 10P
   Low Signal Relay
G6K-2F OMRON-G6K-2F Datasheet
1Mb / 10P
   Low Signal Relay
G6K-2F OMRON-G6K-2F Datasheet
1Mb / 9P
   Surface Mounting Relay with the World?셲 Smallest Mounting Area
G6K-2F-RF OMRON-G6K-2F-RF Datasheet
326Kb / 8P
   Surface Mount, 1GHz / 3 GHz Miniature DPDT, High Frequency Relay
More results

Similar Description - G6K-2F

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6KU-2G-Y-TR-DC3 OMRON-G6KU-2G-Y-TR-DC3 Datasheet
1Mb / 9P
   Surface Mounting Relay with the World?셲 Smallest Mounting Area
logo
AVX Corporation
TACL106M006XTA AVX-TACL106M006XTA Datasheet
114Kb / 3P
   The world?셲 smallest surface mount tantalum capacitor
TACK225M00 AVX-TACK225M00 Datasheet
129Kb / 6P
   The world?셲 smallest surface mount tantalum capacitor
logo
STATEK CORPORATION
CXOQ STATEK-CXOQ_10 Datasheet
2Mb / 2P
   One of the World?셲 Smallest and Highest Precision Crystal Oscillators
logo
TEMEX
RFPO45 TEMEX-RFPO45 Datasheet
407Kb / 2P
   The RFPO45 is from the world?셲 smallest and first
logo
Murata Manufacturing Co...
IRS-B340ST02 MURATA-IRS-B340ST02 Datasheet
1,001Kb / 20P
   Smallest and Thinnest in the World! Developing Surface Mount Smallest and Thinnest in the World! Developing Surface Mount
logo
TEMEX
RFPO40 TEMEX-RFPO40 Datasheet
260Kb / 2P
   The RFPO40 is from the world?셲 smallest and first ASIC.based OCXO product
logo
PIC GmbH
PLS-020A-3 PIC-PLS-020A-3 Datasheet
39Kb / 2P
   World?셲 smallest magnetic Level Sensor
PLS-020B-3 PIC-PLS-020B-3 Datasheet
39Kb / 2P
   World?셲 smallest magnetic Level Sensor
logo
Omron Electronics LLC
A165E OMRON-A165E Datasheet
1Mb / 12P
   Separate Construction with Smallest Class of Depth in the World
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com