Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS28E01G-100+T Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS28E01G-100+T
Description  1K-Bit Protected 1-Wire EEPROM with SHA-1 Engine
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS28E01G-100+T Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS28E01G-100+T Datasheet HTML 1Page - Dallas Semiconductor DS28E01G-100+T Datasheet HTML 2Page - Dallas Semiconductor DS28E01G-100+T Datasheet HTML 3Page - Dallas Semiconductor DS28E01G-100+T Datasheet HTML 4Page - Dallas Semiconductor DS28E01G-100+T Datasheet HTML 5Page - Dallas Semiconductor DS28E01G-100+T Datasheet HTML 6Page - Dallas Semiconductor DS28E01G-100+T Datasheet HTML 7Page - Dallas Semiconductor DS28E01G-100+T Datasheet HTML 8Page - Dallas Semiconductor DS28E01G-100+T Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1 of 16
REV: 071207
Note: Some revisions of this device may incorporate deviations from published specifications known as errata. Multiple revisions of any device
may be simultaneously available through various sales channels. For information about device errata, click here: www.maxim-ic.com/errata.
DS28E01-100
1K-Bit Protected 1-Wire EEPROM with
SHA-1 Engine
Abridged Data Sheet
GENERAL DESCRIPTION
The DS28E01-100 combines 1024 bits of EEPROM
with challenge-and-response authentication security
implemented with the ISO/IEC 10118-3 Secure Hash
Algorithm (SHA-1). The 1024-bit EEPROM array is
configured as four pages of 256 bits with a 64-bit
scratchpad to perform write operations. All memory
pages can be write protected, and one page can be
put in EPROM-emulation mode, where bits can only
be changed from a 1 to a 0 state. Each DS28E01-
100 has its own guaranteed unique 64-bit ROM
registration number that is factory lasered into the
chip. The DS28E01-100 communicates over the
single-contact 1-Wire® bus. The communication
follows the standard Dallas Semiconductor 1-Wire
protocol with the registration number acting as node
address in the case of a multi-device 1-Wire network.
APPLICATIONS
Printer Cartridge Configuration and Monitoring
Medical Sensor Authentication and Calibration
System Intellectual Property Protection
TYPICAL OPERATING CIRCUIT
µC
IO
DS28E01
GND
RPUP
VCC
FEATURES
1024 bits of EEPROM memory partitioned into
four pages of 256 bits
On-chip 512-bit SHA-1 engine to compute 160-bit
Message Authentication Codes (MAC) and to
generate secrets
Write access requires knowledge of the secret
and the capability of computing and transmitting
a 160-bit MAC as authorization
User-programmable page write-protection for
page 0, page 3 or all four pages together
User-programmable OTP EPROM emulation
mode for page 1 ("write to 0")
Communicates to host with a single digital signal
at 15.3k bits or 125k bits per second using
1-Wire protocol
Switchpoint Hysteresis and Filtering to Optimize
Performance in the Presence of Noise
Reads and writes over a wide voltage range of
2.8V to 5.25V from -40°C to +85°C
6-lead TSOC, 2-lead SFN or solder-bumped
chipscale surface mount package
ORDERING INFORMATION
PART
TEMP RANGE
PIN-PACKAGE
DS28E01P-100
-40°C to 85
°C
6-pin TSOC
DS28E01P-100/T&R
-40°C to 85
°C TSOC Tape & reel
DS28E01P-100+
-40°C to 85
°C
6-pin TSOC
DS28E01P-100+T&R
-40°C to 85
°C TSOC Tape & reel
DS28E01G-100+T&R
-40°C to 85
°C
2-pin SFN Tape &
reel
+ Indicates lead-free compliance.
Ordering Information and Pin Configuration continued
at the end of the data sheet.
Request full data sheet at:
www.maxim-ic.com/fullds/DS28E01-100
PIN CONFIGURATION
TSOC 150 mil
Top view
6 NC
5 NC
4 NC
GND 1
IO 2
NC 3
www.maxim-ic.com
Commands, Registers, and Modes are capitalized for
clarity.
1-Wire is a registered trademark of Dallas Semiconductor Corp.


Similar Part No. - DS28E01G-100+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS28E01G-100+TR MAXIM-DS28E01G-100+TR Datasheet
164Kb / 20P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 7; 3/12
More results

Similar Description - DS28E01G-100+T

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2432 DALLAS-DS2432 Datasheet
165Kb / 30P
   1k-Bit Protected 1-Wire EEPROM with SHA-1 Engine
logo
Maxim Integrated Produc...
DS2432 MAXIM-DS2432 Datasheet
165Kb / 17P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
060608
DS2432 MAXIM-DS2432_12 Datasheet
432Kb / 17P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 3/12
DS28E01-100 MAXIM-DS28E01-100 Datasheet
164Kb / 20P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 7; 3/12
DS28E01G-100U MAXIM-DS28E01G-100U Datasheet
293Kb / 21P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 8; 9/12
DS28E01-100 MAXIM-DS28E01-100_12 Datasheet
293Kb / 21P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 8; 9/12
logo
Dallas Semiconductor
DS1961S DALLAS-DS1961S Datasheet
360Kb / 36P
   1kb Protected EEPROM iButton With SHA-1 Engine
logo
Maxim Integrated Produc...
DS1961S MAXIM-DS1961S Datasheet
364Kb / 36P
   1kb Protected EEPROM iButton With SHA-1 Engine
092302
DS28CN01 MAXIM-DS28CN01_09 Datasheet
116Kb / 10P
   1Kb I2C/SMBus EEPROM with SHA-1 Engine
Rev 1; 4/09
DS28CN01 MAXIM-DS28CN01 Datasheet
137Kb / 9P
   1Kbit I짼C/SMBus EEPROM with SHA-1 Engine
REV: 061907
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com