Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G6KU-2F-Y Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # G6KU-2F-Y
Description  Surface Mounting Relay with the World?셲 Smallest Mounting Area and a Height of Only 5.2 mm
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6KU-2F-Y Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button G6KU-2F-Y Datasheet HTML 2Page - Omron Electronics LLC G6KU-2F-Y Datasheet HTML 3Page - Omron Electronics LLC G6KU-2F-Y Datasheet HTML 4Page - Omron Electronics LLC G6KU-2F-Y Datasheet HTML 5Page - Omron Electronics LLC G6KU-2F-Y Datasheet HTML 6Page - Omron Electronics LLC G6KU-2F-Y Datasheet HTML 7Page - Omron Electronics LLC G6KU-2F-Y Datasheet HTML 8Page - Omron Electronics LLC G6KU-2F-Y Datasheet HTML 9Page - Omron Electronics LLC G6KU-2F-Y Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
100
G6K
G6K
Precautions
Refer to page 25 for information on general precautions. Be sure to read these precautions before using the Relay.
Correct Use
Long-term Continuously ON Contacts
Using the Relay in a circuit where the Relay will be ON continu-
ously for long periods (without switching) can lead to unstable
contacts because the heat generated by the coil itself will affect
the insulation, causing a film to develop on the contact surfaces.
We recommend using a latching relay (magnetic-holding relay) in
this kind of circuit. If a single-side stable model must be used in
this kind of circuit, we recommend using a fail-safe circuit design
that provides protection against contact failure or coil burnout.
Relay Handling
Use the Relay as soon as possible after opening the moisture-
proof package. If the Relay is left for a long time after opening the
moisture-proof package, the appearance may suffer and seal fail-
ure may occur after the solder mounting process. To store the
Relay after opening the moisture-proof package, place it into the
original package and sealed the package with adhesive tape.
When washing the product after soldering the Relay to a PCB,
use a water-based solvent or alcohol-based solvent, and keep the
solvent temperature to less than 40°C. Do not put the Relay in a
cold cleaning bath immediately after soldering.
Soldering
Soldering temperature: Approx. 250°C (260°C if the DWS method
is used)
Soldering time: Approx. 5 s max. (approx. 2 s for the first time and
approx. 3 s for the second time if the DWS method is used)
Be sure to adjust the level of the molten solder so that the solder
will not overflow onto the PCB.
Claw Securing Force During Automatic Mounting
During automatic insertion of Relays, make sure to set the secur-
ing force of each claw to the following so that the Relays charac-
teristics will be maintained.
Environmental Conditions During Operation, Storage, and
Transportation
Protect the Relay from direct sunlight and keep the Relay under
normal temperature, humidity, and pressure.
If the Relay is stored for a long time in an adverse environment
with high temperature, high humidity, organic gases, or sulfide
gases, sulfide or oxide films will form on the contact surfaces.
These films may result in unstable contact, contact problems, or
functional problems. Therefore, operate, store, or transport the
product under specified environmental conditions.
Latching Relay Mounting
Make sure that the vibration or shock that is generated from other
devices, such as relays in operation, on the same panel and
imposed on the Latching Relay does not exceed the rated value,
otherwise the Latching Relay that has been set may be reset or
vice versa. The Latching Relay is reset before shipping. If exces-
sive vibration or shock is imposed, however, the Latching Relay
may be set accidentally. Be sure to apply a reset signal before
use.
Maximum Allowable Voltage
The maximum allowable voltage of the coil can be obtained from
the coil temperature increase and the heat-resisting temperature
of coil insulating sheath material. (Exceeding the heat-resisting
temperature may result in burning or short-circuiting.) The maxi-
mum allowable voltage also involves important restrictions which
include the following:
• Must not cause thermal changes in or deterioration of the insu-
lating material.
• Must not cause damage to other control devices.
• Must not cause any harmful effect on people.
• Must not cause fire.
Therefore, be sure to use the maximum allowable voltage beyond
the value specified in the catalog.
As a rule, the rated voltage must be applied to the coil. A voltage
exceeding the rated value, however, can be applied to the coil
provided that the voltage is less than the maximum allowable volt-
age. It must be noted that continuous voltage application to the
coil will cause a coil temperature increase thus affecting charac-
teristics such as electrical life and resulting in the deterioration of
coil insulation.
Coating
The Relay mounted on the PCB may be coated or washed but do
not apply silicone coating or detergent containing silicone, other-
wise the silicone coating or detergent may remain on the surface
of the Relay.
PCB Mounting
If two or more Relays are closely mounted with the long sides of
the Relays facing each other and soldering is performed with
infrared radiation, the solder may not be properly exposed to the
infrared rays. Be sure to keep the proper distance between adja-
cent Relays as shown below.
Two or more Relays may be closely mounted with the short sides
of the Relays facing each other.
Direction A: 1.96 N
Direction B: 4.90 N
Direction C: 1.96 N
G6K-2G
G6K-2F
2 mm min.
2.7 mm min.
ALL DIMENSIONS SHOWN ARE IN MILLIMETERS.
To convert millimeters into inches, multiply by 0.03937. To convert grams into ounces, multiply by 0.03527.
Cat. No. K106-E1-04


Similar Part No. - G6KU-2F-Y

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6KU-2F-Y OMRON-G6KU-2F-Y Datasheet
1Mb / 12P
   Low Signal Relay
G6KU-2F-Y OMRON-G6KU-2F-Y Datasheet
1Mb / 10P
   Low Signal Relay
G6KU-2F-Y OMRON-G6KU-2F-Y Datasheet
1Mb / 10P
   Low Signal Relay
More results

Similar Description - G6KU-2F-Y

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6KU-2G-Y-TR-DC3 OMRON-G6KU-2G-Y-TR-DC3 Datasheet
1Mb / 9P
   Surface Mounting Relay with the World?셲 Smallest Mounting Area
logo
AVX Corporation
TACL106M006XTA AVX-TACL106M006XTA Datasheet
114Kb / 3P
   The world?셲 smallest surface mount tantalum capacitor
TACK225M00 AVX-TACK225M00 Datasheet
129Kb / 6P
   The world?셲 smallest surface mount tantalum capacitor
logo
STATEK CORPORATION
CXOQ STATEK-CXOQ_10 Datasheet
2Mb / 2P
   One of the World?셲 Smallest and Highest Precision Crystal Oscillators
logo
TEMEX
RFPO45 TEMEX-RFPO45 Datasheet
407Kb / 2P
   The RFPO45 is from the world?셲 smallest and first
logo
Murata Manufacturing Co...
IRS-B340ST02 MURATA-IRS-B340ST02 Datasheet
1,001Kb / 20P
   Smallest and Thinnest in the World! Developing Surface Mount Smallest and Thinnest in the World! Developing Surface Mount
logo
TEMEX
RFPO40 TEMEX-RFPO40 Datasheet
260Kb / 2P
   The RFPO40 is from the world?셲 smallest and first ASIC.based OCXO product
logo
PIC GmbH
PLS-020A-3 PIC-PLS-020A-3 Datasheet
39Kb / 2P
   World?셲 smallest magnetic Level Sensor
PLS-020B-3 PIC-PLS-020B-3 Datasheet
39Kb / 2P
   World?셲 smallest magnetic Level Sensor
logo
Omron Electronics LLC
A165E OMRON-A165E Datasheet
1Mb / 12P
   Separate Construction with Smallest Class of Depth in the World
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com