Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33FJ128MC510 Datasheet(PDF) 3 Page - Microchip Technology

Part # DSPIC33FJ128MC510
Description  Silicon Errata
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ128MC510 Datasheet(HTML) 3 Page - Microchip Technology

  DSPIC33FJ128MC510 Datasheet HTML 1Page - Microchip Technology DSPIC33FJ128MC510 Datasheet HTML 2Page - Microchip Technology DSPIC33FJ128MC510 Datasheet HTML 3Page - Microchip Technology DSPIC33FJ128MC510 Datasheet HTML 4Page - Microchip Technology DSPIC33FJ128MC510 Datasheet HTML 5Page - Microchip Technology DSPIC33FJ128MC510 Datasheet HTML 6Page - Microchip Technology DSPIC33FJ128MC510 Datasheet HTML 7Page - Microchip Technology DSPIC33FJ128MC510 Datasheet HTML 8Page - Microchip Technology DSPIC33FJ128MC510 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
© 2006 Microchip Technology Inc.
DS80279B-page 3
dsPIC33F
2.
Module: 12-bit ADC
When the ADC module is configured for 12-bit
operation, the specifications in the data sheets are
not met.
Work around
Implement the ADC module as an 11-bit ADC with
a maximum conversion rate of 300 Ksps.
1. The specifications provided below reflect 11-bit
ADC operation. RIN source impedance is rec-
ommended as 200 ohms and sample time is
recommended as 3 TAD to ensure compatibility
on future enhanced ADC modules. Missing
codes are possible every 27 codes.
2. When used as a 10-bit ADC, the INL is <±2
LSBs, and DNL is <±1 LSB with no missing
codes. Maximum conversion rate is 300 Ksps.
TABLE 1:
ADC PERFORMANCE (11-BIT OPERATION)
Param No.
Symbol
Min
Typical
Max
Units
Conditions
AD17
RIN
200
Ohm
12-bit
ADC Accuracy – Measurements taken with External VREF+/VREF-
AD20a
Nr
12 bits
Bits
AD21a
INL
-2
2
LSB
AD22a
DNL
-1.5
1
LSB
AD23a
GERR
1
5
10
LSB
AD24a
EOFF
1
3
6
LSB
ADC Accuracy – Measurements taken with Internal VREF+/VREF-
AD21aa
INL
-2
2
LSB
AD22aa
DNL
-1.5
1
LSB
AD23aa
GERR
5
10
20
LSB
AD24aa
EOFF
3
6
15
LSB
Dynamic Performance
AD33a
FNYQ
150
KHz
AD34a
ENOB
9.5
9.6
10.4
Bits
ADC Conversion Rate
AD56a
FCNV
300
Ksps
AD57a
TSAMP
3 TAD
——


Similar Part No. - DSPIC33FJ128MC510

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSPIC33FJ128MC510 MICROCHIP-DSPIC33FJ128MC510 Datasheet
988Kb / 80P
   Flash Programming Specification
2007
DSPIC33FJ128MC510 MICROCHIP-DSPIC33FJ128MC510 Datasheet
5Mb / 340P
   16-Bit Digital Signal Controllers
02/04/09
DSPIC33FJ128MC510 MICROCHIP-DSPIC33FJ128MC510 Datasheet
5Mb / 340P
   High-Performance, 16-Bit Digital Signal Controllers
02/04/09
DSPIC33FJ128MC510A MICROCHIP-DSPIC33FJ128MC510A Datasheet
2Mb / 374P
   16-bit Digital Signal Controllers up to 256 KB Flash and30 KB SRAM with Motor Control and Advanced Analog
11/29/11
More results

Similar Description - DSPIC33FJ128MC510

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSPIC33FJXXXGPXXX MICROCHIP-DSPIC33FJXXXGPXXX Datasheet
164Kb / 6P
    Silicon Errata
2006
logo
Texas Instruments
TMS320F28335_1104 TI-TMS320F28335_1104 Datasheet
188Kb / 18P
[Old version datasheet]   Silicon Errata
logo
Microchip Technology
DSPIC33FJ12GP201 MICROCHIP-DSPIC33FJ12GP201 Datasheet
269Kb / 6P
   Silicon Errata
2007
PIC16C641 MICROCHIP-PIC16C641 Datasheet
67Kb / 4P
   Silicon Errata Sheet
1998 - 1999
PIC16F62X MICROCHIP-PIC16F62X_02 Datasheet
282Kb / 20P
   Silicon/Data Sheet Errata
2002
logo
Texas Instruments
MSP53C391 TI-MSP53C391 Datasheet
24Kb / 2P
[Old version datasheet]   ERRATA
logo
Microchip Technology
PIC16C717 MICROCHIP-PIC16C717_02 Datasheet
81Kb / 6P
   C Silicon/Data Sheet Errata
2002
logo
M/A-COM Technology Solu...
500102D MA-COM-500102D_15 Datasheet
22Kb / 2P
   Errata
28320-ERR-001-A MA-COM-28320-ERR-001-A_15 Datasheet
29Kb / 1P
   Errata
logo
Microchip Technology
PIC10F222-IP MICROCHIP-PIC10F222-IP Datasheet
179Kb / 6P
   PIC10F220/222 Rev. A Silicon Errata
02/16/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com