Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8776K Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA8776K
Description  10-bit, 500 Msps Digital-to-Analog Converter DAC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8776K Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA8776K Datasheet HTML 1Page - NXP Semiconductors TDA8776K Datasheet HTML 2Page - NXP Semiconductors TDA8776K Datasheet HTML 3Page - NXP Semiconductors TDA8776K Datasheet HTML 4Page - NXP Semiconductors TDA8776K Datasheet HTML 5Page - NXP Semiconductors TDA8776K Datasheet HTML 6Page - NXP Semiconductors TDA8776K Datasheet HTML 7Page - NXP Semiconductors TDA8776K Datasheet HTML 8Page - NXP Semiconductors TDA8776K Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
1996 Jun 04
5
Philips Semiconductors
Product specification
10-bit, 500 Msps Digital-to-Analog
Converter (DAC)
TDA8776
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
HANDLING
Inputs and outputs are protected against electrostatic discharges in normal handling. However, to be totally safe, it is
desirable to take normal precautions appropriate to handling integrated circuits.
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VEEA
analog supply voltage
−7.0
±0.3
V
VEED
digital supply voltage
−7.0
±0.3
V
VEEI
input stages digital supply voltage
−7.0
±0.3
V
VEEA − VEED
supply voltage differential
−0.5
+0.5
V
AGND
− DGND
ground voltage differential
−0.1
+0.1
V
VI
input voltage
VEEI
±0.3
V
IOUT/IOUT
total output current
ZL =50 Ω−5
+50
mA
Tstg
storage temperature
−55
+150
°C
Tamb
operating ambient temperature
0
+70
°C
Tj
junction temperature
+150
°C
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient in free air
55 (typ.)
K/W


Similar Part No. - TDA8776K

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8776A PHILIPS-TDA8776A Datasheet
150Kb / 20P
   10-bit, 1000 Msps Digital-to-Analog Converter DAC
1996 Jun 04
TDA8776AK PHILIPS-TDA8776AK Datasheet
150Kb / 20P
   10-bit, 1000 Msps Digital-to-Analog Converter DAC
1996 Jun 04
More results

Similar Description - TDA8776K

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8776A PHILIPS-TDA8776A Datasheet
150Kb / 20P
   10-bit, 1000 Msps Digital-to-Analog Converter DAC
1996 Jun 04
logo
Texas Instruments
ADS5463 TI-ADS5463 Datasheet
1Mb / 25P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5463 TI-ADS5463_08 Datasheet
1Mb / 37P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5463 TI-ADS5463_07 Datasheet
1Mb / 27P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5463-EP TI1-ADS5463-EP Datasheet
1Mb / 33P
[Old version datasheet]   12-BIT, 500-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5463-EP TI1-ADS5463-EP_14 Datasheet
1Mb / 32P
[Old version datasheet]   12-BIT, 500-MSPS ANALOG-TO-DIGITAL CONVERTER
DAC5687IPZPR TI-DAC5687IPZPR Datasheet
2Mb / 79P
[Old version datasheet]   16-BIT, 500 MSPS 2?? INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC3174 TI-DAC3174_15 Datasheet
723Kb / 41P
[Old version datasheet]   Dual 14-bit 500 MSPS Digital to Analog Converter
DAC3174 TI-DAC3174 Datasheet
779Kb / 40P
[Old version datasheet]   Dual 14-bit 500 MSPS Digital to Analog Converter
DAC900-Q1 TI1-DAC900-Q1 Datasheet
695Kb / 26P
[Old version datasheet]   10-BIT 165-MSPS DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com