Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GE01N60 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GE01N60
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GE01N60 Datasheet(HTML) 1 Page - GTM CORPORATION

  GE01N60 Datasheet HTML 1Page - GTM CORPORATION GE01N60 Datasheet HTML 2Page - GTM CORPORATION GE01N60 Datasheet HTML 3Page - GTM CORPORATION GE01N60 Datasheet HTML 4Page - GTM CORPORATION GE01N60 Datasheet HTML 5Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
GE01N60
Page: 1/5
ISSUED DATE :2005/01/27
REVISED DATE :
G
G E
E 0011N
N 6600
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
Description
The GE01N60 provide the designer with the best combination of fast switching.
The TO-220 package is universally preferred for all commercial-industrial applications. The device is suited for
DC-DC, DC-AC converters for telecom, industrial and consumer environment.
Features
*Dynamic dv/dt Rating
*Simple Drive Requirement
*Repetitive Avalanche Rated
*Fast Switching
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.40
4.80
c1
1.25
1.45
b
0.76
1.00
b1
1.17
1.47
c
0.36
0.50
L
13.25
14.25
D
8.60
9.00
e
2.54 REF.
E
9.80
10.4
L1
2.60
2.89
L4
14.7
15.3
Ø
3.71
3.96
L5
6.20
6.60
A1
2.60
2.80
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
600
V
Gate-Source Voltage
VGS
f 20
V
Continuous Drain Current , VGS@10V
ID @TC=25 :
1.6
A
Continuous Drain Current , VGS@10V
ID @TC=100 :
1
A
Pulsed Drain Current1,
IDM
6
A
Total Power Dissipation
PD @TC=25 :
39
W
Linear Derating Factor
0.31
W/
Single Pulse Avalanche Energy2
EAS
13
mJ
Avalanche Current
IAR
1.6
A
Repetitive Avalanche Energy
EAR
0.5
mJ
Operating Junction and Storage Temperature Range
Tj, Tstg
-55 ~ +150
Thermal Data
Parameter
Symbol
Value
Unit
Thermal Resistance Junction-case
Max.
Rthj-c
3.2
/W
Thermal Resistance Junction-ambient
Max.
Rthj-a
62
/W
BVDSS
600V
RDS(ON)
8
ID
1.6A
Pb Free Plating Product


Similar Part No. - GE01N60

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GE01N60 ETL-GE01N60 Datasheet
297Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - GE01N60

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com