Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8776AK Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA8776AK
Description  10-bit, 1000 Msps Digital-to-Analog Converter DAC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8776AK Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA8776AK Datasheet HTML 3Page - NXP Semiconductors TDA8776AK Datasheet HTML 4Page - NXP Semiconductors TDA8776AK Datasheet HTML 5Page - NXP Semiconductors TDA8776AK Datasheet HTML 6Page - NXP Semiconductors TDA8776AK Datasheet HTML 7Page - NXP Semiconductors TDA8776AK Datasheet HTML 8Page - NXP Semiconductors TDA8776AK Datasheet HTML 9Page - NXP Semiconductors TDA8776AK Datasheet HTML 10Page - NXP Semiconductors TDA8776AK Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
1996 Jun 04
7
Philips Semiconductors
Product specification
10-bit, 1000 Msps Digital-to-Analog
Converter (DAC)
TDA8776A
Notes
1. D0 to D9 connected to either HIGH or LOW level, CLK is HIGH and CLK is LOW.
2. The analog output voltages (VOUT and VOUT) are negative with respect to AGND (see Table 1). The external output
resistance between AGND and each of these outputs is typically 50
Ω.
3. Due to on-chip regulator behaviour a warm-up time is necessary to reach optimal performances; a typical time is
1 minute.
4. Devices with higher SFDR (min.) can be delivered on special request.
5. The worst case characteristics are obtained at the transition from input code 0 to 1023 and if an external load
impedance greater than 50
Ω is connected between VOUT or VOUT and AGND in parallel with the external 50 Ω load.
The specified values have been measured directly on a 50
Ω load between VOUT and AGND. No further load
impedance between VOUT and AGND has been applied. All input data is latched at the falling edge of the clock.
6. The data set-up (tSU;DAT) is the minimum period preceding the falling edge of the clock that the input data must be
stable in order to be correctly registered. A negative set-up time indicates that the data may be initiated after the
falling edge of the clock and still be recognized. The data hold time (tHD;DAT) is the minimum period following the
falling edge of the clock that the input data must be stable in order to be correctly registered. A negative hold time
indicates that the data may be released prior to the falling edge of the clock and still be recognized.
7. The definition of glitch energy and the measurement set-up are shown in Fig.10. The glitch energy is measured at
the input transition between code 511 to 512.
Table 1
Input coding and DAC output voltages (typical values; referenced to AGND regardless of the offset voltage)
Switching characteristics (fclk = 1000 MHz); notes 5 and 6; see Figs 8 and 9
tSU;DAT
data set-up time
400
500
ps
tHD;DAT
data hold time
100
150
ps
tPD
propagation delay time
0.8
0.9
ns
tS1
settling time
10% to 90% full scale
0.5
ns
tS2
settling time
change to
±1 LSB
2.0
ns
td
input to 50% output delay time
1.4
1.5
ns
Output transients; glitches (fclk = 1000 MHz); note 7; see Fig.10
Eg
differential glitch energy from code
transition 511 to 512
12pV.s
CODE
BINARY INPUT DATA
DAC OUTPUT
VOLTAGES (V)
ZL =50 Ω
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
VOUT
VOUT
0
0000000000
0
−1.0
1
0000000001
−0.0010
−0.9990
.
..........
.
.
512
1000000000
−0.5
−0.5
.
..........
.
.
1022
1111111110
−0.9990
−0.0010
1023
1111111111
−1.0
0
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Similar Part No. - TDA8776AK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8776 PHILIPS-TDA8776 Datasheet
153Kb / 20P
   10-bit, 500 Msps Digital-to-Analog Converter DAC
1996 Jun 04
TDA8776K PHILIPS-TDA8776K Datasheet
153Kb / 20P
   10-bit, 500 Msps Digital-to-Analog Converter DAC
1996 Jun 04
More results

Similar Description - TDA8776AK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8776 PHILIPS-TDA8776 Datasheet
153Kb / 20P
   10-bit, 500 Msps Digital-to-Analog Converter DAC
1996 Jun 04
logo
Texas Instruments
DAC900-Q1 TI1-DAC900-Q1 Datasheet
695Kb / 26P
[Old version datasheet]   10-BIT 165-MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
ADS1610 BURR-BROWN-ADS1610_07 Datasheet
666Kb / 26P
   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS1610 BURR-BROWN-ADS1610 Datasheet
937Kb / 28P
   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
DAC900-Q1 TI-DAC900-Q1_15 Datasheet
720Kb / 29P
[Old version datasheet]   10-BIT 165-MSPS DIGITAL-TO-ANALOG CONVERTER
ADS1610 TI1-ADS1610_14 Datasheet
1Mb / 30P
[Old version datasheet]   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD9125 AD-AD9125 Datasheet
889Kb / 56P
   Dual, 16-Bit, 1000 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
logo
Texas Instruments
DAC5652-EP TI-DAC5652-EP_15 Datasheet
636Kb / 28P
[Old version datasheet]   DUAL 10-BIT, 200 MSPS, DIGITAL-TO-ANALOG CONVERTER
DAC5652A TI1-DAC5652A_18 Datasheet
1Mb / 34P
[Old version datasheet]   Dual, 10-Bit, 275-MSPS Digital-to-Analog Converter
DAC5652 TI1-DAC5652 Datasheet
642Kb / 27P
[Old version datasheet]   DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com