Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCE949PWRG4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE949PWRG4
Description  Programmable 4-PLL VCXO Clock Synthesizer with 1.8V, 2.5V and 3.3V LVCMOS Outputs
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE949PWRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CDCE949PWRG4 Datasheet HTML 2Page - Texas Instruments CDCE949PWRG4 Datasheet HTML 3Page - Texas Instruments CDCE949PWRG4 Datasheet HTML 4Page - Texas Instruments CDCE949PWRG4 Datasheet HTML 5Page - Texas Instruments CDCE949PWRG4 Datasheet HTML 6Page - Texas Instruments CDCE949PWRG4 Datasheet HTML 7Page - Texas Instruments CDCE949PWRG4 Datasheet HTML 8Page - Texas Instruments CDCE949PWRG4 Datasheet HTML 9Page - Texas Instruments CDCE949PWRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
www.ti.com
DEVICE CHARACTERISTICS (Continued)
CDCE949
CDCEL949
SCAS844 – JUNE 2007
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
CDCE949 – LVCMOS PARAMETER FOR VDDOUT = 3.3 V – MODE
VDDOUT = 3 V, IOH = –0.1 mA
2.9
VOH
LVCMOS high-level output voltage
VDDOUT = 3 V, IOH = –8 mA
2.4
V
VDDOUT = 3 V, IOH = –12 mA
2.2
VDDOUT = 3 V, IOL = 0.1 mA
0.1
VOL
LVCMOS low-level output voltage
VDDOUT = 3 V, IOL = 8 mA
0.5
V
VDDOUT = 3 V, IOL = 12 mA
0.8
tPLH,
Propagation delay
PLL bypass
3.2
ns
tPHL
tr/tf
Rise and fall time
VDDOUT = 3.3 V (20%–80%)
0.6
ns
1 PLL switching, Y2-to-Y3
60
90
tjit(cc)
Cycle-to-cycle jitter(2)(3)
ps
4 PLLs switching, Y2-to-Y9
120
170
1 PLL switching, Y2-to-Y3
70
100
tjit(per)
Peak-to-peak period jitter (2)(3)
ps
4 PLLs switching, Y2-to-Y9
130
180
fOUT = 50 MHz; Y1-to-Y3
60
tsk(o)
Output skew(4)
ps
fOUT = 50 MHz; Y2-to-Y5 or Y6-to-Y9
160
odc
Output duty cycle(5)
fVCO = 100 MHz; Pdiv = 1
45
55
%
CDCE949 – LVCMOS PARAMETER FOR VDDOUT = 2.5 V – MODE
VDDOUT = 2.3 V, IOH = –0.1 mA
2.2
VOH
LVCMOS high-level output voltage
VDDOUT = 2.3 V, IOH = –6 mA
1.7
V
VDDOUT = 2.3 V, IOH = –10 mA
1.6
VDDOUT = 2.3 V, IOL = 0.1 mA
0.1
VOL
LVCMOS low-level output voltage
VDDOUT = 2.3 V, IOL = 6 mA
0.5
V
VDDOUT = 2.3 V, IOL = 10 mA
0.7
tPLH,
Propagation delay
PLL bypass
3.4
ns
tPHL
tr/tf
Rise and fall time
VDDOUT = 2.5 V (20%–80%)
0.8
ns
1 PLL switching, Y2-to-Y3
60
90
ps
tjit(cc)
Cycle-to-cycle jitter (2)(3)
4 PLLs switching, Y2-to-Y9
120
170
1 PLL switching, Y2-to-Y3
70
100
ps
tjit(per)
Peak-to-peak period jitter (2)(3)
4 PLLs switching, Y2-to-Y9
130
180
fOUT = 50 MHz; Y1-to-Y3
60
tsk(o)
Output skew(4)
ps
fOUT = 50 MHz; Y2-to-Y5 or Y6-to-Y9
160
odc
Output duty cycle(5)
fVCO = 100 MHz; Pdiv = 1
45
55
%
(1)
All typical values are at respective nominal VDD.
(2)
10000 cycles.
(3)
Jitter depends on device configuration. Data is taken under the following conditions: 1-PLL: fIN = 27 MHz, Y2/3 = 27 MHz, (measured at
Y2), 4-PLL: fIN = 27 MHz, Y2/3 = 27 MHz, (manured at Y2), Y4/5 = 16.384 MHz, Y6/7 = 74.25 MHz, Y8/9 = 48 MHz.
(4)
The tsk(o) specification is only valid for equal loading of each bank of outputs and outputs are generated from the same divider; data
sampled on rising edge (tr).
(5)
odc depends on output rise- and fall-time (tr/tf).
6
Submit Documentation Feedback


Similar Part No. - CDCE949PWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE949PWRG4 TI-CDCE949PWRG4 Datasheet
522Kb / 31P
[Old version datasheet]   Programmable 4-PLL VCXO Clock Synthesizer with 1.8V, 2.5V and 3.3V LVCMOS Outputs
More results

Similar Description - CDCE949PWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE949 TI-CDCE949_10 Datasheet
522Kb / 31P
[Old version datasheet]   Programmable 4-PLL VCXO Clock Synthesizer with 1.8V, 2.5V and 3.3V LVCMOS Outputs
CDCE949-Q1 TI1-CDCE949-Q1 Datasheet
717Kb / 32P
[Old version datasheet]   PROGRAMMABLE 4-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-,V and 3.3-V LVCMOS OUTPUTS
CDCE925 TI-CDCE925 Datasheet
485Kb / 27P
[Old version datasheet]   PROGRAMMABLE 2-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-V and 3.3-V LVCMOS OUTPUTS
CDCE937 TI-CDCE937_10 Datasheet
481Kb / 30P
[Old version datasheet]   Programmable 3-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V and 3.3-V LVCMOS Outputs
CDCE937-Q1 TI1-CDCE937-Q1 Datasheet
688Kb / 30P
[Old version datasheet]   PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-V, AND 3.3-V LVCMOS OUTPUTS
CDCE937-Q1 TI1-CDCE937-Q1_15 Datasheet
902Kb / 30P
[Old version datasheet]   PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER
CDCE913 TI1-CDCE913_15 Datasheet
1Mb / 35P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer
CDCE913-Q1 TI1-CDCE913-Q1 Datasheet
897Kb / 27P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer
logo
Integrated Device Techn...
MPC9600AE IDT-MPC9600AE Datasheet
384Kb / 15P
   Low Voltage, 2.5V and 3.3V LVCMOS PLL Clock Driver
logo
Integrated Circuit Syst...
ICS271 ICST-ICS271 Datasheet
170Kb / 8P
   Triple PLL Field Programmable VCXO Clock Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com