Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8780M Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA8780M
Description  True logarithmic amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8780M Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA8780M Datasheet HTML 5Page - NXP Semiconductors TDA8780M Datasheet HTML 6Page - NXP Semiconductors TDA8780M Datasheet HTML 7Page - NXP Semiconductors TDA8780M Datasheet HTML 8Page - NXP Semiconductors TDA8780M Datasheet HTML 9Page - NXP Semiconductors TDA8780M Datasheet HTML 10Page - NXP Semiconductors TDA8780M Datasheet HTML 11Page - NXP Semiconductors TDA8780M Datasheet HTML 12Page - NXP Semiconductors TDA8780M Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
1995 Jul 25
9
Philips Semiconductors
Product specification
True logarithmic amplifier
TDA8780M
APPLICATION INFORMATION
The circuit is typically connected as shown in Fig.6. The
single-ended 10.7 MHz input IF signal is applied
(arbitrarily) to one of the two input pins via a ceramic filter.
These inputs should not be DC coupled as this will disable
the on-chip feedback which sets the DC operating point of
the true logarithmic amplifier. The relatively high
impedance of these inputs facilitates correct termination of
the ceramic filter by an off-chip resistor.
The low-frequency cut-off point is determined by the value
of capacitors connected to pins 6 and 15 which decouple
the overall DC feedback and the value of the input coupling
capacitors. The output is coupled to an analog-to-digital
converter thus the value of the voltage fed to the reference
voltage input is not critical. It could be useful in other
applications, where the output may be DC coupled to an
alternative analog-to-digital converter, to derive this
reference voltage from the centre of the input resistor
chain of the analog-to-digital converter.
Fig.6 Typical application diagram.
handbook, full pagewidth
100 pF
100 pF
33 pF
56 pF
100 pF
56 pF
330
3.3 k
R g
C lf
C lf
V ref
Vout
VP
C DEC1
C DEC2
Vin
Vin
GND1
Rg
IF input
IF filter 10.7 MHz
GND2
GND4
GND5
CE
TEST
GND3
2.5 V
circuit
enable
input
n.c.
n.c.
TDA8780M
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
5 V
47 nF
2.2 nF
output to
ADC
MGC117


Similar Part No. - TDA8780M

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8783 PHILIPS-TDA8783 Datasheet
110Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Jun 25
TDA8783H PHILIPS-TDA8783H Datasheet
110Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Jun 25
TDA8783HL PHILIPS-TDA8783HL Datasheet
110Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Jun 25
TDA8783HL NXP-TDA8783HL Datasheet
111Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
2002 Oct 23
TDA8783HLBE-T NXP-TDA8783HLBE-T Datasheet
111Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
2002 Oct 23
More results

Similar Description - TDA8780M

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
4127 BURR-BROWN-4127 Datasheet
510Kb / 8P
   LOGARITHMIC AMPLIFIER
logo
Texas Instruments
TL441AM TI-TL441AM_06 Datasheet
246Kb / 15P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441CN TI-TL441CN Datasheet
563Kb / 20P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441-EP TI1-TL441-EP Datasheet
576Kb / 18P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441AM TI-TL441AM Datasheet
233Kb / 14P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441A TI1-TL441A Datasheet
257Kb / 15P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441 TI-TL441 Datasheet
226Kb / 15P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441-EP TI1-TL441-EP_14 Datasheet
800Kb / 19P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
logo
Analog Devices
AD8306ARZ AD-AD8306ARZ Datasheet
401Kb / 16P
   Limiting-Logarithmic Amplifier
REV. A
AD641 AD-AD641 Datasheet
256Kb / 16P
   250 MHz Demodulating Logarithmic Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com