Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1315EN-33+T Datasheet(PDF) 10 Page - Dallas Semiconductor

Part # DS1315EN-33+T
Description  Phantom Time Chip
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1315EN-33+T Datasheet(HTML) 10 Page - Dallas Semiconductor

Back Button DS1315EN-33+T Datasheet HTML 6Page - Dallas Semiconductor DS1315EN-33+T Datasheet HTML 7Page - Dallas Semiconductor DS1315EN-33+T Datasheet HTML 8Page - Dallas Semiconductor DS1315EN-33+T Datasheet HTML 9Page - Dallas Semiconductor DS1315EN-33+T Datasheet HTML 10Page - Dallas Semiconductor DS1315EN-33+T Datasheet HTML 11Page - Dallas Semiconductor DS1315EN-33+T Datasheet HTML 12Page - Dallas Semiconductor DS1315EN-33+T Datasheet HTML 13Page - Dallas Semiconductor DS1315EN-33+T Datasheet HTML 14Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
DS1315 Phantom Time Chip
10 of 22
DC POWER DOWN ELECTRICAL CHARACTERISTICS
(0°C to 70°C; VCC < 4.5V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
CEO
Output Voltage
VCEO
VCCI-0.2
or
VBAT1,2
-0.2
V
8
VBAT1 or VBAT2 Battery
Current
IBAT
0.5
µA
6
Battery Backup Current
@ VCCO = VBAT-0.2V
ICCO2
10
µA
9
AC ELECTRICAL OPERATING CHARACTERISTICS
ROM/RAM = GND
(0°C to 70°C; VCC = 5.0 ± 10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Read Cycle Time
tRC
65
ns
CEI
Access Time
tCO
55
ns
OE
Access Time
tOE
55
ns
CEI
to Output Low Z
tCOE
5
ns
OE
to Output Low Z
tOEE
5
ns
CEI
to Output High Z
tOD
25
ns
OE
to Output High Z
tODO
25
ns
Read Recovery
tRR
10
ns
Write Cycle
tWC
65
ns
Write Pulse Width
tWP
55
ns
Write Recovery
tWR
10
ns
4
Data Setup
tDS
30
ns
5
Data Hold Time
tDH
0
ns
5
CEI
Pulse Width
tCW
55
ns
OE
Pulse Width
tOW
55
ns
RST
Pulse Width
tRST
65
ns


Similar Part No. - DS1315EN-33+T

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1315EN-33 DALLAS-DS1315EN-33 Datasheet
523Kb / 21P
   Phantom Time Chip
More results

Similar Description - DS1315EN-33+T

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1215 DALLAS-DS1215 Datasheet
113Kb / 15P
   Phantom Time Chip
DS1315 DALLAS-DS1315 Datasheet
523Kb / 21P
   Phantom Time Chip
logo
Maxim Integrated Produc...
DS1315 MAXIM-DS1315 Datasheet
649Kb / 21P
   Phantom Time Chip
Rev 11/11
logo
Champion Microelectroni...
CM03X CHAMP-CM03X Datasheet
274Kb / 5P
   REMOVE PHANTOM POWER
logo
Tripp Lite. All Rights ...
0SU52016 TRIPPLITE-0SU52016 Datasheet
484Kb / 3P
   Phantom MXII Multi-User Unit for Universal Phantom Manager
logo
Dallas Semiconductor
DS2404 DALLAS-DS2404 Datasheet
663Kb / 28P
   EconoRAM Time Chip
logo
STMicroelectronics
M41T315Y STMICROELECTRONICS-M41T315Y_07 Datasheet
241Kb / 30P
   Serial access phantom RTC supervisor
logo
Laird Tech Smart Techno...
GPSD4503P LSTD-GPSD4503P Datasheet
904Kb / 1P
   Phantom Low Profile Dual Band
logo
STMicroelectronics
M41T315Y STMICROELECTRONICS-M41T315Y Datasheet
404Kb / 24P
   Serial Access Phantom RTC Supervisor
logo
Laird Tech Smart Techno...
FHQ69273CE LSTD-FHQ69273CE Datasheet
305Kb / 2P
   The Laird Phantom Fin multiband
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com