Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GE630 Datasheet(PDF) 2 Page - GTM CORPORATION

Part # GE630
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GE630 Datasheet(HTML) 2 Page - GTM CORPORATION

  GE630 Datasheet HTML 1Page - GTM CORPORATION GE630 Datasheet HTML 2Page - GTM CORPORATION GE630 Datasheet HTML 3Page - GTM CORPORATION GE630 Datasheet HTML 4Page - GTM CORPORATION GE630 Datasheet HTML 5Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
GE630
Page: 2/5
ISSUED DATE :2005/06/24
REVISED DATE :
Electrical Characteristics(Tj = 25
Unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Drain-Source Breakdown Voltage
BVDSS
200
-
-
V
VGS=0, ID=1mA
Breakdown Voltage Temperature Coefficient
BVDSS /
Tj
-
0.248
-
V/ :
Reference to 25 : , ID=1mA
Gate Threshold Voltage
VGS(th)
2.0
-
4.0
V
VDS=VGS, ID=250uA
Forward Transconductance
gfs
-
40
-
S
VDS=10V, ID=5A
Gate-Source Leakage Current
IGSS
-
-
D100
nA
VGS= D30V
Drain-Source Leakage Current(Tj=25 : )
-
-
10
uA
VDS=200V, VGS=0
Drain-Source Leakage Current(Tj=150 : )
IDSS
-
-
100
uA
VDS=160V, VGS=0
Static Drain-Source On-Resistance
RDS(ON)
-
-
400
m Ł
VGS=10V, ID=5A
Total Gate Charge3
Qg
-
25
-
Gate-Source Charge
Qgs
-
3.6
-
Gate-Drain (“Miller”) Change
Qgd
-
14
-
nC
ID=9A
VDS=160V
VGS=10V
Turn-on Delay Time3
Td(on)
-
8
-
Rise Time
Tr
-
26
-
Turn-off Delay Time
Td(off)
-
34
-
Fall Time
Tf
-
22
-
ns
VDS=100V
ID=9A
VGS=10V
RG=10 Ł
RD=11 Ł
Input Capacitance
Ciss
-
515
-
Output Capacitance
Coss
-
90
-
Reverse Transfer Capacitance
Crss
-
40
-
pF
VGS=0V
VDS=25V
f=1.0MHz
Source-Drain Diode
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Forward On Voltage3
VSD
-
-
1.3
V
IS=9A, VGS=0V, Tj=25 :
Continuous Source Current (Body Diode)
IS
-
-
9
A
VD=VG=0V, VS=1.3V
Pulsed Source Current (Body Diode)
1
ISM
-
-
36
A
Notes: 1. Pulse width limited by safe operating area.
2. Staring Tj=25 : , VDD=50V, L=4.5mH, RG=25 Ł , IAS=9A.
3. Pulse width 300us, duty cycle 2%.


Similar Part No. - GE630

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GE630 ETL-GE630 Datasheet
303Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - GE630

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com