Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1186-1.8VCT713 Datasheet(PDF) 10 Page - Microchip Technology

Part # TC1186-1.8VCT713
Description  50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and ERROR Output
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1186-1.8VCT713 Datasheet(HTML) 10 Page - Microchip Technology

Back Button TC1186-1.8VCT713 Datasheet HTML 6Page - Microchip Technology TC1186-1.8VCT713 Datasheet HTML 7Page - Microchip Technology TC1186-1.8VCT713 Datasheet HTML 8Page - Microchip Technology TC1186-1.8VCT713 Datasheet HTML 9Page - Microchip Technology TC1186-1.8VCT713 Datasheet HTML 10Page - Microchip Technology TC1186-1.8VCT713 Datasheet HTML 11Page - Microchip Technology TC1186-1.8VCT713 Datasheet HTML 12Page - Microchip Technology TC1186-1.8VCT713 Datasheet HTML 13Page - Microchip Technology TC1186-1.8VCT713 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
TC1054/TC1055/TC1186
DS21350D-page 10
© 2007 Microchip Technology Inc.
5.0
THERMAL CONSIDERATIONS
5.1
Thermal Shutdown
Integrated thermal protection circuitry shuts the
regulator off when die temperature exceeds 160°C.
The regulator remains off until the die temperature
drops to approximately 150°C.
5.2
Power Dissipation
The amount of power the regulator dissipates is
primarily a function of input voltage, output voltage and
output current. The following equation is used to
calculate worst case actual power dissipation:
EQUATION 5-1:
The
maximum
allowable
power
dissipation
(Equation 5-2) is a function of the maximum ambient
temperature (TAMAX), the maximum allowable die
temperature (TJMAX) and the thermal resistance from
junction-to-air (
θJA). The 5-Pin SOT-23 package has a
θJA of approximately 220°C/Watt.
EQUATION 5-2:
Equation 5-1 can be used in conjunction with
Equation 5-2 to ensure regulator thermal operation is
within limits.
For example:
Actual power dissipation:
Maximum allowable power dissipation:
In this example, the TC1054 dissipates a maximum of
20.7 mW; below the allowable limit of 318 mW. In a
similar manner, Equation 5-1 and Equation 5-2 can be
used to calculate maximum current and/or input
voltage limits.
5.3
Layout Considerations
The primary path of heat conduction out of the package
is via the package leads. Therefore, layouts having a
ground plane, wide traces at the pads and wide power
supply bus lines combine to lower
θJA and, therefore,
increase the maximum allowable power dissipation
limit.
Where:
PD
VINMAX
VOUTMIN
ILOADMAX
= Worst case actual power dissipation
= Minimum regulator output voltage
= Maximum output (load) current
= Maximum voltage on VIN
PD
VINMAX VOUTMIN
()I
LOADMAX
Where all terms are previously defined.
PDMAX
TJMAX TAMAX
()
θ
JA
--------------------------------------------
=
Given:
VINMAX
= 3.0V +5%
VOUTMIN
= 2.7V – 2.5%
ILOADMAX
= 40 mA
TJMAX
= +125°C
TAMAX
= +55°C
Find:
1.
Actual power dissipation
2.
Maximum allowable dissipation
PD
VINMAX VOUTMIN
()I
LOADMAX
3.0 1.05
×
()
2.7 0.975
×
()
[]40 10
-3
×
=
20.7mW
=
PDMAX
TJMAX TAMAX
()
θ
JA
--------------------------------------------
=
125 55
()
220
-------------------------
=
318mW
=


Similar Part No. - TC1186-1.8VCT713

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1186-1.8VCT713 MICROCHIP-TC1186-1.8VCT713 Datasheet
456Kb / 20P
   50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and ERROR Output
11/29/12
More results

Similar Description - TC1186-1.8VCT713

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC2054 MICROCHIP-TC2054_06 Datasheet
943Kb / 18P
   50 mA, 100 mA, and 150 mA CMOS LDOs with Shutdown and Error Output
2006
TC1054 MICROCHIP-TC1054_12 Datasheet
456Kb / 20P
   50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and ERROR Output
11/29/12
TC2054 MICROCHIP-TC2054_09 Datasheet
442Kb / 22P
   50 mA, 100 mA, and 150 mA CMOS LDOs with Shutdown and Error Output
2009
TC1014 MICROCHIP-TC1014_07 Datasheet
705Kb / 22P
   50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and Reference Bypass
2007
TC2014 MICROCHIP-TC2014_06 Datasheet
894Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
2006
TC2185-3.3VCTTR MICROCHIP-TC2185-3.3VCTTR Datasheet
897Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
02/16/06
TC2014 MICROCHIP-TC2014_13 Datasheet
371Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
2001-2012 11/29/12
TC2014 MICROCHIP-TC2014 Datasheet
362Kb / 18P
   50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
2003
TC2185-50VCTTR MICROCHIP-TC2185-50VCTTR Datasheet
827Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with
02/16/06
TC2015-50VCTTR MICROCHIP-TC2015-50VCTTR Datasheet
827Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with
02/16/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com