Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2746 Datasheet(PDF) 8 Page - Dallas Semiconductor

Part # DS2746
Description  Low-Cost 2-Wire Battery Monitor with Ratiometric A/D Inputs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2746 Datasheet(HTML) 8 Page - Dallas Semiconductor

Back Button DS2746 Datasheet HTML 4Page - Dallas Semiconductor DS2746 Datasheet HTML 5Page - Dallas Semiconductor DS2746 Datasheet HTML 6Page - Dallas Semiconductor DS2746 Datasheet HTML 7Page - Dallas Semiconductor DS2746 Datasheet HTML 8Page - Dallas Semiconductor DS2746 Datasheet HTML 9Page - Dallas Semiconductor DS2746 Datasheet HTML 10Page - Dallas Semiconductor DS2746 Datasheet HTML 11Page - Dallas Semiconductor DS2746 Datasheet HTML 12Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
DS2746 Low-Cost 2-Wire Battery Monitor
8 of 16
Figure 5. Measurement Timing
VOLTAGE MEASUREMENT
Battery voltage is measured at the VIN input with respect to VSS over a range of 0V to 4.997V and with a resolution
of 2.44mV. The result is updated every 660ms with the average voltage over the last 220ms and placed in the
VOLTAGE register in two’s compliment form. Voltages above the maximum register value are reported as 7FFFh.
Figure 6. Voltage Register Format
MSB—Address 0Ch
LSB—Address 0Dh
S
210 29
28
27
26
25
24
23
22
21
20
X
X
X
X
MSb
LSb
MSb
LSb
“S”: sign bit(s), “X”: reserved
Units: 2.44mV
The input impedance of VIN is sufficiently large (>15MΩ) to be connected to a high impedance voltage divider in
order to support multiple cell applications. The pack voltage should be divided by the number of series cells to
present a single cell average voltage to the VIN input.


Similar Part No. - DS2746

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DS2746 VISHAY-DS2746 Datasheet
278Kb / 15P
   Low-Cost 2-Wire Battery Monitor with Ratiometric A/D Inputs
REV: 122706
logo
Maxim Integrated Produc...
DS2746 MAXIM-DS2746 Datasheet
306Kb / 17P
   Low-Cost 2-Wire Battery Monitor with Ratiometric A/D Inputs
5/09
logo
Vishay Siliconix
DS2746G++ VISHAY-DS2746G+ Datasheet
278Kb / 15P
   Low-Cost 2-Wire Battery Monitor with Ratiometric A/D Inputs
REV: 122706
logo
Maxim Integrated Produc...
DS2746G++ MAXIM-DS2746G+ Datasheet
306Kb / 17P
   Low-Cost 2-Wire Battery Monitor with Ratiometric A/D Inputs
5/09
logo
Vishay Siliconix
DS2746G+TANDR VISHAY-DS2746G+TANDR Datasheet
278Kb / 15P
   Low-Cost 2-Wire Battery Monitor with Ratiometric A/D Inputs
REV: 122706
More results

Similar Description - DS2746

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DS2746 VISHAY-DS2746 Datasheet
278Kb / 15P
   Low-Cost 2-Wire Battery Monitor with Ratiometric A/D Inputs
REV: 122706
logo
Maxim Integrated Produc...
DS2746 MAXIM-DS2746 Datasheet
306Kb / 17P
   Low-Cost 2-Wire Battery Monitor with Ratiometric A/D Inputs
5/09
DS2745 MAXIM-DS2745_09 Datasheet
237Kb / 15P
   Low-Cost I2C Battery Monitor
5/09
DS2745 MAXIM-DS2745 Datasheet
223Kb / 14P
   Low-Cost I2C Battery Monitor
091405
DS2745EVKIT MAXIM-DS2745EVKIT Datasheet
150Kb / 11P
   Low-Cost I2C Battery Monitor Evaluation Kit
Rev 11/09
logo
MEMSIC Semiconductor (T...
MXR7999VW MEMSIC-MXR7999VW Datasheet
367Kb / 6P
   Low Cost Dual-Axis Accelerometer with Ratiometric Outputs
Rev C
logo
Maxim Integrated Produc...
DS2764 MAXIM-DS2764_V01 Datasheet
191Kb / 20P
   High-Precision Li Battery Monitor with 2-Wire Interface
2006
DS2764 MAXIM-DS2764 Datasheet
246Kb / 20P
   High-Precision Li Battery Monitor with 2-Wire Interface
011005
logo
MEMSIC Semiconductor (T...
MXR7999V MEMSIC-MXR7999V Datasheet
95Kb / 6P
   Low Cost 짹1.7 g Dual-Axis Accelerometer with Ratiometric Outputs
Rev.A
logo
List of Unclassifed Man...
MXR9500G ETC1-MXR9500G Datasheet
243Kb / 5P
   Low Cost 짹1.5 g Tri Axis Accelerometer with Ratiometric Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com