Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W78IRD2A Datasheet(PDF) 7 Page - Winbond

Part # W78IRD2A
Description  8-BIT MICROCONTROLLER
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78IRD2A Datasheet(HTML) 7 Page - Winbond

Back Button W78IRD2A Datasheet HTML 3Page - Winbond W78IRD2A Datasheet HTML 4Page - Winbond W78IRD2A Datasheet HTML 5Page - Winbond W78IRD2A Datasheet HTML 6Page - Winbond W78IRD2A Datasheet HTML 7Page - Winbond W78IRD2A Datasheet HTML 8Page - Winbond W78IRD2A Datasheet HTML 9Page - Winbond W78IRD2A Datasheet HTML 10Page - Winbond W78IRD2A Datasheet HTML 11Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 76 page
background image
W78IRD2/W78IRD2A
Publication Release Date: February 14, 2007
- 7 -
Revision A9
has three operating modes: capture, auto-reload, and baud rate generator. In capture or auto-reload
mode, RCAP2H and RCAP2L are the reload / capture registers and the clock speed is the same as
that of Timers 0 and 1.
5.3 Clock
The W78IRD2 is designed for either a crystal oscillator or an external clock.
The W78IRD2 incorporates a built-in crystal oscillator. To make the oscillator work, a crystal must be
connected across pins XTAL1 and XTAL2, and a load capacitor may be connected from each pin to
ground. In addition, if the crystal frequency is higher than 20 MHz, a resistor should be connected
between XTAL1 and XTAL2 to provide a DC bias.
An external clock is connected to pin XTAL1, while pin XTAL2 should be left disconnected. The
XTAL1 input is a CMOS-type input, as required by the crystal oscillator. As a result, the logic-1 voltage
should be higher than 3.5 V.
5.4 Power Management
The W78IRD2 provides two modes, idle mode and power-down mode, to reduce power consumption.
Both modes are entered by software.
The W78IRD2 enters Idle mode when the IDL bit in the PCON register is set. In Idle mode, the internal
clock for the processor stops while the internal clock for the peripherals and interrupt logic continues
to run. The W78IRD2 leaves Idle mode when an interrupt or a reset occurs.
The W78IRD2 enters Power-Down mode when the PD bit in the PCON register is set. In Power-Down
mode, all of the clocks are stopped, including the oscillator. The W78IRD2 leaves Power-Down mode
when there is a hardware reset or by external interrupts INT0 or INT1, if enabled.
5.5 Reduce EMI Emission
If the crystal frequency is less than 20 MHz, set bit 7 in the option register to 0 to reduce EMI
emissions. Please see Option Bits for more information.
5.6 Reset
The external RESET signal is sampled at S5P2. To take effect, it must be held high for at least two
machine cycles while the oscillator is running, as the W78IRD2 has a special glitch-removal circuit
that ignores glitches on the reset line.
During reset, the ports are initialized to FFH, the stack pointer to 07H, and all of the other SFR to 00H,
with two exceptions—SBUF does not change, and bit 4 in PCON is not cleared.


Similar Part No. - W78IRD2A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W78IRD2A25DL ETC2-W78IRD2A25DL Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
W78IRD2A25DL NUVOTON-W78IRD2A25DL Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W78IRD2A25PL NUVOTON-W78IRD2A25PL Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
More results

Similar Description - W78IRD2A

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com