Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZY7015LGQ1 Datasheet(PDF) 1 Page - Power-One

Part # ZY7015LGQ1
Description  3V to 13.2V Input 0.5V to 5.5V Output
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

ZY7015LGQ1 Datasheet(HTML) 1 Page - Power-One

  ZY7015LGQ1 Datasheet HTML 1Page - Power-One ZY7015LGQ1 Datasheet HTML 2Page - Power-One ZY7015LGQ1 Datasheet HTML 3Page - Power-One ZY7015LGQ1 Datasheet HTML 4Page - Power-One ZY7015LGQ1 Datasheet HTML 5Page - Power-One ZY7015LGQ1 Datasheet HTML 6Page - Power-One ZY7015LGQ1 Datasheet HTML 7Page - Power-One ZY7015LGQ1 Datasheet HTML 8Page - Power-One ZY7015LGQ1 Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
ZY7015 15A DC-DC Intelligent POL Data Sheet
3V to 13.2V Input 0.5V to 5.5V Output
Member of the
Family
Applications
Low voltage, high density systems with
Intermediate Bus Architectures (IBA)
Point-of-load regulators for high performance DSP,
FPGA, ASIC, and microprocessor applications
Desktops, servers, and portable computing
Broadband, networking, optical, and
communications systems
Active memory bus terminators
Benefits
Integrates digital power conversion with intelligent
power management
Eliminates the need for external power
management components
Completely programmable via industry-standard
I
2C communication bus
One part that covers all applications
Reduces board space, system cost and
complexity, and time to market
Features
RoHS lead free and lead-solder-exempt products are
available
Wide input voltage range: 3V–13.2V
High continuous output current: 15A
Wide programmable output voltage range: 0.5V–5.5V
Active digital current share
Single-wire serial communication bus for frequency
synchronization, programming, and monitoring
Optimal voltage positioning with programmable slope
of the VI line
Overcurrent, overvoltage, undervoltage, and
overtemperature protections with programmable
thresholds and types
Programmable fixed switching frequency 0.5-1.0MHz
Programmable turn-on and turn-off delays
Programmable turn-on and turn-off voltage slew rates
with tracking protection
Programmable feedback loop compensation
Power Good signal with programmable limits
Programmable fault management
Start up into the load pre-biased up to 100%
Full rated current sink
Real time voltage, current, and temperature
measurements, monitoring, and reporting
Small footprint SMT package: 16x32mm
Extremely low profile of 8mm
Compatible with conventional pick-and-place
equipment
Wide operating temperature range
UL60950 recognized, CSA C22.2 No. 60950-00
certified, and TUV EN60950-1:2001 certified
Description
The ZY7015 is an intelligent, fully programmable step-down point-of-load DC-DC module integrating digital power
conversion and intelligent power management. When used with ZM7000 Series Digital Power Managers, the
ZY7015 completely eliminates the need for external components for sequencing, tracking, protection, monitoring,
and reporting. All parameters of the ZY7015 are programmable via the industry-standard I
2C communication bus
and can be changed by a user at any time during product development and service.
ZD-00283 REV. 2.2
www.power-one.com
Page 1 of 34


Similar Part No. - ZY7015LGQ1

ManufacturerPart #DatasheetDescription
logo
Power-One
ZY7010L POWER-ONE-ZY7010L Datasheet
1Mb / 34P
   10A DC-DC Intelligent POL 3V to 13.2V Input 0.5V to 5.5V Output
ZY7010LG-Q1 POWER-ONE-ZY7010LG-Q1 Datasheet
1Mb / 34P
   10A DC-DC Intelligent POL 3V to 13.2V Input 0.5V to 5.5V Output
ZY7010LG-T1 POWER-ONE-ZY7010LG-T1 Datasheet
1Mb / 34P
   10A DC-DC Intelligent POL 3V to 13.2V Input 0.5V to 5.5V Output
ZY7010LG-T2 POWER-ONE-ZY7010LG-T2 Datasheet
1Mb / 34P
   10A DC-DC Intelligent POL 3V to 13.2V Input 0.5V to 5.5V Output
ZY7010LG-T3 POWER-ONE-ZY7010LG-T3 Datasheet
1Mb / 34P
   10A DC-DC Intelligent POL 3V to 13.2V Input 0.5V to 5.5V Output
More results

Similar Description - ZY7015LGQ1

ManufacturerPart #DatasheetDescription
logo
Power-One
ZY7010L POWER-ONE-ZY7010L Datasheet
1Mb / 34P
   10A DC-DC Intelligent POL 3V to 13.2V Input 0.5V to 5.5V Output
ZY7120 POWER-ONE-ZY7120 Datasheet
1Mb / 34P
   20A DC-DC Intelligent POL Data Sheet 3V to 13.2V Input 0.5V to 5.5V Output
ZY1015 POWER-ONE-ZY1015 Datasheet
868Kb / 17P
   15A No-Bus POL 3V to 14V Input 0.5V to 5.5V Output
ZY7007 POWER-ONE-ZY7007 Datasheet
1Mb / 35P
   7A DC-DC Intelligent POL 3V to 14V Input - 0.5V to 5.5V Output
ZY1120G POWER-ONE-ZY1120G Datasheet
325Kb / 17P
   ZY1120 20A No-Bus POL Data Sheet 3V to 14V Input ??0.5V to 5.5V Output
Y5117P POWER-ONE-Y5117P Datasheet
1Mb / 14P
   3.0V to 13.2V Input 0.7V to 3.63V Output
DP8105 POWER-ONE-DP8105 Datasheet
2Mb / 35P
   8V to 14V Input , 0.7V to 5.5V Output
DP8110 POWER-ONE-DP8110 Datasheet
2Mb / 34P
   8V to 14V Input, 0.7V to 5.5V Output
logo
Maxim Integrated Produc...
MAX3160EEVKIT MAXIM-MAX3160EEVKIT Datasheet
160Kb / 7P
   3V to 5.5V Single-Supply Operation
2007
logo
Analog Devices
MAX77675 AD-MAX77675 Datasheet
4Mb / 64P
   Low IQ SIMO PMIC with 0.5V to 5.5V Outputs Delivering Up to 700mA Total Output Current
Rev 0; 03/23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com