Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SJ687-ZK-E1-AY Datasheet(PDF) 4 Page - NEC

Part # 2SJ687-ZK-E1-AY
Description  MOS FIELD EFFECT TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SJ687-ZK-E1-AY Datasheet(HTML) 4 Page - NEC

  2SJ687-ZK-E1-AY Datasheet HTML 1Page - NEC 2SJ687-ZK-E1-AY Datasheet HTML 2Page - NEC 2SJ687-ZK-E1-AY Datasheet HTML 3Page - NEC 2SJ687-ZK-E1-AY Datasheet HTML 4Page - NEC 2SJ687-ZK-E1-AY Datasheet HTML 5Page - NEC 2SJ687-ZK-E1-AY Datasheet HTML 6Page - NEC 2SJ687-ZK-E1-AY Datasheet HTML 7Page - NEC 2SJ687-ZK-E1-AY Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Data Sheet D18719EJ2V0DS
4
2SJ687
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
FORWARD TRANSFER CHARACTERISTICS
0
-20
-40
-60
0-1
-2
-3
VGS =
−4.5 V
−2.5 V
Pulsed
VDS - Drain to Source Voltage - V
-0.0001
-0.001
-0.01
-0.1
-1
-10
-100
0
-1-2-3
VDS =
−10 V
Pulsed
Tch =
−55°C
−25°C
25
°C
75
°C
125
°C
150
°C
VGS - Gate to Source Voltage - V
GATE TO SOURCE CUT-OFF VOLTAGE vs.
CHANNEL TEMPERATURE
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
0
-0.5
-1
-1.5
-2
-75
-25
25
75
125
175
VDS =
−10 V
ID =
−1 mA
Tch - Channel Temperature -
°C
0.01
0.1
1
10
100
-0.001
-0.01
-0.1
-1
-10
-100
VDS =
−10 V
Pulsed
Tch =
−55°C
−25°C
25
°C
75
°C
125
°C
150
°C
ID - Drain Current - A
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
DRAIN CURRENT
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
0
10
20
30
40
50
0-5
-10
-15
ID =
−10 A
Pulsed
VGS - Gate to Source Voltage - V
0
10
20
30
40
50
60
-0.1
-1
-10
-100
VGS =
−2.5 V
−4.5 V
Pulsed
ID - Drain Current - A
<R>


Similar Part No. - 2SJ687-ZK-E1-AY

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
2SJ687-ZK-E1-AY VBSEMI-2SJ687-ZK-E1-AY Datasheet
1Mb / 8P
   P-Channel 30 V (D-S) MOSFET
logo
Renesas Technology Corp
2SJ687-ZK-E1-AY RENESAS-2SJ687-ZK-E1-AY Datasheet
276Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2007
More results

Similar Description - 2SJ687-ZK-E1-AY

ManufacturerPart #DatasheetDescription
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com