Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8326IBDRBR Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS8326IBDRBR
Description  16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS8326IBDRBR Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button ADS8326IBDRBR Datasheet HTML 2Page - Burr-Brown (TI) ADS8326IBDRBR Datasheet HTML 3Page - Burr-Brown (TI) ADS8326IBDRBR Datasheet HTML 4Page - Burr-Brown (TI) ADS8326IBDRBR Datasheet HTML 5Page - Burr-Brown (TI) ADS8326IBDRBR Datasheet HTML 6Page - Burr-Brown (TI) ADS8326IBDRBR Datasheet HTML 7Page - Burr-Brown (TI) ADS8326IBDRBR Datasheet HTML 8Page - Burr-Brown (TI) ADS8326IBDRBR Datasheet HTML 9Page - Burr-Brown (TI) ADS8326IBDRBR Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
ADS8326
SBAS343 – MAY 2007
ELECTRICAL CHARACTERISTICS: V
DD = +2.7V (continued)
At –40
°C to +85°C, V
REF = +2.5V, –IN = GND, fSAMPLE = 200kHz, and fDCLOCK = 24 × fSAMPLE, unless otherwise noted.
ADS8326I
ADS8326IB
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
DIGITAL INPUTS(1)
Logic family
LVCMOS
LVCMOS
High-level input voltage
VIH VDD = 3.6V
2
VDD + 0.3
2
VDD + 0.3
V
Low-level input voltage
VIL VDD = 2.7V
–0.3
0.8
–0.3
0.8
V
Input current
IIN VI = VDD or GND
–50
+50
–50
+50
nA
Input capacitance
CI
5
5
pF
DIGITAL OUTPUTS(1)
Logic family
LVCMOS
LVCMOS
High-level output voltage
VOH VDD = 2.7V, IOH = -100µA
VDD– 0.2
VDD– 0.2
V
Low-level output voltage
VOL VDD = 2.7V, IOL = 100µA
0.2
0.2
V
High-impedance state
IOZ CS = VDD, VI = VDD or GND
–50
+50
–50
+50
nA
output current
Output capacitance
CO
5
5
pF
Load capacitance
CL
30
30
pF
Straight
Straight
Data format
binary
binary
(1)
Applies for 3.0V nominal supply: VDD (min) = 2.7V and VDD (max) = 3.6V.
At –40
°C to +85°C, –IN = GND, and f
DCLOCK = 24 × fSAMPLE, unless otherwise noted.
ADS8326I
ADS8326IB
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
ANALOG INPUT
Low-voltage levels
2.7
3.6
2.7
3.6
V
Power supply
VDD
5V logic levels
4.5
5.5
4.5
5.5
V
VDD = 2.7V, fS = 10kHz,
0.065
0.085
0.065
0.085
mA
fDCLOCK = 4.8MHz
VDD = 2.7V, fS = 100kHz,
0.69
1.0
0.69
1.0
mA
fDCLOCK = 4.8MHz
VDD = 2.7V, fS = 200kHz,
Operating supply current
IDD
1.38
2.0
1.38
2.0
mA
fDCLOCK = 4.8MHz
VDD = 5V, fS = 200kHz,
1.9
2.7
1.9
2.7
mA
fDCLOCK = 6MHz
VDD = 5V, fS = 250kHz,
2.0
3.0
2.0
3.0
mA
fDCLOCK = 6MHz
VDD = 2.7V
0.1
0.1
µA
Power-down supply current
IDD
VDD = 5V
0.2
0.2
µA
VDD = 2.7V, fS = 10kHz,
0.18
0.23
0.18
0.23
mW
fDCLOCK = 4.8MHz
VDD = 2.7V, fS = 100kHz,
1.86
2.7
1.86
2.7
mW
fDCLOCK = 4.8MHz
VDD = 2.7V, fS = 200kHz,
Power dissipation
3.73
5.4
3.73
5.4
mW
fDCLOCK = 4.8MHz
VDD = 5V, fS = 200kHz,
9.5
13.5
9.5
13.5
mW
fDCLOCK = 6MHz
VDD = 5V, fS = 250kHz,
10
15
10
15
mW
fDCLOCK = 6MHz
VDD = 2.7V, CS = VDD
0.3
0.3
µW
Power dissipation in power-down
VDD = 5V, CS = VDD
0.6
0.6
µW
6
Submit Documentation Feedback


Similar Part No. - ADS8326IBDRBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8326IBDRBR TI1-ADS8326IBDRBR Datasheet
1Mb / 39P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS8326IBDRBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8325 TI1-ADS8325 Datasheet
1Mb / 36P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8325 TI1-ADS8325_14 Datasheet
1Mb / 37P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8317 TI1-ADS8317_14 Datasheet
1Mb / 36P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8317 TI-ADS8317 Datasheet
802Kb / 29P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8325 BURR-BROWN-ADS8325 Datasheet
444Kb / 21P
   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8326 TI1-ADS8326 Datasheet
1Mb / 39P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8320 TI1-ADS8320 Datasheet
875Kb / 21P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8320EB TI-ADS8320EB Datasheet
860Kb / 21P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8320 BURR-BROWN-ADS8320 Datasheet
105Kb / 13P
   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8320 TI1-ADS8320_14 Datasheet
876Kb / 22P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com