Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GI7818 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GI7818
Description  3-TERMINAL POSITIVE VOLTAGE REGULATORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GI7818 Datasheet(HTML) 1 Page - GTM CORPORATION

  GI7818 Datasheet HTML 1Page - GTM CORPORATION GI7818 Datasheet HTML 2Page - GTM CORPORATION GI7818 Datasheet HTML 3Page - GTM CORPORATION GI7818 Datasheet HTML 4Page - GTM CORPORATION GI7818 Datasheet HTML 5Page - GTM CORPORATION GI7818 Datasheet HTML 6Page - GTM CORPORATION GI7818 Datasheet HTML 7Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
G
I78XX
Page: 1/7
ISSUED DATE :2004/08/24
REVISED DATE :2005/12/06C
G
G II7788X
X X
X
3-TERMINAL POSITIVE VOLTAGE REGULATORS
Description
The G
I78XX series of fixed-voltage monolithic integrated-circuit voltage regulators designed for a wide range
of applications. These applications include on-card regulation for elimination of noise and distribution problems
associated with single-point regulation. Each of these regulators can deliver up to 1 amperes of output current.
The internal current limiting and thermal shutdown features of these regulators make them essentially immune
to overload.
Features
&5V, 6V, 8V, 9V, 10V, 12V, 15V, 18V, 24V output voltage available
&Internal Thermal Overload Protection
&High Power Dissipation Capability
&Internal Short-Circuit Current Limiting
&No External Components
&Output Transistor Safe-Area Compensation
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.40
6.80
G
0.50
0.70
B
5.20
5.50
H
2.20
2.40
C
6.80
7.20
J
0.45
0.60
D
7.20
7.80
K
0.45
0.60
E
2.30 REF.
L
0.90
1.50
F
0.60
0.90
M
5.40
5.80
Absolute Maximum Ratings
Parameter
Ratings
Unit
G
I7805 ~ 18
35V
V
I
nput voltage
G
I7824
40V
V
Output current
1
A
Operating junction temperature range
0 ~ 150
:
Storage temperature range
-55 ~ 150
:
Thermal resistance junction-air (R JA)
125
: /W
Thermal resistance junction-cases (R JC)
12.5
: /W
TO-251


Similar Part No. - GI7818

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GI7818A GTM-GI7818A Datasheet
173Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
More results

Similar Description - GI7818

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM341-12 TI1-LM341-12 Datasheet
729Kb / 13P
[Old version datasheet]   3-Terminal Positive Voltage Regulators
logo
GTM CORPORATION
G3U78XXA GTM-G3U78XXA Datasheet
206Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XX GTM-GJ78XX Datasheet
197Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XXA GTM-GJ78XXA Datasheet
168Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Bookly Micro electronic
BM7805 BOOKLY-BM7805 Datasheet
222Kb / 8P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
GTM CORPORATION
GE78XX GTM-GE78XX Datasheet
207Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
G3U78XX GTM-G3U78XX Datasheet
231Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GU78XX GTM-GU78XX Datasheet
240Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
List of Unclassifed Man...
AX78LXX ETC-AX78LXX Datasheet
223Kb / 10P
   3-Terminal Positive Voltage Regulators
AX78XX ETC-AX78XX Datasheet
222Kb / 11P
   3-Terminal Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com