Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GI1182 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GI1182
Description  PNP SILICON EPITAXIAL PLANAR TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GI1182 Datasheet(HTML) 1 Page - GTM CORPORATION

  GI1182 Datasheet HTML 1Page - GTM CORPORATION GI1182 Datasheet HTML 2Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CORPORATION
G
I1182
Page: 1/2
ISSUED DATE :2005/10/06
REVISED DATE :
G
G
II11118822
P
P N
N P
P S
S II L
L II C
C O
O N
N E
E P
P II T
T A
A X
X II A
A L
L P
P L
L A
A N
N A
A R
R T
T R
R A
A N
N S
S II S
S T
T O
O R
R
Description
The G
I1182 is designed for medium power amplifier applications.
Features
&Low collector saturation voltage : VCE(sat)=-0.5V(Typ.)
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.40
6.80
G
0.50
0.70
B
5.20
5.50
H
2.20
2.40
C
6.80
7.20
J
0.45
0.55
D
7.20
7.80
K
0.45
0.60
E
2.30 REF.
L
0.90
1.50
F
0.60
0.90
M
5.40
5.80
Absolute Maximum Ratings at Ta = 25 ::::
Parameter
Symbol
Ratings
Unit
Junction Temperature
Tj
+150
:
Storage Temperature
Tstg
-55~+150
:
Collector to Base Voltage
VCBO
-40
V
Collector to Emitter Voltage
VCEO
-32
V
Emitter to Base Voltage
VEBO
-5
V
Collector Current
IC
-2
A
Collector Current (Pulse, Pw=100ms)
IC
-3
A
Total Power Dissipation(TC=25 )
:
PD
10
W
Electrical Characteristics (Ta = 25 : , unless otherwise noted)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-40
-
-
V
IC=-50uA , IE=0
BVCEO
-32
-
-
V
IC=-1mA, IB=0
BVEBO
-5
-
-
V
IE=-50uA ,IC=0
ICBO
-
-
-1
uA
VCB=-20V, IE=0
IEBO
-
-
-1
uA
VEB=-4V, IC=0
*VCE(sat)
-
-500
-800
mV
IC=-2A, IB=-200mA
*hFE
82
-
390
VCE=-3V, IC=-500mA
fT
-
100
-
MHz
VCE=-5V, IC=-500mA, f=100MHz
Cob
-
50
-
pF
VCB=-10V, IE=0, f=1MHz
* Pulse Test: Pulse Width 380 s, Duty Cycle 2%
Classification Of hFE
Rank
P
Q
R
Range
82 ~ 180
120 ~ 270
180 ~ 390
TO-251


Similar Part No. - GI1182

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GI1182 ETL-GI1182 Datasheet
283Kb / 2P
   P N P S I L I C O N E P I T A X I A L P L A N A R T R A N S I S T O R
More results

Similar Description - GI1182

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BCPA94 SECOS-BCPA94 Datasheet
224Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR502EF KODENSHI-SUR502EF Datasheet
254Kb / 5P
   Epitaxial planar PNP silicon transistor
logo
Sanken electric
2SB1259 SANKEN-2SB1259_07 Datasheet
36Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
2SB1382 SANKEN-2SB1382_07 Datasheet
35Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
logo
Sanyo Semicon Device
FX513 SANYO-FX513 Datasheet
44Kb / 4P
   PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HSB649T HSMC-HSB649T Datasheet
43Kb / 4P
   SILICON PNP EPITAXIAL PLANAR TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTA2015W BILIN-KTA2015W Datasheet
171Kb / 4P
   PNP Silicon Epitaxial Planar Transistor
MMSTA92 BILIN-MMSTA92 Datasheet
131Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SA1772 KEXIN-2SA1772 Datasheet
44Kb / 2P
   PNP Epitaxial Planar Silicon Transistor
logo
SEMTECH ELECTRONICS LTD...
ST2N5086 SEMTECH_ELEC-ST2N5086 Datasheet
359Kb / 5P
   PNP Silicon Epitaxial Planar Transistor
ST2SA928 SEMTECH_ELEC-ST2SA928 Datasheet
129Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com