Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8920 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA8920
Description  2 x 50 W class-D power amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8920 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA8920 Datasheet HTML 5Page - NXP Semiconductors TDA8920 Datasheet HTML 6Page - NXP Semiconductors TDA8920 Datasheet HTML 7Page - NXP Semiconductors TDA8920 Datasheet HTML 8Page - NXP Semiconductors TDA8920 Datasheet HTML 9Page - NXP Semiconductors TDA8920 Datasheet HTML 10Page - NXP Semiconductors TDA8920 Datasheet HTML 11Page - NXP Semiconductors TDA8920 Datasheet HTML 12Page - NXP Semiconductors TDA8920 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
1998 Dec 01
9
Philips Semiconductors
Preliminary specification
2
× 50 W class-D power amplifier
TDA8920
Mono bridge-tied load application
VDD = ±25 V; RL =8 Ω; fi = 1 kHz; Tamb =25 °C; measured in Fig.6; unless otherwise specified.
Notes
1. Total harmonic distortion is measured in a bandwidth of 22 Hz to 22 kHz, using an 11th-order low-pass filter. When
distortion is measured using a lower order low-pass filter a significantly higher value will be found, due to the
switching frequency outside the audio band.
2. Output power measured across the loudspeaker load.
3. Vripple =Vripple(max) = 2 V (p-p); fi = 100 Hz; Rs =0 Ω.
4. Vripple =Vripple(max) = 2 V (p-p); fi = 1 kHz; Rs =0 Ω.
5. B = 22 Hz to 22 kHz; Rs =0 Ω.
6. B = 22 Hz to 22 kHz; Rs =10kΩ.
7. B = 22 Hz to 22 kHz; independent of Rs.
8. Vi =Vi(max) = 1 V (RMS).
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Po
output power
THD = 0.5%
tbf
100
W
THD = 10%
tbf
130
W
THD = 0.5%; Vp = ±30 V
150
W
THD = 10%; Vp = ±30 V
190
W
THD
total harmonic distortion
Po = 1 W; note 1
fi = 1 kHz
0.1
0.15
%
fi = 10 kHz
0.2
%
Gv(cl)
closed loop voltage gain
35
36
37
dB
η
efficiency
Po = tbf W; fi = 1 kHz; note 2
tbf
tbf
%
SVRR
supply voltage ripple rejection
on; note 3
66
dB
on; note 4
tbf
−−
dB
mute; note 3
66
dB
standby; note 3
80
−−
dB
Z
i
input impedance
40
60
k
Vn(o)
noise output voltage
on; note 5
140
280
µV
on; note 6
tbf
−µV
mute; note 7
140
−µV
Vo
output signal
mute; note 8
−−
tbf
mV
CMRR
common mode rejection ratio
Vi(CM)(rms) =1V
65
dB


Similar Part No. - TDA8920

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8920B PHILIPS-TDA8920B Datasheet
209Kb / 34P
   2 X 100 W class-D power amplifier
Rev. 01-1 October 2004
TDA8920BJ PHILIPS-TDA8920BJ Datasheet
209Kb / 34P
   2 X 100 W class-D power amplifier
Rev. 01-1 October 2004
TDA8920BTH PHILIPS-TDA8920BTH Datasheet
209Kb / 34P
   2 X 100 W class-D power amplifier
Rev. 01-1 October 2004
TDA8920C NXP-TDA8920C Datasheet
275Kb / 40P
   2 X110 W class-D power amplifier
Rev. 01-29 September 2008
TDA8920C NXP-TDA8920C Datasheet
242Kb / 39P
   2 쨈 110 W class-D power amplifier
Rev. 02-11 June 2009
More results

Similar Description - TDA8920

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8922B PHILIPS-TDA8922B Datasheet
201Kb / 32P
   2 X 50 W class-D power amplifier
Rev. 01-1 October 2004
TDA8926 PHILIPS-TDA8926 Datasheet
332Kb / 32P
   Power stage 2 x 50 W class-D audio amplifier
2002 Oct 10
TDA8922C NXP-TDA8922C Datasheet
239Kb / 40P
   2 X 75 W class-D power amplifier
Rev. 01-7 September 2009
TDA8920C PHILIPS-TDA8920C_15 Datasheet
242Kb / 39P
   2 X 110 W class-D power amplifier
Rev. 02-11 June 2009
TDA8950 NXP-TDA8950 Datasheet
271Kb / 39P
   2 X 150 W class-D power amplifier
Rev. 01-9 September 2008
TDA8924 PHILIPS-TDA8924 Datasheet
722Kb / 35P
   2 x 120 W class-D power amplifier
2003 Jul 28
TDA8950 PHILIPS-TDA8950_15 Datasheet
242Kb / 39P
   2 X 150 W class-D power amplifier
Rev. 02-11 June 2009
TDA8922 PHILIPS-TDA8922 Datasheet
748Kb / 36P
   2 x 25 W class-D power amplifier
2003 Mar 20
TDA8920B PHILIPS-TDA8920B Datasheet
209Kb / 34P
   2 X 100 W class-D power amplifier
Rev. 01-1 October 2004
TDA8927 PHILIPS-TDA8927 Datasheet
489Kb / 36P
   Power stage 2 x 80 W class-D audio amplifier
2001 Dec 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com