Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8920J Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TDA8920J
Description  2 x 50 W class-D power amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8920J Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA8920J Datasheet HTML 6Page - NXP Semiconductors TDA8920J Datasheet HTML 7Page - NXP Semiconductors TDA8920J Datasheet HTML 8Page - NXP Semiconductors TDA8920J Datasheet HTML 9Page - NXP Semiconductors TDA8920J Datasheet HTML 10Page - NXP Semiconductors TDA8920J Datasheet HTML 11Page - NXP Semiconductors TDA8920J Datasheet HTML 12Page - NXP Semiconductors TDA8920J Datasheet HTML 13Page - NXP Semiconductors TDA8920J Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
1998 Dec 01
10
Philips Semiconductors
Preliminary specification
2
× 50 W class-D power amplifier
TDA8920
APPLICATION AND TEST INFORMATION
MGR663
handbook, full pagewidth
TDA8920J
DIGITAL
PROTECTION
VSS2
VDD2
11
IN2
+ 14
LIM 16
MODE
OSCILLATOR
STABILIZER
MODE 17
Vms
Vi1
Vi2
RLIM
ROSC
10 k
IN2
− 15
OUT2
9
STAB
CSTAB
12
BOOT2
ANALOG
DIGITAL
VSS1
VDD
7
IN1
+ 4
13
5
IN1
− 3
OUT1
6
BOOT1
ANALOG
VDD2
VDD1
810
VSS2
VSS
VSS1
1
OSC
2
SGND
SGND
SGND
SGND
CBOOT2
100
µH
100 nF
100 nF
100 nF
2200
µF
8
100
nF
47 nF
47 nF
390
nF
25 V
2200
µF
100
nF
25 V
CBOOT1
100
µH
8
390
nF
0 V
Maximum value of CBOOT = tbf nF.
Filter coil is type tbf, Rs < tbf Ω.
The case of the package is internally connected to VSS.
Fig.5 Application circuit for stereo single-ended application (SOT243-1).


Similar Part No. - TDA8920J

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8920B PHILIPS-TDA8920B Datasheet
209Kb / 34P
   2 X 100 W class-D power amplifier
Rev. 01-1 October 2004
TDA8920BJ PHILIPS-TDA8920BJ Datasheet
209Kb / 34P
   2 X 100 W class-D power amplifier
Rev. 01-1 October 2004
TDA8920BTH PHILIPS-TDA8920BTH Datasheet
209Kb / 34P
   2 X 100 W class-D power amplifier
Rev. 01-1 October 2004
TDA8920C NXP-TDA8920C Datasheet
275Kb / 40P
   2 X110 W class-D power amplifier
Rev. 01-29 September 2008
TDA8920C NXP-TDA8920C Datasheet
242Kb / 39P
   2 쨈 110 W class-D power amplifier
Rev. 02-11 June 2009
More results

Similar Description - TDA8920J

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8922B PHILIPS-TDA8922B Datasheet
201Kb / 32P
   2 X 50 W class-D power amplifier
Rev. 01-1 October 2004
TDA8926 PHILIPS-TDA8926 Datasheet
332Kb / 32P
   Power stage 2 x 50 W class-D audio amplifier
2002 Oct 10
TDA8922C NXP-TDA8922C Datasheet
239Kb / 40P
   2 X 75 W class-D power amplifier
Rev. 01-7 September 2009
TDA8920C PHILIPS-TDA8920C_15 Datasheet
242Kb / 39P
   2 X 110 W class-D power amplifier
Rev. 02-11 June 2009
TDA8950 NXP-TDA8950 Datasheet
271Kb / 39P
   2 X 150 W class-D power amplifier
Rev. 01-9 September 2008
TDA8924 PHILIPS-TDA8924 Datasheet
722Kb / 35P
   2 x 120 W class-D power amplifier
2003 Jul 28
TDA8950 PHILIPS-TDA8950_15 Datasheet
242Kb / 39P
   2 X 150 W class-D power amplifier
Rev. 02-11 June 2009
TDA8922 PHILIPS-TDA8922 Datasheet
748Kb / 36P
   2 x 25 W class-D power amplifier
2003 Mar 20
TDA8920B PHILIPS-TDA8920B Datasheet
209Kb / 34P
   2 X 100 W class-D power amplifier
Rev. 01-1 October 2004
TDA8927 PHILIPS-TDA8927 Datasheet
489Kb / 36P
   Power stage 2 x 80 W class-D audio amplifier
2001 Dec 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com