Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATR7032-PVQW Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATR7032-PVQW
Description  High Gain Power Amplifier for 802.11bg WLAN Systems
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR7032-PVQW Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATR7032-PVQW Datasheet HTML 2Page - ATMEL Corporation ATR7032-PVQW Datasheet HTML 3Page - ATMEL Corporation ATR7032-PVQW Datasheet HTML 4Page - ATMEL Corporation ATR7032-PVQW Datasheet HTML 5Page - ATMEL Corporation ATR7032-PVQW Datasheet HTML 6Page - ATMEL Corporation ATR7032-PVQW Datasheet HTML 7Page - ATMEL Corporation ATR7032-PVQW Datasheet HTML 8Page - ATMEL Corporation ATR7032-PVQW Datasheet HTML 9Page - ATMEL Corporation ATR7032-PVQW Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
4846B–WLAN–04/05
ATR7032 [Preliminary]
10. Application Circuit
Figure 10-1. Application Board Schematic
9.
Power Detector
Test Conditions measured on Atmel’s evaluation board (unless otherwise stated): V
CC = 3.3V, Frequency = 2.45 GHz, Tamb = 25°C
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
5.0
Detector voltage
range
POUT = 5 to 25 dBm
VDET
02
V
A
5.1
Settling time
POUT = 5 to 25 dBm
tSET
0.5
µs
C
5.2
Detector accuracy
POUT = 5 to 25 dBm
V
CC = 2.7 to 3.6V
T
amb = –40 to +85°C
∆P
OUT
±0.7
dB
C
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
C10(1)
VCTRL
C9(1)
C5
T2
C7
L3
V_PA3
VDET
PA_Out
V_PA1
C1
RF_IN
C2
VCC
L1
C3
T1
IC
GND_RF
15
14
13
10
9
16
ATR7032
8
Interstage
Matching
50
Ω Input
Match
Voltage
Detector
Standby/
Bias
Circuitry
11
12
5
6
7
Interstage
Matching
1
2
3
4
Paddle
GND_RF
V_PA2
C8
R1(1)
C12(1)
C11(1)
L2
C19
C18(1)
C17(1)
C16(1)
C4
T1, T2: Microstrip Line
Microstrip Line
Length/mm
Width/mm
T1
4.3
0.64
T2
5.6
0.64
Metal layer distance to ground:
360 µm
CU metal layer thickness:
35 µm
ε
r of dielectric material (FR4):
4.5
(1) Components can be omitted depending on application
IC: internally connected; pin must not be connected to any
other pin or supply chain


Similar Part No. - ATR7032-PVQW

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR7035 ATMEL-ATR7035 Datasheet
167Kb / 3P
   ATR7035 ATR7035
ATR7035-PEQ ATMEL-ATR7035-PEQ Datasheet
167Kb / 3P
   ATR7035 ATR7035
ATR7035-PEQG ATMEL-ATR7035-PEQG Datasheet
178Kb / 3P
   5.8 GHz WDCT Power Amplifier
ATR7035-PES ATMEL-ATR7035-PES Datasheet
167Kb / 3P
   ATR7035 ATR7035
ATR7035-PESG ATMEL-ATR7035-PESG Datasheet
178Kb / 3P
   5.8 GHz WDCT Power Amplifier
More results

Similar Description - ATR7032-PVQW

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PMB8825 INFINEON-PMB8825 Datasheet
188Kb / 2P
   Dual-Band Power Amplifier for WLAN Systems
2003
logo
Skyworks Solutions Inc.
SKY85405-11 SKYWORKS-SKY85405-11 Datasheet
171Kb / 2P
   High-Power 802.11ac WLAN Power Amplifier
SKY65135 SKYWORKS-SKY65135 Datasheet
492Kb / 13P
   WLAN Power Amplifier
SKY65137-11 SKYWORKS-SKY65137-11 Datasheet
2Mb / 14P
   Power Amplifier for 802.11a WLAN Applications
March 25, 2011
logo
TriQuint Semiconductor
TQP5523 TRIQUINT-TQP5523_15 Datasheet
740Kb / 10P
   High Power 5 GHz WLAN Power Amplifier
TQP5525 TRIQUINT-TQP5525_15 Datasheet
748Kb / 9P
   High Power 5 GHz WLAN Power Amplifier
logo
Skyworks Solutions Inc.
SKY65131 SKYWORKS-SKY65131_05 Datasheet
243Kb / 10P
   WLAN Power Amplifier Module
SKY65132 SKYWORKS-SKY65132_06 Datasheet
471Kb / 10P
   WLAN Power Amplifier Module
logo
ATMEL Corporation
ATR3515 ATMEL-ATR3515 Datasheet
165Kb / 7P
   5-GHz WLAN Power Amplifier for 802.11a
logo
Skyworks Solutions Inc.
SKY65132 SKYWORKS-SKY65132 Datasheet
125Kb / 8P
   WLAN Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com