Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4997 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TS4997
Description  2 x 1W differential input stereo audio amplifier with programmable 3D effects
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4997 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TS4997 Datasheet HTML 2Page - STMicroelectronics TS4997 Datasheet HTML 3Page - STMicroelectronics TS4997 Datasheet HTML 4Page - STMicroelectronics TS4997 Datasheet HTML 5Page - STMicroelectronics TS4997 Datasheet HTML 6Page - STMicroelectronics TS4997 Datasheet HTML 7Page - STMicroelectronics TS4997 Datasheet HTML 8Page - STMicroelectronics TS4997 Datasheet HTML 9Page - STMicroelectronics TS4997 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
Electrical characteristics
TS4997
6/34
Table 5.
VCC = +3.3V, GND = 0V, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
ICC
Supply current
No input signal, no load, left and right channel active
6.6
8.6
mA
ISTBY
Standby current (1)
No input signal, VSTBYL = GND, VSTBYR = GND, RL = 8Ω
10
2000
nA
Voo
Output offset voltage
No input signal, RL = 8Ω
135
mV
Po
Output power
THD = 1% Max, F = 1kHz, RL = 8Ω
370
460
mW
THD + N
Total harmonic distortion + noise
Po = 300mWrms, G = 6dB, RL = 8Ω, 20Hz ≤ F ≤ 20kHz
0.5
%
PSRR
Power supply rejection ratio(2), inputs grounded
RL = 8Ω, G = 6dB, Cb = 1µF, Vripple = 200mVpp, 3D effect off
F = 217Hz
F = 1kHz
80
75
dB
CMRR
Common mode rejection ratio(3)
RL = 8Ω, G = 6dB, Cb = 1µF, Vincm = 200mVpp, 3D effect off
F = 217Hz
F = 1kHz
57
57
dB
SNR
Signal-to-noise ratio
A-weighted, G = 6dB, Cb = 1µF, RL = 8Ω, 3D effect off
(THD + N
≤ 0.5%, 20Hz < F < 20kHz)
104
dB
Crosstalk
Channel separation, RL = 8Ω, G = 6dB, 3D effect off
F = 1kHz
F = 20Hz to 20kHz
105
80
dB
VN
Output voltage noise, F = 20Hz to 20kHz, RL = 8Ω, G=6dB
Cb = 1µF, 3D effect off
Unweighted
A-weighted
15
10
μVrms
Gain
Gain value (RIN in kΩ)
V/V
tWU
Wake-up time (Cb = 1µF)
47
ms
tSTBY
Standby time (Cb = 1µF)
10
µs
ΦM
Phase margin at unity gain
RL = 8Ω, CL = 500pF
65
Degrees
GM
Gain margin
RL = 8Ω, CL = 500pF
15
dB
GBP
Gain bandwidth product
RL = 8Ω
1.5
MHz
1.
Standby mode is active when VSTBY is tied to GND.
2.
Dynamic measurements - 20*log(rms(Vout)/rms(Vripple)). Vripple is the sinusoidal signal superimposed upon VCC.
3.
Dynamic measurements - 20*log(rms(Vout)/rms(Vincm)).
40k
Ω
R
IN
----------------
50k
Ω
R
IN
----------------
60k
Ω
R
IN
----------------


Similar Part No. - TS4997

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4990 STMICROELECTRONICS-TS4990 Datasheet
143Kb / 6P
   1W AUDIO POWER AMPLIFIER WITH ACTIVE LOW STANDBY MODE
TS4990 STMICROELECTRONICS-TS4990 Datasheet
716Kb / 32P
   1.2 W audio power amplifier with active low standby mode
TS4990EIJT STMICROELECTRONICS-TS4990EIJT Datasheet
716Kb / 32P
   1.2 W audio power amplifier with active low standby mode
TS4990EKIJT STMICROELECTRONICS-TS4990EKIJT Datasheet
716Kb / 32P
   1.2 W audio power amplifier with active low standby mode
TS4990ID STMICROELECTRONICS-TS4990ID Datasheet
716Kb / 32P
   1.2 W audio power amplifier with active low standby mode
More results

Similar Description - TS4997

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4998 STMICROELECTRONICS-TS4998 Datasheet
479Kb / 33P
   2 x 1W differential input stereo audio amplifier
logo
Texas Instruments
TAS3103 TI-TAS3103 Datasheet
949Kb / 146P
[Old version datasheet]   Digital Audio Processor With 3D Effects
TAS3103 TI1-TAS3103_12 Datasheet
1Mb / 150P
[Old version datasheet]   Digital Audio Processor With 3D Effects
TAS3103A TI-TAS3103A Datasheet
1Mb / 152P
[Old version datasheet]   Digital Audio Processor With 3D Effects
logo
STMicroelectronics
TS4999EIJT STMICROELECTRONICS-TS4999EIJT Datasheet
721Kb / 36P
   Filter-free stereo 2.8 W class D audio power amplifier with selectable 3D sound effects
December 2008 Rev 1
TS4984 STMICROELECTRONICS-TS4984 Datasheet
804Kb / 29P
   2 x 1W Stereo audio power amplifier with active low standby mode
January 2005 Revision 1
TS4999 STMICROELECTRONICS-TS4999 Datasheet
721Kb / 36P
   Filter-free stereo 2.8 W class D audio power amplifier with selectable 3D sound effects
logo
SG Micro Corp
SGM4812 SGMICRO-SGM4812_17 Datasheet
1Mb / 11P
   132mW Differential Input Stereo Audio Power Amplifier
logo
STMicroelectronics
TS4994 STMICROELECTRONICS-TS4994 Datasheet
762Kb / 31P
   1W Differential Input/Output Audio Power Amplifier with Selectable Standby
logo
Texas Instruments
TS4994 TI-TS4994_06 Datasheet
485Kb / 35P
[Old version datasheet]   1W differential input/output audio power amplifier with selectable standby
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com