Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NP160N04TUG-E1-AY Datasheet(PDF) 2 Page - NEC

Part # NP160N04TUG-E1-AY
Description  MOS FIELD EFFECT TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NP160N04TUG-E1-AY Datasheet(HTML) 2 Page - NEC

  NP160N04TUG-E1-AY Datasheet HTML 1Page - NEC NP160N04TUG-E1-AY Datasheet HTML 2Page - NEC NP160N04TUG-E1-AY Datasheet HTML 3Page - NEC NP160N04TUG-E1-AY Datasheet HTML 4Page - NEC NP160N04TUG-E1-AY Datasheet HTML 5Page - NEC NP160N04TUG-E1-AY Datasheet HTML 6Page - NEC NP160N04TUG-E1-AY Datasheet HTML 7Page - NEC NP160N04TUG-E1-AY Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Data Sheet D18754EJ1V0DS
2
NP160N04TUG
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Zero Gate Voltage Drain Current
IDSS
VDS = 40 V, VGS = 0 V
1
μA
Gate Leakage Current
IGSS
VGS =
±20 V, VDS = 0 V
±100
nA
Gate to Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250
μA
2.0
3.0
4.0
V
Forward Transfer Admittance
Note
| yfs |
VDS = 5 V, ID = 40 A
28
76
S
Drain to Source On-state Resistance
Note
RDS(on)
VGS = 10 V, ID = 80 A
1.6
2.0
m
Ω
Input Capacitance
Ciss
VDS = 25 V,
10500
15750
pF
Output Capacitance
Coss
VGS = 0 V,
980
1470
pF
Reverse Transfer Capacitance
Crss
f = 1 MHz
630
1140
pF
Turn-on Delay Time
td(on)
VDD = 20 V, ID = 80 A,
47
110
ns
Rise Time
tr
VGS = 10 V,
67
170
ns
Turn-off Delay Time
td(off)
RG = 0
Ω
94
190
ns
Fall Time
tf
19
50
ns
Total Gate Charge
Note
QG
VDD = 32 V,
178
270
nC
Gate to Source Charge
QGS
VGS = 10 V,
44
nC
Gate to Drain Charge
QGD
ID = 160 A
61
nC
Body Diode Forward Voltage
Note
VF(S-D)
IF = 160 A, VGS = 0 V
0.92
1.5
V
Reverse Recovery Time
trr
IF = 160 A, VGS = 0 V,
50
ns
Reverse Recovery Charge
Qrr
di/dt = 100 A/
μs
75
nC
Note Pulsed test
TEST CIRCUIT 3 GATE CHARGE
VGS = 20
0 V
PG.
RG = 25
Ω
50
Ω
D.U.T.
L
VDD
TEST CIRCUIT 1 AVALANCHE CAPABILITY
PG.
D.U.T.
RL
VDD
TEST CIRCUIT 2 SWITCHING TIME
RG
PG.
IG = 2 mA
50
Ω
D.U.T.
RL
VDD
ID
VDD
IAS
VDS
BVDSS
Starting Tch
VGS
0
τ = 1 s
Duty Cycle
1%
τ
VGS
Wave Form
VDS
Wave Form
VGS
VDS
10%
0
0
90%
90%
90%
VGS
VDS
ton
toff
td(on)
tr
td(off)
tf
10%
10%
μ


Similar Part No. - NP160N04TUG-E1-AY

ManufacturerPart #DatasheetDescription
logo
NEC
NP160N04TUG-E1-AY NEC-NP160N04TUG-E1-AY Datasheet
287Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
logo
Renesas Technology Corp
NP160N04TUG-E1-AYNote RENESAS-NP160N04TUG-E1-AYNote Datasheet
364Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
More results

Similar Description - NP160N04TUG-E1-AY

ManufacturerPart #DatasheetDescription
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com