Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NP160N04TUG-E2-AY Datasheet(PDF) 5 Page - NEC

Part # NP160N04TUG-E2-AY
Description  MOS FIELD EFFECT TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NP160N04TUG-E2-AY Datasheet(HTML) 5 Page - NEC

  NP160N04TUG-E2-AY Datasheet HTML 1Page - NEC NP160N04TUG-E2-AY Datasheet HTML 2Page - NEC NP160N04TUG-E2-AY Datasheet HTML 3Page - NEC NP160N04TUG-E2-AY Datasheet HTML 4Page - NEC NP160N04TUG-E2-AY Datasheet HTML 5Page - NEC NP160N04TUG-E2-AY Datasheet HTML 6Page - NEC NP160N04TUG-E2-AY Datasheet HTML 7Page - NEC NP160N04TUG-E2-AY Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Data Sheet D18754EJ1V0DS
5
NP160N04TUG
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
CAPACITANCE vs. DRAIN TO SOURCE VOLTAGE
0
1
2
3
4
5
-75
-25
25
75
125
175
225
VGS = 10 V
ID = 80 A
Pulsed
Tch - Channel Temperature -
°C
100
1000
10000
100000
0.01
0.1
1
10
100
VGS = 0 V
f = 1 MHz
Ciss
Coss
Crss
VDS - Drain to Source Voltage - V
SWITCHING CHARACTERISTICS
DYNAMIC INPUT/OUTPUT CHARACTERISTICS
1
10
100
1000
0.1
1
10
100
1000
tr
td(off)
td(on)
tf
VDD = 20 V
VGS = 10 V
RG = 0
Ω
ID - Drain Current - A
0
5
10
15
20
25
30
35
40
0
50
100
150
200
0
3
6
9
12
VDS
ID = 160 A
Pulsed
VGS
VDD = 32 V
15 V
8 V
QG - Gate Charge - nC
SOURCE TO DRAIN DIODE
FORWARD VOLTAGE
REVERSE RECOVERY TIME vs.
DIODE FORWARD CURRENT
0.1
1
10
100
1000
0
0.5
1
1.5
VGS = 10 V
0 V
Pulsed
VF(S-D) - Source to Drain Voltage - V
1
10
100
1000
0.1
1
10
100
1000
di/dt = 100 A/
μs
VGS = 0 V
IF - Diode Forward Current - A


Similar Part No. - NP160N04TUG-E2-AY

ManufacturerPart #DatasheetDescription
logo
NEC
NP160N04TUG-E2-AY NEC-NP160N04TUG-E2-AY Datasheet
287Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
logo
Renesas Technology Corp
NP160N04TUG-E2-AYNote RENESAS-NP160N04TUG-E2-AYNote Datasheet
364Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
More results

Similar Description - NP160N04TUG-E2-AY

ManufacturerPart #DatasheetDescription
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com