Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GJ75N03 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GJ75N03
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GJ75N03 Datasheet(HTML) 1 Page - GTM CORPORATION

  GJ75N03 Datasheet HTML 1Page - GTM CORPORATION GJ75N03 Datasheet HTML 2Page - GTM CORPORATION GJ75N03 Datasheet HTML 3Page - GTM CORPORATION GJ75N03 Datasheet HTML 4Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GJ75N03
Page: 1/4
ISSUED DATE :2006/08/16
REVISED DATE :
G
G JJ7755N
N 0033
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
Description
The GJ75N03 used advanced design and process to achieve low gate charge, low on-resistance and fast
switching performance.
The TO-252 package is universally preferred for all commercial-industrial surface mount applications and
suited for low voltage applications such as DC/DC converters.
Features
*Low Gate Charge
*Simple Drive Requirement
*Fast Switching
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.40
6.80
G
0.50
0.70
B
5.20
5.50
H
2.20
2.40
C
6.80
7.20
J
0.45
0.55
D
2.40
3.00
K
0
0.15
E
2.30 REF.
L
0.90
1.50
F
0.70
0.90
M
5.40
5.80
S
0.60
0.90
R
0.80
1.20
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
25
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current, VGS@4.5V
ID @TC=25 :
75
A
Continuous Drain Current, VGS@4.5V
ID @TC=100 :
62.5
A
Pulsed Drain Current1
IDM
350
A
Total Power Dissipation
PD @TC=25 :
96
W
Linear Derating Factor
0.75
W/ :
Single Pulse Avalanche Energy2
EAS
400
mJ
Single Pulse Avalanche Current
IAS
40
A
Operating Junction and Storage Temperature Range
Tj, Tstg
-55 ~ +150
:
Thermal Data
Parameter
Symbol
Value
Unit
Thermal Resistance Junction-case
Max.
Rthj-case
1.3
: /W
Thermal Resistance Junction-ambient
Max.
Rthj-amb
110
/
: W
BVDSS
25V
RDS(ON)
4.5m
ID
75A
Pb Free Plating Product
TO-252


Similar Part No. - GJ75N03

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GJ70L02 GTM-GJ70L02 Datasheet
252Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ70N03 GTM-GJ70N03 Datasheet
243Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ70T03 GTM-GJ70T03 Datasheet
229Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ772 GTM-GJ772 Datasheet
163Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
logo
E-Tech Electronics LTD
GJ772 ETL-GJ772 Datasheet
166Kb / 3P
   P N P E P I T A X I A L P L A N A R T R A N S I S T O R
More results

Similar Description - GJ75N03

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com