Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GJ7809 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GJ7809
Description  3-TERMINAL POSITIVE VOLTAGE REGULATORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GJ7809 Datasheet(HTML) 1 Page - GTM CORPORATION

  GJ7809 Datasheet HTML 1Page - GTM CORPORATION GJ7809 Datasheet HTML 2Page - GTM CORPORATION GJ7809 Datasheet HTML 3Page - GTM CORPORATION GJ7809 Datasheet HTML 4Page - GTM CORPORATION GJ7809 Datasheet HTML 5Page - GTM CORPORATION GJ7809 Datasheet HTML 6Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
GJ78XXA
Page: 1/6
ISSUED DATE :2005/06/08
REVISED DATE :2005/12/06B
G
G JJ7788X
X X
X A
A
3-TERMINAL POSITIVE VOLTAGE REGULATORS
Description
The GJ78XXA series of fixed-voltage monolithic integrated-circuit voltage regulators designed for a wide range
of applications. These applications include on-card regulation for elimination of noise and distribution problems
associated with single-point regulation. Each of these regulators can deliver up to 1.5 amperes of output
current. The internal current limiting and thermal shutdown features of these regulators make them essentially
immune to overload.
Features
&5V, 6V, 8V, 9V, 10V, 12V, 15V, 18V, 24V output voltage available
&Internal Thermal Overload Protection
&High Power Dissipation Capability
&Internal Short-Circuit Current Limiting
&No External Components
&Output Transistor Safe-Area Compensation
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.40
6.80
G
0.50
0.70
B
5.20
5.50
H
2.20
2.40
C
6.80
7.20
J
0.45
0.55
D
2.40
3.00
K
0
0.15
E
2.30 REF.
L
0.90
1.50
F
0.70
0.90
M
5.40
5.80
S
0.60
0.90
R
0.80
1.20
Absolute Maximum Ratings
Parameter
Ratings
Unit
GJ7805A ~ 18A
35V
V
I
nput voltage
GJ7824A
40V
V
Output current
1.5
A
Operating junction temperature range
0 ~ 150
:
Storage temperature range
-55 ~ 150
:
Thermal resistance junction-air (R JA)
125
: /W
Thermal resistance junction-cases (R JC)
12.5
: /W
TO-252


Similar Part No. - GJ7809

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GJ7809 GTM-GJ7809 Datasheet
197Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
More results

Similar Description - GJ7809

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM341-12 TI1-LM341-12 Datasheet
729Kb / 13P
[Old version datasheet]   3-Terminal Positive Voltage Regulators
logo
GTM CORPORATION
G3U78XXA GTM-G3U78XXA Datasheet
206Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GI78XX GTM-GI78XX Datasheet
201Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XX GTM-GJ78XX Datasheet
197Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Bookly Micro electronic
BM7805 BOOKLY-BM7805 Datasheet
222Kb / 8P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
GTM CORPORATION
GE78XX GTM-GE78XX Datasheet
207Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
G3U78XX GTM-G3U78XX Datasheet
231Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GU78XX GTM-GU78XX Datasheet
240Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
List of Unclassifed Man...
AX78LXX ETC-AX78LXX Datasheet
223Kb / 10P
   3-Terminal Positive Voltage Regulators
AX78XX ETC-AX78XX Datasheet
222Kb / 11P
   3-Terminal Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com