Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK4082-S17-AY Datasheet(PDF) 5 Page - NEC

Part # 2SK4082-S17-AY
Description  SWITCHING N-CHANNEL POWER MOS FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK4082-S17-AY Datasheet(HTML) 5 Page - NEC

  2SK4082-S17-AY Datasheet HTML 1Page - NEC 2SK4082-S17-AY Datasheet HTML 2Page - NEC 2SK4082-S17-AY Datasheet HTML 3Page - NEC 2SK4082-S17-AY Datasheet HTML 4Page - NEC 2SK4082-S17-AY Datasheet HTML 5Page - NEC 2SK4082-S17-AY Datasheet HTML 6Page - NEC 2SK4082-S17-AY Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Data Sheet D18786EJ1V0DS
5
2SK4082
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
CAPACITANCE vs.
DRAIN TO SOURCE VOLTAGE
0
1
2
3
4
5
6
-75
-25
25
75
125
175
1.8 A
ID = 3.5 A
VGS = 10 V
Pulsed
Tch - Channel Temperature -
°C
1
10
100
1000
10000
0.1
1
10
100
1000
Crss
Ciss
Coss
VGS = 0 V
f = 1 MHz
VDS - Drain to Source Voltage - V
SWITCHING CHARACTERISTICS
DYNAMIC INPUT/OUTPUT CHARACTERISTICS
1
10
100
1000
0.1
1
10
100
VDD = 150 V
VGS = 10 V
RG = 10
Ω
td(off)
tf
tr
td(on)
ID - Drain Current - A
0
100
200
300
400
500
600
0
2
4
6
8
10
12
14
0
2
4
6
8
10
12
VDS
VGS
ID = 3.5 A
VDD = 450 V
300 V
150 V
QG - Gate Charge - nC
SOURCE TO DRAIN DIODE
FORWARD VOLTAGE
REVERSE RECOVERY TIME vs.
DIODE FORWARD CURRENT
0.01
0.1
1
10
100
00.5
11.5
Pulsed
0 V
VGS = 10 V
VF(S-D) - Source to Drain Voltage - V
10
100
1000
0.1
1
10
100
di/dt = 100 A/
μs
VGS = 0 V
IF - Diode Forward Current - A


Similar Part No. - 2SK4082-S17-AY

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
2SK4082-S17-AY VBSEMI-2SK4082-S17-AY Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
logo
Renesas Technology Corp
2SK4082-S17-AY RENESAS-2SK4082-S17-AY Datasheet
1Mb / 9P
   MOS FIELD EFFECT TRANSISTOR
2007
More results

Similar Description - 2SK4082-S17-AY

ManufacturerPart #DatasheetDescription
logo
NEC
2SK4078 NEC-2SK4078 Datasheet
184Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
2SK4092 NEC-2SK4092 Datasheet
198Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
2SK3116 NEC-2SK3116 Datasheet
70Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
logo
Renesas Technology Corp
2SK3943 RENESAS-2SK3943_15 Datasheet
265Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
NP80N04MLG RENESAS-NP80N04MLG_15 Datasheet
356Kb / 12P
   SWITCHING N-CHANNEL POWER MOS FET
NP82N06PLG RENESAS-NP82N06PLG_15 Datasheet
313Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
NP90N06VLG RENESAS-NP90N06VLG_15 Datasheet
337Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
NP60N055KUG RENESAS-NP60N055KUG_15 Datasheet
269Kb / 9P
   SWITCHING N-CHANNEL POWER MOS FET
NP90N04PUF RENESAS-NP90N04PUF_15 Datasheet
274Kb / 9P
   SWITCHING N-CHANNEL POWER MOS FET
2SK3793 RENESAS-2SK3793_15 Datasheet
306Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
2SK3811 RENESAS-2SK3811_15 Datasheet
274Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com