Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK4081-S15-AY Datasheet(PDF) 6 Page - NEC

Part # 2SK4081-S15-AY
Description  SWITCHING N-CHANNEL POWER MOS FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK4081-S15-AY Datasheet(HTML) 6 Page - NEC

  2SK4081-S15-AY Datasheet HTML 1Page - NEC 2SK4081-S15-AY Datasheet HTML 2Page - NEC 2SK4081-S15-AY Datasheet HTML 3Page - NEC 2SK4081-S15-AY Datasheet HTML 4Page - NEC 2SK4081-S15-AY Datasheet HTML 5Page - NEC 2SK4081-S15-AY Datasheet HTML 6Page - NEC 2SK4081-S15-AY Datasheet HTML 7Page - NEC 2SK4081-S15-AY Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Data Sheet D18785EJ2V0DS
6
2SK4081
SINGLE AVALANCHE CURRENT vs.
INDUCTIVE LOAD
SINGLE AVALANCHE ENERGY
DERATING FACTOR
0.1
1
10
0.01
0.1
1
10
100
1000
VDD = 150 V
RG = 25
Ω
VGS = 20 → 0 V
Starting Tch = 25
°C
IAS = 1.4 A
EAS = 117 mJ
L - Inductive Load - H
0
20
40
60
80
100
120
25
50
75
100
125
150
VDD = 150 V
RG = 25
Ω
VGS = 20 → 0 V
IAS
≤ 1.4 A
Starting Tch - Starting Channel Temperature -
°C


Similar Part No. - 2SK4081-S15-AY

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
2SK4081-S27 VBSEMI-2SK4081-S27 Datasheet
960Kb / 8P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - 2SK4081-S15-AY

ManufacturerPart #DatasheetDescription
logo
NEC
2SK4078 NEC-2SK4078 Datasheet
184Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
2SK4092 NEC-2SK4092 Datasheet
198Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
2SK3116 NEC-2SK3116 Datasheet
70Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
logo
Renesas Technology Corp
2SK3943 RENESAS-2SK3943_15 Datasheet
265Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
NP80N04MLG RENESAS-NP80N04MLG_15 Datasheet
356Kb / 12P
   SWITCHING N-CHANNEL POWER MOS FET
NP82N06PLG RENESAS-NP82N06PLG_15 Datasheet
313Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
NP90N06VLG RENESAS-NP90N06VLG_15 Datasheet
337Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
NP60N055KUG RENESAS-NP60N055KUG_15 Datasheet
269Kb / 9P
   SWITCHING N-CHANNEL POWER MOS FET
NP90N04PUF RENESAS-NP90N04PUF_15 Datasheet
274Kb / 9P
   SWITCHING N-CHANNEL POWER MOS FET
2SK3793 RENESAS-2SK3793_15 Datasheet
306Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
2SK3811 RENESAS-2SK3811_15 Datasheet
274Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com