Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8944 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # TDA8944
Description  2 x 7 W stereo Bridge Tied Load BTL audio amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8944 Datasheet(HTML) 1 Page - NXP Semiconductors

  TDA8944 Datasheet HTML 1Page - NXP Semiconductors TDA8944 Datasheet HTML 2Page - NXP Semiconductors TDA8944 Datasheet HTML 3Page - NXP Semiconductors TDA8944 Datasheet HTML 4Page - NXP Semiconductors TDA8944 Datasheet HTML 5Page - NXP Semiconductors TDA8944 Datasheet HTML 6Page - NXP Semiconductors TDA8944 Datasheet HTML 7Page - NXP Semiconductors TDA8944 Datasheet HTML 8Page - NXP Semiconductors TDA8944 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
TDA8944J
2 x 7 W stereo Bridge Tied Load (BTL) audio amplifier
Rev. 02 — 14 February 2000
Product specification
c
c
1.
General description
The TDA8944J is a dual-channel audio power amplifier with an output power of
2
× 7 W at an 8 Ω load and a 12 V supply. The circuit contains two Bridge Tied Load
(BTL) amplifiers with an all-NPN output stage and standby/mute logic. The TDA8944J
comes in a 17-pin DIL-bent-SIL (DBS) power package. The TDA8944J is
printed-circuit board (PCB) compatible with all other types in the TDA894x family.
One PCB footprint accommodates both the mono and the stereo products.
2.
Features
s Few external components
s Fixed gain
s Standby and mute mode
s No on/off switching plops
s Low standby current
s High supply voltage ripple rejection
s Outputs short-circuit protected to ground, supply and across the load
s Thermally protected
s Printed-circuit board compatible.
3.
Applications
s Mains fed applications (e.g. TV sound)
s PC audio
s Portable audio.
4.
Quick reference data
Table 1:
Quick reference data
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
6
12
18
V
Iq
quiescent supply current
VCC =12V; RL = ∞
-
2436mA
Istb
standby supply current
-
-
10
µA


Similar Part No. - TDA8944

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8944AJ NXP-TDA8944AJ Datasheet
406Kb / 20P
   2 x 7 W BTL audio amplifier with DC gain control
Rev. 01-01 March 2002
More results

Similar Description - TDA8944

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8946J PHILIPS-TDA8946J Datasheet
393Kb / 23P
   2 x 15 W stereo Bridge Tied Load BTL audio amplifier
Rev. 02 -14 March 2000
TDA8942P PHILIPS-TDA8942P Datasheet
395Kb / 23P
   2 x 1.5 W stereo Bridge Tied Load BTL audio amplifier
Rev. 02 -14 March 2000
TDA8945S PHILIPS-TDA8945S Datasheet
363Kb / 21P
   15 W mono Bridge Tied Load BTL audio amplifier
Rev. 02 -7 April 2000
TDA8943SF PHILIPS-TDA8943SF Datasheet
358Kb / 20P
   6 W mono Bridge Tied Load BTL audio amplifier
Rev. 02 -7 April 2000
TDA8941P PHILIPS-TDA8941P Datasheet
370Kb / 21P
   1.5 W mono Bridge Tied Load BTL audio amplifier
Rev. 02 -7 April 2000
TDA7057Q PHILIPS-TDA7057Q Datasheet
56Kb / 9P
   2 x 3 W stereo BTL audio output amplifier
May 1992
TFA9810 NXP-TFA9810 Datasheet
148Kb / 29P
   Stereo full-bridge audio amplifier 2 x 12 W
Rev. 02-30 August 2007
TFA9815 NXP-TFA9815 Datasheet
139Kb / 26P
   Stereo full-bridge audio amplifier 2 x 17 W
Rev. 01-16 December 2008
SA58637 PHILIPS-SA58637_15 Datasheet
164Kb / 22P
   2 x 2.2 W BTL audio amplifier
Rev. 01-25 February 2008
TFA9810TN1 PHILIPS-TFA9810TN1 Datasheet
172Kb / 29P
   Stereo full-bridge audio amplifier 2 x 12 W
Rev. 03-20 February 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com