Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK4081-ZK-E1-AY Datasheet(PDF) 2 Page - NEC

Part # 2SK4081-ZK-E1-AY
Description  SWITCHING N-CHANNEL POWER MOS FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK4081-ZK-E1-AY Datasheet(HTML) 2 Page - NEC

  2SK4081-ZK-E1-AY Datasheet HTML 1Page - NEC 2SK4081-ZK-E1-AY Datasheet HTML 2Page - NEC 2SK4081-ZK-E1-AY Datasheet HTML 3Page - NEC 2SK4081-ZK-E1-AY Datasheet HTML 4Page - NEC 2SK4081-ZK-E1-AY Datasheet HTML 5Page - NEC 2SK4081-ZK-E1-AY Datasheet HTML 6Page - NEC 2SK4081-ZK-E1-AY Datasheet HTML 7Page - NEC 2SK4081-ZK-E1-AY Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Data Sheet D18785EJ2V0DS
2
2SK4081
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Zero Gate Voltage Drain Current
IDSS
VDS = 600 V, VGS = 0 V
10
μA
Gate Leakage Current
IGSS
VGS =
±30 V, VDS = 0 V
±100
nA
Gate to Source Cut-off Voltage
VGS(off)
VDS = 10 V, ID = 1 mA
2.5
3.0
3.5
V
Forward Transfer Admittance
Note
| yfs |
VDS = 10 V, ID = 1.0 A
0.35
S
Drain to Source On-state Resistance
Note
RDS(on)
VGS = 10 V, ID = 1.0 A
4.2
5
Ω
Input Capacitance
Ciss
VDS = 10 V,
230
pF
Output Capacitance
Coss
VGS = 0 V,
95
pF
Reverse Transfer Capacitance
Crss
f = 1 MHz
11
pF
Turn-on Delay Time
td(on)
VDD = 150 V, ID = 1.0 A,
11
ns
Rise Time
tr
VGS = 10 V,
7
ns
Turn-off Delay Time
td(off)
RG = 10
Ω
13
ns
Fall Time
tf
13.5
ns
Total Gate Charge
QG
7.2
nC
Gate to Source Charge
QGS
2.9
nC
Gate to Drain Charge
QGD
VDD = 450 V,
VGS = 10 V,
ID = 2.0 A
3.0
nC
Body Diode Forward Voltage
Note
VF(S-D)
IF = 2.0 A, VGS = 0 V
0.87
1.5
V
Reverse Recovery Time
trr
IF = 2.0 A, VGS = 0 V,
175
ns
Reverse Recovery Charge
Qrr
di/dt = 100 A/
μs
550
nC
Note Pulsed
TEST CIRCUIT 1 AVALANCHE CAPABILITY
RG = 25
Ω
50
Ω
PG.
L
VDD
VGS = 20
→ 0 V
BVDSS
IAS
ID
VDS
Starting Tch
VDD
D.U.T.
TEST CIRCUIT 3 GATE CHARGE
TEST CIRCUIT 2 SWITCHING TIME
PG.
RG
0
VGS
D.U.T.
RL
VDD
τ = 1 s
μ
Duty Cycle
≤ 1%
τ
PG.
50
Ω
D.U.T.
RL
VDD
IG = 2 mA
VGS
Wave Form
VDS
Wave Form
VGS
VDS
10%
0
0
90%
90%
90%
VGS
VDS
ton
toff
td(on)
tr
td(off)
tf
10%
10%


Similar Part No. - 2SK4081-ZK-E1-AY

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
2SK4081-ZK-E1-AY VBSEMI-2SK4081-ZK-E1-AY Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
More results

Similar Description - 2SK4081-ZK-E1-AY

ManufacturerPart #DatasheetDescription
logo
NEC
2SK4078 NEC-2SK4078 Datasheet
184Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
2SK4092 NEC-2SK4092 Datasheet
198Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
2SK3116 NEC-2SK3116 Datasheet
70Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
logo
Renesas Technology Corp
2SK3943 RENESAS-2SK3943_15 Datasheet
265Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
NP80N04MLG RENESAS-NP80N04MLG_15 Datasheet
356Kb / 12P
   SWITCHING N-CHANNEL POWER MOS FET
NP82N06PLG RENESAS-NP82N06PLG_15 Datasheet
313Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
NP90N06VLG RENESAS-NP90N06VLG_15 Datasheet
337Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
NP60N055KUG RENESAS-NP60N055KUG_15 Datasheet
269Kb / 9P
   SWITCHING N-CHANNEL POWER MOS FET
NP90N04PUF RENESAS-NP90N04PUF_15 Datasheet
274Kb / 9P
   SWITCHING N-CHANNEL POWER MOS FET
2SK3793 RENESAS-2SK3793_15 Datasheet
306Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
2SK3811 RENESAS-2SK3811_15 Datasheet
274Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com