Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD8821CZ-A Datasheet(PDF) 2 Page - NEC

Part # UPD8821CZ-A
Description  7300 PIXELS 횞 3 COLOR CCD LINEAR IMAGE SENSOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD8821CZ-A Datasheet(HTML) 2 Page - NEC

  UPD8821CZ-A Datasheet HTML 1Page - NEC UPD8821CZ-A Datasheet HTML 2Page - NEC UPD8821CZ-A Datasheet HTML 3Page - NEC UPD8821CZ-A Datasheet HTML 4Page - NEC UPD8821CZ-A Datasheet HTML 5Page - NEC UPD8821CZ-A Datasheet HTML 6Page - NEC UPD8821CZ-A Datasheet HTML 7Page - NEC UPD8821CZ-A Datasheet HTML 8Page - NEC UPD8821CZ-A Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
μ PD8821
Data Sheet S17961EJ2V0DS
BLOCK DIAGRAM
6
φR
25
φ1B
33
GND
5
VOD
37
VOUT2
38
VOUT1
Photocell
(Blue)
Transfer gate
CCD analog shift register
CCD analog shift register
...
Transfer gate
40
VOUT3
1
VOUT4
Photocell
(Green)
Transfer gate
CCD analog shift register
CCD analog shift register
...
Transfer gate
3
VOUT6
Photocell
(Red)
CCD analog shift register
...
Transfer gate
(Blue, odd)
(Green, odd)
(Green, even)
(Red, even)
(Red, odd)
(Blue, even)
26
φ2A
34
φ2L
35
φCP
15
φ1A
16
φ2B
4
VOUT5
Transfer gate
CCD analog shift register
9
φ2BO
32
φ1BO
39
GND
36
VOD
2
GND
7
φ2L
φTG1
23
φTG2
17
φTG3
24
10
φ1AO
8
GND
18
GND
31
φ2AO
30
HS-VOD
11
HS-VOD


Similar Part No. - UPD8821CZ-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD8821CZ-A RENESAS-UPD8821CZ-A Datasheet
407Kb / 26P
   MOS INTEGRATED CIRCUIT
2006
More results

Similar Description - UPD8821CZ-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PD8835 RENESAS-PD8835_15 Datasheet
466Kb / 24P
   7300 PIXELS 횞 3 COLOR CCD LINEAR IMAGE SENSOR
S15417EJ3V0DS00 RENESAS-S15417EJ3V0DS00_15 Datasheet
338Kb / 30P
   7300 PIXELS 횞 3 COLOR CCD LINEAR IMAGE SENSOR
logo
NEC
UPD3788 NEC-UPD3788 Datasheet
197Kb / 24P
   7300 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
logo
Renesas Technology Corp
PD3788 RENESAS-PD3788_15 Datasheet
280Kb / 26P
   7300 PIXELS 쨈 3 COLOR CCD LINEAR IMAGE SENSOR
logo
NEC
UPD3728 NEC-UPD3728 Datasheet
154Kb / 24P
   7300 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3728DZ NEC-UPD3728DZ Datasheet
213Kb / 28P
   7300 PIXELS x3 COLOR CCD LINEAR IMAGE SENSOR
UPD8870 NEC-UPD8870 Datasheet
189Kb / 24P
   10680 PIXELS 횞 3 COLOR CCD LINEAR IMAGE SENSOR
logo
Renesas Technology Corp
S15167EJ4V0DS00 RENESAS-S15167EJ4V0DS00_15 Datasheet
303Kb / 26P
   5400 PIXELS 횞 3 COLOR CCD LINEAR IMAGE SENSOR
S15418EJ3V0DS00 RENESAS-S15418EJ3V0DS00_15 Datasheet
324Kb / 26P
   7500 PIXELS 횞 3 COLOR CCD LINEAR IMAGE SENSOR
S17962EJ1V0DS00 RENESAS-S17962EJ1V0DS00_15 Datasheet
396Kb / 26P
   7600 PIXELS 횞 3 COLOR CCD LINEAR IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com