Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD121W18AT1F-E2-AT Datasheet(PDF) 4 Page - NEC

Part # UPD121W18AT1F-E2-AT
Description  MOS INTEGRATED CIRCUIT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD121W18AT1F-E2-AT Datasheet(HTML) 4 Page - NEC

  UPD121W18AT1F-E2-AT Datasheet HTML 1Page - NEC UPD121W18AT1F-E2-AT Datasheet HTML 2Page - NEC UPD121W18AT1F-E2-AT Datasheet HTML 3Page - NEC UPD121W18AT1F-E2-AT Datasheet HTML 4Page - NEC UPD121W18AT1F-E2-AT Datasheet HTML 5Page - NEC UPD121W18AT1F-E2-AT Datasheet HTML 6Page - NEC UPD121W18AT1F-E2-AT Datasheet HTML 7Page - NEC UPD121W18AT1F-E2-AT Datasheet HTML 8Page - NEC UPD121W18AT1F-E2-AT Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Data Sheet G18852EJ1V0DS
4
μ PD121WxxA Series
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Rating
Unit
Input Voltage
VIN
−0.3 to +6.0
V
ON/OFF Pin Voltage
VON/OFF
−0.3 to VIN
V
Internal Power Dissipation (TC = 25
°C)
Note
PT
10
W
Operating Ambient Temperature
TA
−40 to +85
°C
Operating Junction Temperature
TJ
−40 to +150
°C
Storage Temperature
Tstg
−55 to +150
°C
Thermal Resistance (junction to ambient)
Rth(J-A)
125
°C/W
Thermal Resistance (junction to case)
Rth(J-C)
12.5
°C/W
Note Internally limited. When the operating junction temperature rises above 150
°C, the internal circuit shuts down
the output voltage.
Caution Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any
parameter. That is, the absolute maximum ratings are rated values at which the product is on the
verge of suffering physical damage, and therefore the product must be used under conditions that
ensure that the absolute maximum ratings are not exceeded.
TYPICAL CONNECTION
μ PD121W18A, μ PD121W25A, μ PD121W33A
GND
GND
D2
PD121W18A, 25A, 33A
μ
OUTPUT
OUTPUT
INPUT
ON/OFF
INPUT
CIN
COUT
D1
μ PD121W00A
D1
D2
R1
R2
PD121W00A
GND
GND
INPUT
OUTPUT
ADJ
OUTPUT
INPUT
CIN
COUT
ON/OFF
μ


Similar Part No. - UPD121W18AT1F-E2-AT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD121W18AT1F RENESAS-UPD121W18AT1F Datasheet
429Kb / 18P
   MOS INTEGRATED CIRCUIT
2007
More results

Similar Description - UPD121W18AT1F-E2-AT

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720110 NEC-UPD720110 Datasheet
405Kb / 32P
   MOS INTEGRATED CIRCUIT
UPD121A10 NEC-UPD121A10 Datasheet
214Kb / 10P
   MOS INTEGRATED CIRCUIT
UPD703130 NEC-UPD703130 Datasheet
601Kb / 72P
   MOS INTEGRATED CIRCUIT
UPD16874 NEC-UPD16874 Datasheet
218Kb / 19P
   MOS INTEGRATED CIRCUIT
UPD16601 NEC-UPD16601 Datasheet
98Kb / 13P
   MOS Integrated Circuit
logo
Renesas Technology Corp
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
   MOS INTEGRATED CIRCUIT
logo
NEC
UPD65881GB-P02 NEC-UPD65881GB-P02 Datasheet
76Kb / 8P
   MOS Integrated Circuit
UPD720122 NEC-UPD720122 Datasheet
650Kb / 82P
   MOS Integrated Circuit
logo
Renesas Technology Corp
PD166105GS RENESAS-PD166105GS_15 Datasheet
134Kb / 17P
   MOS INTEGRATED CIRCUIT
UPD166108GR RENESAS-UPD166108GR Datasheet
462Kb / 16P
   MOS INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com