Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9143 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA9143
Description  I2C-bus controlled, alignment-free PAL/NTSC/SECAM decoder/sync processor
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9143 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA9143 Datasheet HTML 1Page - NXP Semiconductors TDA9143 Datasheet HTML 2Page - NXP Semiconductors TDA9143 Datasheet HTML 3Page - NXP Semiconductors TDA9143 Datasheet HTML 4Page - NXP Semiconductors TDA9143 Datasheet HTML 5Page - NXP Semiconductors TDA9143 Datasheet HTML 6Page - NXP Semiconductors TDA9143 Datasheet HTML 7Page - NXP Semiconductors TDA9143 Datasheet HTML 8Page - NXP Semiconductors TDA9143 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
1996 Jan 17
2
Philips Semiconductors
Preliminary specification
I2C-bus controlled, alignment-free
PAL/NTSC/SECAM decoder/sync processor
TDA9143
FEATURES
• Multi-standard colour decoder and sync processor for
PAL, NTSC and SECAM
• PALplus helper blanking and EDTV-2 blanking
• I2C-bus controlled
• I2C-bus addresses hardware selectable
• Pin compatible with TDA9141
• Alignment free
• Few external components
• Designed for use with baseband delay lines
• Integrated video filters
• Adjustable luminance delay
• Noise detector with I2C-bus read-out
• Norm/no_norm detector with I2C-bus read-out
• CVBS or Y/C input, with automatic detection possibility
• CVBS output, provided I2C-bus address 8A is used
• Vertical divider system
• Two-level sandcastle signal
• VA synchronization pulse (3-state)
• HA synchronization pulse or clamping pulse CLP
input/output
• Line-locked clock output (6.75 MHz or 6.875 MHz) or
stand-alone I2C-bus output port
• Stand-alone I2C-bus input/output port
• Colour matrix and fast YUV switch
• Comb filter enable input/output with subcarrier
frequency
• Internal bypass mode of external delay line for NTSC
applications
• Low power standby mode with 3-state YUV outputs
• Fast blanking detector with I2C-bus read-out
• Blanked or unblanked sync on Yout by I2C-bus bit BSY
• Internal MACROVISION gating for the horizontal PLL
enabled by bus bit EMG.
GENERAL DESCRIPTION
The TDA9143 is an I2C-bus controlled, alignment-free
PAL/NTSC/SECAM decoder/sync processor with blanking
facilities for PALplus and EDTV-2 signals. The TDA9143
has been designed for use with baseband chrominance
delay lines, and has a combined subcarrier
frequency/comb filter enable signal for communication
with a PAL/NTSC comb filter.
The IC can process both CVBS input signals and Y/C input
signals. The input signal is available on an output pin, in
the event of a Y/C signal, it is added into a CVBS signal.
The sync processor provides a two-level sandcastle, a
horizontal pulse (CLP or HA pulse, bus selectable) and a
vertical (VA) pulse. When the HA pulse is selected, a
line-locked clock (LLC) signal is available at the output port
pin (6.75 MHz or 6.875 MHz).
A fast switch can select either the internal Y signal with the
UV input signals, or YUV signals made of the RGB input
signals. The RGB input signals can be clamped with either
the internal or an external clamping signal.
Two pins with an input/output port and an output port of the
I2C-bus are available.
The I2C-bus address of the TDA9143 is hardware
programmable.
ORDERING INFORMATION
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA9143
SDIP32
plastic shrink dual in-line package; 32 leads (400 mil)
SOT232-1


Similar Part No. - TDA9143

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9141 PHILIPS-TDA9141 Datasheet
175Kb / 25P
   PAL/NTSC/SECAM decoder/sync processor
December 1992
TDA9144 PHILIPS-TDA9144 Datasheet
309Kb / 44P
   I2C-bus controlled, alignment-free PAL/NTSC/SECAM decoder/sync processor with PALplus helper demodulator
1996 Jan 17
More results

Similar Description - TDA9143

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9144 PHILIPS-TDA9144 Datasheet
309Kb / 44P
   I2C-bus controlled, alignment-free PAL/NTSC/SECAM decoder/sync processor with PALplus helper demodulator
1996 Jan 17
TDA9141 PHILIPS-TDA9141 Datasheet
175Kb / 25P
   PAL/NTSC/SECAM decoder/sync processor
December 1992
TDA9160 PHILIPS-TDA9160 Datasheet
220Kb / 27P
   PAL/NTSC/SECAM decoder/sync processor
December 1991
logo
STMicroelectronics
STV2118B STMICROELECTRONICS-STV2118B Datasheet
233Kb / 25P
   BUS CONTROLLED PAL/SECAM/NTSC TV PROCESSOR
logo
NXP Semiconductors
TDA884X PHILIPS-TDA884X Datasheet
419Kb / 68P
   I2C-bus controlled PAL/NTSC/SECAM TV processors
December 16, 1997
TDA8366 PHILIPS-TDA8366 Datasheet
414Kb / 48P
   I2C-bus controlled PAL/NTSC TV processor
January 1995
logo
STMicroelectronics
STV2112B STMICROELECTRONICS-STV2112B Datasheet
184Kb / 24P
   BUS-CONTROLLED PAL/SECAM TV PROCESSOR
logo
Asahi Kasei Microsystem...
AK8853XQ AKM-AK8853XQ Datasheet
616Kb / 70P
   NTSC/PAL/SECAM Digital Video Decoder
AK8859VN AKM-AK8859VN Datasheet
704Kb / 72P
   NTSC/PAL/SECAM Digital Video Decoder
AK8859VQ AKM-AK8859VQ Datasheet
703Kb / 73P
   NTSC/PAL/SECAM Digital Video Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com