Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9150 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA9150
Description  Programmable deflection controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9150 Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA9150 Datasheet HTML 1Page - NXP Semiconductors TDA9150 Datasheet HTML 2Page - NXP Semiconductors TDA9150 Datasheet HTML 3Page - NXP Semiconductors TDA9150 Datasheet HTML 4Page - NXP Semiconductors TDA9150 Datasheet HTML 5Page - NXP Semiconductors TDA9150 Datasheet HTML 6Page - NXP Semiconductors TDA9150 Datasheet HTML 7Page - NXP Semiconductors TDA9150 Datasheet HTML 8Page - NXP Semiconductors TDA9150 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
July 1994
3
Philips Semiconductors
Preliminary specification
Programmable deflection controller
TDA9150B
QUICK REFERENCE DATA
Notes
1. Hard wired to ground or VCC is highly recommended.
2. DAC values: vertical amplitude = 31; EHT = 0; SHIFT = 3; SCOR = 0.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCC
supply voltage
7.2
8.0
8.8
V
ICC
supply current
fclk = 6.75 MHz
27
mA
Ptot
total power dissipation
220
mW
Tamb
operating ambient temperature
−25
+70
°C
Inputs
V14
line-locked clock (LLC) logic level
TTL
V13
horizontal sync (HA) logic level
TTL
V12
vertical sync (VA) logic level
TTL
V5
line-locked clock select (LLCS)
logic level
note 1
CMOS 5 V
V18
serial clock (SCL) logic level
CMOS 5 V
V17
serial data input (SDA) logic level
CMOS 5 V
VPSL
horizontal flyback (HFB) phase
slicing level
FBL = logic 0
3.9
V
FBL = logic 1
1.3
V
V1
horizontal flyback (HFB) blanking
slicing level
100
mV
V3
over voltage protection (PROT)
level
3.9
V
V9
EHT flash detection level
1.5
V
Outputs
V20
horizontal output (HOUT) voltage
(open drain)
I20 = 10 mA
−−
0.5
V
I11−I10(M)
vertical differential (VOUTA, B)
output current (peak value)
vertical amplitude = 100%;
I8 = −120 µA; note 2
440
475
510
µA
V10,11
vertical output voltage
0
3.9
V
I6(M)
EW (EWOUT) total output current
(peak value)
I8 = −120 µA
−−
930
µA
V6
EW (EWOUT) output voltage
1.0
5.5
V
SANDCASTLE OUTPUT LEVELS (DSC)
V2
base voltage level
0.5
V
V2
horizontal and vertical blanking
voltage level
2.5
V
V2
video clamping voltage level
4.5
V
HORIZONTAL OFF-CENTRE SHIFT (OFCS)
V19
output voltage
I19 = 2 mA
0
VCC
V


Similar Part No. - TDA9150

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9151B PHILIPS-TDA9151B Datasheet
473Kb / 36P
   Programmable deflection controller
July 1994
More results

Similar Description - TDA9150

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9151B PHILIPS-TDA9151B Datasheet
473Kb / 36P
   Programmable deflection controller
July 1994
TDA4855 PHILIPS-TDA4855 Datasheet
317Kb / 44P
   Autosync Deflection Controller ASDC
1996 Jul 18
logo
Siemens Semiconductor G...
SDA9361 SIEMENS-SDA9361 Datasheet
237Kb / 47P
   DDC-PLUS-Deflection Controller
SDA9362 SIEMENS-SDA9362 Datasheet
199Kb / 39P
   DDC-PLUS-Deflection Controller
logo
NXP Semiconductors
TDA4858 PHILIPS-TDA4858 Datasheet
260Kb / 44P
   Economy Autosync Deflection Controller (EASDC)
1997 Oct 27
logo
Toshiba Semiconductor
TLP621 TOSHIBA-TLP621_07 Datasheet
245Kb / 10P
   Programmable Controller
logo
Omron Electronics LLC
CP2E OMRON-CP2E Datasheet
8Mb / 47P
   Programmable Controller
CQM1-DA022 OMRON-CQM1-DA022 Datasheet
1Mb / 22P
   Programmable Controller
HMC-EF583 OMRON-HMC-EF583 Datasheet
3Mb / 24P
   Programmable Controller
logo
Advanced Micro Devices
AM8257 AMD-AM8257 Datasheet
519Kb / 8P
   Programmable DMA Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com