Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GL194 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GL194
Description  NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GL194 Datasheet(HTML) 1 Page - GTM CORPORATION

  GL194 Datasheet HTML 1Page - GTM CORPORATION GL194 Datasheet HTML 2Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CORPORATION
GL194
Page: 1/2
ISSUED DATE :2005/10/06
REVISED DATE :
GL194
N P N S I L I C O N P L A N A R M E D I U M P O W E R T R A N S I S T O R
Description
The GL194 is designed for medium power amplifier applications.
Features
&60 Volt VCEO
&1 Amp continuous current
&Complementary to GL195
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.70
7.30
B
13°TYP.
C
2.90
3.10
J
2.30 REF.
D
0.02
0.10
1
6.30
6.70
E
10°
2
6.30
6.70
I
0.60
0.80
3
3.30
3.70
H
0.25
0.35
4
3.30
3.70
5
1.40
1.80
Absolute Maximum Ratings at Ta = 25 ::::
Parameter
Symbol
Ratings
Unit
Junction Temperature
Tj
+150
:
Storage Temperature
Tstg
-55~+150
:
Collector to Base Voltage
VCBO
80
V
Collector to Emitter Voltage
VCEO
60
V
Emitter to Base Voltage
VEBO
5
V
Collector Current (DC)
IC
1
A
Collector Current (Pulse)
IC
2
A
Base Current
IB
200
mA
Total Power Dissipation
PD
2
W
Electrical Characteristics (Ta = 25 : , unless otherwise stated)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
80
-
-
V
IC=100uA , IE=0
*BVCEO
60
-
-
V
IC=10mA, IB=0
BVEBO
5
-
-
V
IE=100uA ,IC=0
ICBO
-
-
100
nA
VCB=60V, IE=0
ICES
-
-
100
nA
VCES=60V
IEBO
-
-
100
nA
VEB=4V, IC=0
*VCE(sat)1
-
-
0.25
V
IC=500mA, IB=50mA
*VCE(sat)2
-
-
0.5
V
IC=1A, IB=100mA
*VBE(sat)
-
-
1.1
V
IC=1A, IB=100mA
*VBE(on)
-
-
1.0
V
VCE=5V, IC=1A
*hFE1
100
-
VCE=5V, IC=1mA
*hFE2
100
-
300
VCE=5V, IC=500mA
*hFE3
80
-
VCE=5V, IC=1A
*hFE4
30
-
VCE=5V, IC=2A
fT
150
-
-
MHz
VCE=10V, IC=50mA, f=100MHz
Cob
-
-
10
pF
VCB=10V, IE=0, f=1MHz
*Measured under pulse condition. Pulse width=300 s, Duty Cycle 2%
SOT-223


Similar Part No. - GL194

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GL194 ETL-GL194 Datasheet
305Kb / 2P
   N P N S I L I CO N P L A N A R ME D I UM POWE R T R A N S I S T O R
logo
GTM CORPORATION
GL194A GTM-GL194A Datasheet
318Kb / 2P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
E-Tech Electronics LTD
GL194A ETL-GL194A Datasheet
321Kb / 2P
   N P N S I L I CO N P L A N A R M E D I UM POWE R T R A N S I S T O R
More results

Similar Description - GL194

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT755 ZETEX-FZT755 Datasheet
88Kb / 2P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Seme LAB
2N3053 SEME-LAB-2N3053_02 Datasheet
41Kb / 2P
   MEDIUM POWER SILICON NPN PLANAR TRANSISTOR
logo
Zetex Semiconductors
BCW66 ZETEX-BCW66 Datasheet
39Kb / 2P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
BCX41 ZETEX-BCX41 Datasheet
47Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
BSR42 ZETEX-BSR42 Datasheet
34Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
BSR43 ZETEX-BSR43 Datasheet
34Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FCX491 ZETEX-FCX491 Datasheet
16Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FCX491A ZETEX-FCX491A Datasheet
16Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Galaxy Semi-Conductor H...
FMMT449 BILIN-FMMT449 Datasheet
195Kb / 4P
   NPN Silicon Planar Medium Power Transistor
logo
Seme LAB
ZT91 SEME-LAB-ZT91_01 Datasheet
52Kb / 2P
   MEDIUM POWER SILICON NPN PLANAR TRANSISTOR
logo
Diodes Incorporated
ZTX449 DIODES-ZTX449_15 Datasheet
61Kb / 2P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com