Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9160 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA9160
Description  PAL/NTSC/SECAM decoder/sync processor
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9160 Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA9160 Datasheet HTML 1Page - NXP Semiconductors TDA9160 Datasheet HTML 2Page - NXP Semiconductors TDA9160 Datasheet HTML 3Page - NXP Semiconductors TDA9160 Datasheet HTML 4Page - NXP Semiconductors TDA9160 Datasheet HTML 5Page - NXP Semiconductors TDA9160 Datasheet HTML 6Page - NXP Semiconductors TDA9160 Datasheet HTML 7Page - NXP Semiconductors TDA9160 Datasheet HTML 8Page - NXP Semiconductors TDA9160 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
December 1991
3
Philips Semiconductors
Preliminary specification
PAL/NTSC/SECAM decoder/sync processor
TDA9160
QUICK REFERENCE DATA
ORDERING INFORMATION
Note
1. SOT232-1; 1996 December 2.
SYMBOL
PARAMETER
CONDITIONS
MIN. TYP.
MAX.
UNIT
VCC
positive supply voltage
7.2
8.0
8.8
V
ICC
supply current
50
mA
V24,26(p-p)
CVBS input voltage (peak-to-peak value)
1.0
V
V23(p-p)
S-VHS luminance input voltage (peak-to-peak value)
1.0
V
V22(p-p)
S-VHS chrominance burst input voltage (peak-to-peak
value)
0.3
V
V1(p-p)
luminance output voltage (peak-to-peak value)
0.45
V
V25(p-p)
teletext output voltage (peak-to-peak value)
1.0
V
V2(p-p)
chrominance output voltage
−(R-Y) (peak-to-peak value)
PAL/NTSC
525
mV
V2(p-p)
chrominance output voltage
−(R-Y) (peak-to-peak value)
SECAM
1.05
V
V3(p-p)
chrominance output voltage
−(B-Y) (peak-to-peak value)
PAL/NTSC
665
mV
V3(p-p)
chrominance output voltage
−(B-Y) (peak-to-peak value)
SECAM
1.33
V
V10
HA output voltage
5.0
V
I15,16(p-p)
vertical drive output current (peak-to-peak value)
1
mA
I18
horizontal drive output current
−−
10
mA
I17
EW drive output current
−−
0.9
mA
V6
sandcastle clamping voltage level
4.5
V
V6
sandcastle blanking voltage level
2.5
V
EXTENDED TYPE
NUMBER
PACKAGE
PINS
PIN POSITION
MATERIAL
CODE
TDA9160
32
SDIL
plastic
SOT232(1)


Similar Part No. - TDA9160

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA9102 STMICROELECTRONICS-TDA9102 Datasheet
84Kb / 7P
   H/V PROCESSOR FOR TTL V.D.U
May 1996
TDA9102C STMICROELECTRONICS-TDA9102C Datasheet
84Kb / 7P
   H/V PROCESSOR FOR TTL V.D.U
May 1996
TDA9102C STMICROELECTRONICS-TDA9102C Datasheet
127Kb / 7P
   H/V PROCESSOR FOR TTL V.D.U
May 1994
TDA9102CT STMICROELECTRONICS-TDA9102CT Datasheet
127Kb / 7P
   H/V PROCESSOR FOR TTL V.D.U
May 1994
TDA9102F STMICROELECTRONICS-TDA9102F Datasheet
127Kb / 7P
   H/V PROCESSOR FOR TTL V.D.U
More results

Similar Description - TDA9160

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9141 PHILIPS-TDA9141 Datasheet
175Kb / 25P
   PAL/NTSC/SECAM decoder/sync processor
December 1992
TDA9143 PHILIPS-TDA9143 Datasheet
275Kb / 40P
   I2C-bus controlled, alignment-free PAL/NTSC/SECAM decoder/sync processor
1996 Jan 17
logo
Asahi Kasei Microsystem...
AK8853XQ AKM-AK8853XQ Datasheet
616Kb / 70P
   NTSC/PAL/SECAM Digital Video Decoder
AK8859VN AKM-AK8859VN Datasheet
704Kb / 72P
   NTSC/PAL/SECAM Digital Video Decoder
AK8859VQ AKM-AK8859VQ Datasheet
703Kb / 73P
   NTSC/PAL/SECAM Digital Video Decoder
AK8851 AKM-AK8851 Datasheet
803Kb / 80P
   NTSC/PAL/SECAM Digital Video Decoder
logo
Texas Instruments
TVP5150A TI-TVP5150A Datasheet
375Kb / 79P
[Old version datasheet]   ULTRALOW POWER NTSC/PAL/SECAM VIDEO DECODER WITH REBUST SYNC DETECTOR
G2R-14-12VDC TI1-G2R-14-12VDC Datasheet
395Kb / 73P
[Old version datasheet]   Ultralow Power NTSC/PAL/SECAM Video Decoder With RObust Sync Detector
TVP5150A TI-TVP5150A Datasheet
355Kb / 72P
[Old version datasheet]   Ultralow Power NTSC/PAL/SECAM Video Decoder With Robust Sync Detector
TVP5150AM1 TI1-TVP5150AM1 Datasheet
1Mb / 88P
[Old version datasheet]   Ultralow-Power NTSC/PAL/SECAM Video Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com