Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GL1117A Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GL1117A
Description  1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GL1117A Datasheet(HTML) 1 Page - GTM CORPORATION

  GL1117A Datasheet HTML 1Page - GTM CORPORATION GL1117A Datasheet HTML 2Page - GTM CORPORATION GL1117A Datasheet HTML 3Page - GTM CORPORATION GL1117A Datasheet HTML 4Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/4
ISSUED DATE :2003/08/02
REVISED DATE :2007/01/12E
G
G L
L 11111177A
A
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Description
The GL1117A is a low dropout at positive adjustable or fixed-mode regulator with minimum of 1A output current
capability. The product is specifically designed to provide well-regulated supply for low voltage IC applications
such as high-speed bus termination and low current 3.3V logic supply. GL1117A is also well suited for other
applications such as VGA cards. GL1117A is guaranteed to have lower than 1.4V dropout at full load current
making it ideal to provide well-regulated outputs of 1.25 to 5.0 with 6.4V to 15V input supply.
Features
&1.4Vmaximum dropout full load current
&Fast transient response
&Output current limiting
&Built-in thermal shutdown
&Good noise rejection
&3-Terminal Adjustable or Fixed 1.5V,1.8V,2.5V,3.3V,5.0V
Applications
&PC peripheral
&Communication
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.70
7.30
B
13°TYP.
C
2.90
3.10
J
2.30 REF.
D
0.02
0.10
1
6.30
6.70
E
10°
2
6.30
6.70
I
0.60
0.80
3
3.30
3.70
H
0.25
0.35
4
3.30
3.70
5
1.40
1.80
Typical Circuit
SOT-223


Similar Part No. - GL1117A

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GL1117A ETL-GL1117A Datasheet
264Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results

Similar Description - GL1117A

ManufacturerPart #DatasheetDescription
logo
Zhaoxingwei Electronics...
LY6117 ZHAOXINGWEI-LY6117 Datasheet
111Kb / 2P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Tiger Electronic Co.,Lt...
LMT1117 TGS-LMT1117 Datasheet
306Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G1117A GTM-G1117A Datasheet
253Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
APX1117 DIODES-APX1117 Datasheet
165Kb / 8P
   1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
APX1117 Rev. 1
logo
Guangdong Kexin Industr...
KMU1117 KEXIN-KMU1117 Datasheet
95Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1117A A-POWER-APE1117A Datasheet
436Kb / 9P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
List of Unclassifed Man...
GJ1117A ETC2-GJ1117A Datasheet
245Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Guangdong Kexin Industr...
KMA1117 KEXIN-KMA1117 Datasheet
107Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AMS1117 KEXIN-AMS1117 Datasheet
70Kb / 2P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
DONGGUAN YOU FENG WEI E...
YFW1117-XX YFWDIODE-YFW1117-XX Datasheet
476Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
G1117A ETL-G1117A Datasheet
261Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com