Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX109 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX109
Description  8-Bit, 2.2Gsps ADC with Track/Hold Amplifier and 1:4 Demultiplexed LVDS Outputs
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX109 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX109 Datasheet HTML 2Page - Maxim Integrated Products MAX109 Datasheet HTML 3Page - Maxim Integrated Products MAX109 Datasheet HTML 4Page - Maxim Integrated Products MAX109 Datasheet HTML 5Page - Maxim Integrated Products MAX109 Datasheet HTML 6Page - Maxim Integrated Products MAX109 Datasheet HTML 7Page - Maxim Integrated Products MAX109 Datasheet HTML 8Page - Maxim Integrated Products MAX109 Datasheet HTML 9Page - Maxim Integrated Products MAX109 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
8-Bit, 2.2Gsps ADC with Track/Hold Amplifier
and 1:4 Demultiplexed LVDS Outputs
6
_______________________________________________________________________________________
AC ELECTRICAL CHARACTERISTICS (continued)
(VCCA = VCCI = VCCD = 5V, VCCO = 3.3V, VEE = -5V, GNDA = GNDI = GNDD = GNDO = GNDR = 0V, fCLK = 2.2Gsps, analog input
amplitude at -1dBFS differential, clock input amplitude 400mVP-P differential, digital output pins differential RL = 100Ω. Typical values
are at TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SFDR300
fIN = 300MHz, fCLK = 2.2Gsps
61.7
SFDR1000
fIN = 1000MHz, fCLK = 2.2Gsps (Note 8)
44.4
51.1
SFDR1600
fIN = 1600MHz, fCLK = 2.2Gsps (Note 8)
43.7
50.3
SFDR2500
fIN = 2500MHz, fCLK = 2.2Gsps
45.0
SFDR500
fIN = 500MHz, fCLK = 2.5Gsps
53.7
Spurious Free Dynamic Range
SFDR1600
fIN = 1600MHz, fCLK = 2.5Gsps
44.6
dBc
SINAD300
fIN = 300MHz, fCLK = 2.2Gsps
44.1
SINAD1000 fIN = 1000MHz, fCLK = 2.2Gsps (Note 8)
40.4
43.1
SINAD1600 fIN = 1600MHz, fCLK = 2.2Gsps (Note 8)
37.9
42.1
SINAD2500 fIN = 2500MHz, fCLK = 2.2Gsps
40.1
SINAD500
fIN = 500MHz, fCLK = 2.5Gsps
43.1
Signal-to-Noise-Plus-Distortion
Ratio
SINAD1600 fIN = 1600MHz, fCLK = 2.5Gsps
40.5
dB
Third-Order Intermodulation
IM3
fIN1 = 1590MHz, fIN2 = 1610MHz at -7dBFS
-60
dBc
Metastability Probability
10
-14
TIMING CHARACTERISTICS
Maximum Sample Rate
fCLK(MAX)
2.2
Gsps
Clock Pulse-Width Low
tPWL
tCLK = tPWL + tPWH (Note 8)
180
ps
Clock Pulse-Width High
tPWH
tCLK = tPWL + tPWH (Note 8)
180
ps
Aperture Delay
tAD
200
ps
Aperture Jitter
tAJ
0.2
ps
Reset Input Data Setup Time
tSU
(Note 8)
300
ps
Reset Input Data Hold Time
tHD
(Note 8)
250
ps
tPD1
DCO = fCLK / 4, CLK fall to DCO rise time
1.6
tPD1DDR
DCO = fCLK / 8, DDR mode, CLK fall to
DCO rise time
1.6
CLK-to-DCO Propagation Delay
tPD1QDR
DCO = fCLK / 16, QDR mode, CLK fall to
DCO rise time
1.6
ns
tPD2
DCO = fCLK / 4, DCO rise to data transition
(Note 8)
-520
+520
tPD2DDR
DCO = fCLK / 8, DDR mode, DCO rise to
data transition (Note 8)
-520 +
2tCLK
2tCLK
520 +
2tCLK
DCO-to-Data Propagation Delay
tPD2QDR
DCO = fCLK / 16, QDR mode, DCO rise to
data transition (Note 8)
-520 +
2tCLK
2tCLK
520 +
2tCLK
ps
DCO Duty Cycle
Clock mode independent
45 to
55
%


Similar Part No. - MAX109

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1090 MAXIM-MAX1090 Datasheet
404Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
19-1640; Rev 0; 1/00
MAX1090ACEI MAXIM-MAX1090ACEI Datasheet
404Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
19-1640; Rev 0; 1/00
MAX1090ACEI MAXIM-MAX1090ACEI Datasheet
490Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
2002
MAX1090AEEI MAXIM-MAX1090AEEI Datasheet
404Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
19-1640; Rev 0; 1/00
MAX1090AEEI MAXIM-MAX1090AEEI Datasheet
490Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
2002
More results

Similar Description - MAX109

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX109 MAXIM-MAX109_V01 Datasheet
457Kb / 29P
   8-Bit, 2.2Gsps ADC with Track/Hold Amplifier and 1:4 Demultiplexed LVDS Outputs
2008
logo
Analog Devices
AD7575 AD-AD7575_17 Datasheet
181Kb / 13P
   8-Bit ADC with Track/Hold
AD7821 AD-AD7821_17 Datasheet
330Kb / 17P
   8-Bit ADC with Track/Hold Function
logo
Maxim Integrated Produc...
MAX100 MAXIM-MAX100 Datasheet
123Kb / 16P
   250Msps, 8-Bit ADC with Track/Hold
19-0282; Rev 0; 7/94
MAX101A MAXIM-MAX101A Datasheet
116Kb / 16P
   500Msps, 8-Bit ADC with Track/Hold
19-1109; Rev 0; 7/96
MAX101 MAXIM-MAX101 Datasheet
148Kb / 16P
   500Msps, 8-Bit ADC with Track/Hold
Rev 0; 8/94
logo
Analog Devices
AD7820 AD-AD7820_17 Datasheet
644Kb / 13P
   8-Bit ADC with Track/Hold Function
AD7575 AD-AD7575_15 Datasheet
150Kb / 12P
   5 s 8-Bit ADC with Track/Hold
REV. B
AD7575SE AD-AD7575SE Datasheet
137Kb / 12P
   LC2MOS 5ms 8-Bit ADC with Track/Hold
REV. B
AD7575JNZ AD-AD7575JNZ Datasheet
137Kb / 12P
   LC2MOS 5ums 8-Bit ADC with Track/Hold
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com