Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX109EHF-D Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX109EHF-D
Description  8-Bit, 2.2Gsps ADC with Track/Hold Amplifier and 1:4 Demultiplexed LVDS Outputs
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX109EHF-D Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX109EHF-D Datasheet HTML 1Page - Maxim Integrated Products MAX109EHF-D Datasheet HTML 2Page - Maxim Integrated Products MAX109EHF-D Datasheet HTML 3Page - Maxim Integrated Products MAX109EHF-D Datasheet HTML 4Page - Maxim Integrated Products MAX109EHF-D Datasheet HTML 5Page - Maxim Integrated Products MAX109EHF-D Datasheet HTML 6Page - Maxim Integrated Products MAX109EHF-D Datasheet HTML 7Page - Maxim Integrated Products MAX109EHF-D Datasheet HTML 8Page - Maxim Integrated Products MAX109EHF-D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCCA = VCCI = VCCD = 5V, VCCO = 3.3V, VEE = -5V, GNDA = GNDI = GNDO = GNDD = GNDR = 0V, VOSADJ = SAMPADJ =
open, digital output pins differential RL = 100Ω. Specifications ≥ +25°C guaranteed by production test, < +25°C guaranteed by
design and characterization. Typical values are at TA = +25°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCCA to GNDA ....................................................... -0.3V to +6V
VCCD to GNDD ....................................................... -0.3V to +6V
VCCI to GNDI ........................................................... -0.3V to +6V
VCCO to GNDO ................................................... -0.3V to +3.9V
VEE to GNDI ............................................................ -6V to +0.3V
Between Grounds (GNDA, GNDI, GNDO,
GNDD, GNDR) ................................................ -0.3V to +0.3V
VCCA to VCCD ..................................................... -0.3V to +0.3V
VCCA to VCCI ....................................................... -0.3V to +0.3V
Differential Voltage between INP and INN ........................... ±1V
INP, INN to GNDI ................................................................. ±1V
Differential Voltage between CLKP and CLKN..................... ±3V
CLKP, CLKN, CLKCOM to GNDI ............................... -3V to +1V
Digital LVDS Outputs to GNDO .............. -0.3V to (VCCO - 0.3V)
REFIN, REFOUT to GNDR ........................-0.3V to (VCCI + 0.3V)
REFOUT Current ...............................................-100µA to +5mA
RSTINP, RSTINN to GNDA .....................-0.3V to (VCCO + 0.3V)
RSTOUTP, RSTOUTN to GNDO .............-0.3V to (VCCO + 0.3V)
VOSADJ, SAMPADJ,
TEMPMON to GNDI...............................-0.3V to (VCCI + 0.3V)
PRN, DDR, QDR to GNDD.......................-0.3V to (VCCD + 0.3V)
DELGATE0, DELGATE1 to GNDA ...........-0.3V to (VCCA + 0.3V)
Continuous Power Dissipation (TA = +70°C)
256-Ball SBGA (derate 74.1mW/°C above +70°C for
a multilayer board) ................................................. 5925.9mW
Operating Temperature Range
MAX109EHF ...................................................-40°C to +85°C
Thermal Resistance θJA (Note 1) .......................................3°C/W
Operating Junction Temperature.....................................+150°C
Storage Temperature Range .............................-65°C to +150°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC ACCURACY
Resolution
RES
8
Bits
Integral Nonlinearity (Note 2)
INL
(Note 8)
-0.8
±0.25
+0.8
LSB
Differential Nonlinearity (Note 2)
DNL
Guaranteed no missing codes, TA = +25°C
(Note 8)
-0.8
±0.25
+0.8
LSB
Transfer Curve Offset (Note 2)
VOS
VOSADJ control input open (Note 8)
-5.5
0
+5.5
LSB
ANALOG INPUTS (INN, INP)
Common-Mode Input-Voltage
Range
VCM
Signal and offset with respect to GNDI
±1
V
Common-Mode Rejection Ratio
(Note 3)
CMRR
50
dB
Full-Scale Input Range (Note 2)
VFS
VREFIN = 2.5V
470
500
535
mVP-P
Input Resistance
RIN
45
50
55
Input Resistance Temperature
Coefficient
TCR
150
ppm/°C
VOS ADJUST CONTROL INPUT (VOSADJ)
Input Resistance (Note 4)
RVOSADJ
25
50
75
k
VOSADJ = 0V
-20
mV
Input Offset Voltage
VOS
VOSADJ = 2.5V
20
mV
SAMPLE ADJUST CONTROL INPUT (SAMPADJ)
Input Resistance
RSAMPADJ
25
50
75
k
Aperture Time Adjust Range
tAD
SAMPADJ = 0 to 2.5V
30
ps
8-Bit, 2.2Gsps ADC with Track/Hold Amplifier
and 1:4 Demultiplexed LVDS Outputs
_______________________________________________________________________________________
3
Note 1: Thermal resistance is based on a 5in x 5in multilayer board. The data sheet assumes a thermal environment of 3°C/W.
Thermal resistance may be different depending on airflow and heatsink cooling capabilities.


Similar Part No. - MAX109EHF-D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX109EHF-D MAXIM-MAX109EHF-D Datasheet
457Kb / 29P
   8-Bit, 2.2Gsps ADC with Track/Hold Amplifier and 1:4 Demultiplexed LVDS Outputs
2008
More results

Similar Description - MAX109EHF-D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX109 MAXIM-MAX109_V01 Datasheet
457Kb / 29P
   8-Bit, 2.2Gsps ADC with Track/Hold Amplifier and 1:4 Demultiplexed LVDS Outputs
2008
logo
Analog Devices
AD7575 AD-AD7575_17 Datasheet
181Kb / 13P
   8-Bit ADC with Track/Hold
AD7821 AD-AD7821_17 Datasheet
330Kb / 17P
   8-Bit ADC with Track/Hold Function
logo
Maxim Integrated Produc...
MAX100 MAXIM-MAX100 Datasheet
123Kb / 16P
   250Msps, 8-Bit ADC with Track/Hold
19-0282; Rev 0; 7/94
MAX101A MAXIM-MAX101A Datasheet
116Kb / 16P
   500Msps, 8-Bit ADC with Track/Hold
19-1109; Rev 0; 7/96
MAX101 MAXIM-MAX101 Datasheet
148Kb / 16P
   500Msps, 8-Bit ADC with Track/Hold
Rev 0; 8/94
logo
Analog Devices
AD7820 AD-AD7820_17 Datasheet
644Kb / 13P
   8-Bit ADC with Track/Hold Function
AD7575 AD-AD7575_15 Datasheet
150Kb / 12P
   5 s 8-Bit ADC with Track/Hold
REV. B
AD7575SE AD-AD7575SE Datasheet
137Kb / 12P
   LC2MOS 5ms 8-Bit ADC with Track/Hold
REV. B
AD7575JNZ AD-AD7575JNZ Datasheet
137Kb / 12P
   LC2MOS 5ums 8-Bit ADC with Track/Hold
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com