Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2120CTI+ Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX2120CTI+
Description  Complete, Direct-Conversion Tuner for DVB-S and Free-to-Air Applications
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2120CTI+ Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX2120CTI+ Datasheet HTML 1Page - Maxim Integrated Products MAX2120CTI+ Datasheet HTML 2Page - Maxim Integrated Products MAX2120CTI+ Datasheet HTML 3Page - Maxim Integrated Products MAX2120CTI+ Datasheet HTML 4Page - Maxim Integrated Products MAX2120CTI+ Datasheet HTML 5Page - Maxim Integrated Products MAX2120CTI+ Datasheet HTML 6Page - Maxim Integrated Products MAX2120CTI+ Datasheet HTML 7Page - Maxim Integrated Products MAX2120CTI+ Datasheet HTML 8Page - Maxim Integrated Products MAX2120CTI+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Complete, Direct-Conversion Tuner for DVB-S
and Free-to-Air Applications
_______________________________________________________________________________________
5
SUPPLY CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.5
3.4
3.3
3.2
3.1
89
90
91
92
93
94
95
96
97
98
88
3.0
3.6
TA = +70
°C
TA = +25
°C
TA = 0
°C
STANDBY MODE SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.5
3.4
3.3
3.2
3.1
2.400
2.500
2.600
2.700
2.800
2.900
2.300
3.0
3.6
TA = +70
°C
TA = 0
°C, +25°C
SUPPLY CURRENT
vs. BASEBAND FILTER CUTOFF FREQUENCY
BASEBAND FILTER CUTOFF FREQUENCY (MHz)
36
28
32
24
20
16
12
8
86
88
90
92
94
96
98
100
102
104
84
440
HD3 vs. OUTPUT VOLTAGE
VOUT (VP-P)
3.0
2.5
2.0
1.5
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-60
1.0
3.5
QUADRATURE PHASE vs. LO FREQUENCY
LO FREQUENCY (MHz)
2100
1800
1500
1200
87.5
88.5
89.5
90.5
91.5
92.5
93.5
86.5
900
2400
TA = +70
°C
TA = +25
°C
fBASEBAND = 10MHz
TA = 0
°C
QUADRATURE MAGNITUDE MATCHING
vs. LO FREQUENCY
LO FREQUENCY (MHz)
2100
1800
1500
1200
-0.6
-0.4
-0.2
0.2
0
0.4
0.6
0.8
1.0
-1.0
-0.8
900
2400
TA = +70
°C
TA = +25
°C
fBASEBAND = 10MHz
TA = 0
°C
QUADRATURE PHASE
vs. BASEBAND FREQUENCY
BASEBAND FREQUENCY (MHz)
16
12
8
4
87.5
88.5
89.5
90.5
91.5
92.5
93.5
86.5
020
TA = +70
°C
TA = +25
°C
fLO = 925MHz
TA = 0
°C
QUADRATURE MAGNITUDE MATCHING
vs. BASEBAND FREQUENCY
BASEBAND FREQUENCY (MHz)
16
12
8
4
-0.6
-0.4
-0.2
0.2
0
0.4
0.6
0.8
1.0
-1.0
-0.8
020
TA = +70
°C
TA = +25
°C
fLO = 925MHz
TA = 0
°C
Typical Operating Characteristics
(MAX2120 Evaluation Kit: VCC = +3.3V, baseband output frequency = 5MHz; VGC1 = 1.2V; TA = +25°C. Default register settings
except ICP = 1 and BBG[3:0] = 1011.)


Similar Part No. - MAX2120CTI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2120CTI++ MAXIM-MAX2120CTI+ Datasheet
223Kb / 21P
   Complete, Direct-Conversion Tuner for DVB-S and Free-to-Air Applications
Rev 2; 5/10
More results

Similar Description - MAX2120CTI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2120 MAXIM-MAX2120_10 Datasheet
223Kb / 21P
   Complete, Direct-Conversion Tuner for DVB-S and Free-to-Air Applications
Rev 2; 5/10
MAX2112 MAXIM-MAX2112_10 Datasheet
207Kb / 19P
   Complete, Direct-Conversion Tuner for DVB-S2 Applications
Rev 2; 5/10
MAX2112 MAXIM-MAX2112 Datasheet
303Kb / 19P
   Complete, Direct-Conversion Tuner for DVB-S2 Applications
Rev 0; 8/07
MAX2112 MAXIM-MAX2112_V01 Datasheet
1Mb / 19P
   Complete, Direct-Conversion Tuner for DVB-S2 Applications
2020
logo
STMicroelectronics
STB6000 STMICROELECTRONICS-STB6000 Datasheet
48Kb / 2P
   QPSK DVB/DIRECTVTM direct conversion tuner IC
logo
Maxim Integrated Produc...
MAX2121_V1 MAXIM-MAX2121_V1 Datasheet
330Kb / 19P
   Complete Direct-Conversion L-Band Tuner
Rev 1; 7/12
logo
Infineon Technologies A...
TUA9001 INFINEON-TUA9001 Datasheet
186Kb / 2P
   RF Silicon Tuner for for DVB-H/T and CMMB (Direct Conversion Receiver)
logo
Maxim Integrated Produc...
MAX2104 MAXIM-MAX2104 Datasheet
148Kb / 9P
   Direct-Conversion Tuner IC for Digital DBS Applications
19-1431; Rev 3; 12/01
MAX2102 MAXIM-MAX2102 Datasheet
151Kb / 16P
   Direct-Conversion Tuner ICs for Digital DBS Applications
19-1256; Rev 2; 10/98
MAX2104 MAXIM-MAX2104_05 Datasheet
186Kb / 9P
   Direct-Conversion Tuner IC for Digital DBS Applications
Rev 4; 6/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com