Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9176 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA9176
Description  Luminance Transient Improvement LTI IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9176 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA9176 Datasheet HTML 5Page - NXP Semiconductors TDA9176 Datasheet HTML 6Page - NXP Semiconductors TDA9176 Datasheet HTML 7Page - NXP Semiconductors TDA9176 Datasheet HTML 8Page - NXP Semiconductors TDA9176 Datasheet HTML 9Page - NXP Semiconductors TDA9176 Datasheet HTML 10Page - NXP Semiconductors TDA9176 Datasheet HTML 11Page - NXP Semiconductors TDA9176 Datasheet HTML 12Page - NXP Semiconductors TDA9176 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
1996 Jan 30
9
Philips Semiconductors
Preliminary specification
Luminance Transient Improvement (LTI) IC
TDA9176
CHARACTERISTICS
VCC =8V; Tamb =25 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VCC
supply voltage
7.2
8.0
8.8
V
ICC
supply current
1FH mode
24
mA
2FH mode
30
mA
Pdis
power dissipation
1FH mode
192
mW
2FH mode
240
mW
Y channel; note 1
Vi(Y p-p)
input voltage
(peak-to-peak value)
LOW amplitude mode
0.45
0.63
V
ViY(bl-wh)
input voltage (black-to-white)
HIGH amplitude mode
1.0
1.4
V
Ii(Y)
input current
0
−µA
VBLos
black offset voltage
black insert mode
−−
10
mV
Vo(DC)
DC output voltage level during
clamping
low amplitude mode
3.7
V
high amplitude mode
2.2
V
G(Y)
gain
all modes
1
td
delay time
1FH mode
165
ns
2FH mode
100
ns
Vtr
rise time control voltage
minimum rise time
3.5
4.0
V
nominal rise time
0
0.5
V
VLW
line width control voltage
normal width
2.0
V
maximum black expansion
0
0.5
V
maximum white expansion
3.5
4.0
V
tr(min)
minimum rise time
1FH mode; note 2
20
ns
2FH mode; note 2
14
ns
δ(min)
minimum duty factor
fi = 2 MHz; line width
minimum; maximum black
expansion; note 3
33
%
δ(max)
maximum duty factor
fi = 2 MHz; line width
maximum; maximum
white expansion; note 3
67
%
BY
bandwidth
1FH mode; nominal rise
time; note 4
7
−−
MHz
2FH mode; nominal rise
time; note 4
14
−−
MHz


Similar Part No. - TDA9176

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9170 PHILIPS-TDA9170 Datasheet
321Kb / 22P
   YUV picture improvement processor based on histogram modification
October 1994
TDA9171 PHILIPS-TDA9171 Datasheet
113Kb / 20P
   YUV picture improvement processor based on histogram modification and blue stretch
1996 Jun 17
TDA9177 PHILIPS-TDA9177 Datasheet
235Kb / 28P
   YUV transient improvement processor
1997 Dec 01
TDA9178 PHILIPS-TDA9178 Datasheet
227Kb / 36P
   YUV one chip picture improvement based on luminance vector-, colour vector- and spectral processor
1999 Sep 24
TDA9178T PHILIPS-TDA9178T Datasheet
227Kb / 36P
   YUV one chip picture improvement based on luminance vector-, colour vector- and spectral processor
1999 Sep 24
More results

Similar Description - TDA9176

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA1226N TOSHIBA-TA1226N Datasheet
632Kb / 15P
   Y LUMINANCE TRANSIENT IMPROVER IC
logo
NXP Semiconductors
TDA4560 PHILIPS-TDA4560 Datasheet
67Kb / 9P
   Colour transient improvement circuit
March 1985
TDA4565 PHILIPS-TDA4565 Datasheet
77Kb / 11P
   Colour transient improvement circuit
November 1989
TDA4566 PHILIPS-TDA4566 Datasheet
78Kb / 11P
   Colour transient improvement circuit
March 1991
TDA9177 PHILIPS-TDA9177 Datasheet
235Kb / 28P
   YUV transient improvement processor
1997 Dec 01
logo
Panasonic Semiconductor
AN3248NK PANASONIC-AN3248NK Datasheet
68Kb / 1P
   Luminance signal processor ic for vcr
logo
Sanyo Semicon Device
LC749402PT SANYO-LC749402PT Datasheet
89Kb / 10P
   CMOS IC Silicon gate LCD Picture Quality Improvement IC
LC749402BG SANYO-LC749402BG Datasheet
103Kb / 11P
   CMOS IC Silicon gate LCD Picture Quality Improvement IC
LC749403BG SANYO-LC749403BG Datasheet
230Kb / 13P
   Silicon gate LCD Picture Quality Improvement IC
logo
Panasonic Semiconductor
AN3231FA PANASONIC-AN3231FA Datasheet
92Kb / 1P
   Luminance Signal Recording/Playback IC for VCR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com