Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2310EEI Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX2310EEI
Description  CDMA IF VGAs and I/Q Demodulators with VCO and Synthesizer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2310EEI Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX2310EEI Datasheet HTML 1Page - Maxim Integrated Products MAX2310EEI Datasheet HTML 2Page - Maxim Integrated Products MAX2310EEI Datasheet HTML 3Page - Maxim Integrated Products MAX2310EEI Datasheet HTML 4Page - Maxim Integrated Products MAX2310EEI Datasheet HTML 5Page - Maxim Integrated Products MAX2310EEI Datasheet HTML 6Page - Maxim Integrated Products MAX2310EEI Datasheet HTML 7Page - Maxim Integrated Products MAX2310EEI Datasheet HTML 8Page - Maxim Integrated Products MAX2310EEI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
CDMA IF VGAs and I/Q Demodulators
with VCO and Synthesizer
_______________________________________________________________________________________
5
20.00
25.00
22.50
30.00
27.50
32.50
35.00
2.5
3.5
4.0
3.0
4.5
5.0
5.5
RECEIVE SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
TA = +85°C
TA = +25°C
TA = -40°C
0
0.004
0.002
0.008
0.006
0.012
0.010
0.014
2.0
3.0
3.5
2.5
4.0
4.5
5.0
5.5
RECEIVE SHUTDOWN CURRENT vs.
SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
TA = -40°C
TA = +25°C
TA = +85°C
-80
-60
-40
-20
0
20
40
60
80
0.5
1.0
1.5
2.0
2.5
3.0
GAIN vs. VGC
VGC (V)
TA = +25°C
TA = -40°C
TA = +85°C
15
25
20
35
30
40
45
55
50
60
0
100
200
300
400
500
GAIN vs. INPUT FREQUENCY
FREQUENCY (MHz)
VGC = 2.5V
56.0
57.0
56.5
57.5
59.0
59.5
58.5
58.0
60.0
0
468
10
2
1214161820
GAIN vs. BASEBAND FREQUENCY
FREQUENCY (MHz)
-60
-40
-50
-20
-30
0
-10
10
-60
-20
0
-40
20406080
THIRD-ORDER INPUT
INTERCEPT vs. GAIN
GAIN (dB)
TA = -40°C
TA = +85°C
TA = +25°C
0
60
20
10
30
40
50
70
-40
-20 -10 0
-30
10 20
50
40
60
30
70
NOISE FIGURE vs. GAIN
GAIN (dB)
6.0
6.4
6.2
6.8
6.6
7.2
7.0
7.4
-40
0
20
-20
406080
100
NOISE FIGURE vs. TEMPERATURE
TEMPERATURE (°C)
LOCK
VCO
VOLTAGE
VCO VOLTAGE vs. TIME
MAX2310 toc09
TIME (500
μs/div)
SHDN
LOCK TIME
1.83ms
Typical Operating Characteristics
(MAX2310/MAX2314 or MAX2312/MAX2316 EV kit, VCC = +2.75V, registers set to default power-up states, fIN = 210.88MHz for
CDMA, fIN = 85.88MHz for FM, fREF = 19.68MHz, synthesizer locked with passive 2nd-order lead-lag loop filter, SHDN = high, VGC
set for +35dB voltage gain, differential output load = 10k
Ω, all power levels referred to 50Ω, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX2310EEI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2310EEI MAXIM-MAX2310EEI Datasheet
342Kb / 22P
   CDMA IF VGAs and I/Q Demodulators with VCO and Synthesizer
Rev 1; 3/03
More results

Similar Description - MAX2310EEI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2310 MAXIM-MAX2310 Datasheet
342Kb / 22P
   CDMA IF VGAs and I/Q Demodulators with VCO and Synthesizer
Rev 1; 3/03
MAX2306 MAXIM-MAX2306 Datasheet
295Kb / 20P
   CDMA IF VGAs and I/Q Demodulators with VCO and Synthesizer
19-2014; Rev 2; 7/01
logo
Intersil Corporation
HFA3783 INTERSIL-HFA3783 Datasheet
608Kb / 34P
   I/Q Modulator/Demodulator and Synthesizer
March 2000
logo
Analog Devices
ADF4360-8 AD-ADF4360-8 Datasheet
570Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-0 AD-ADF4360-0 Datasheet
315Kb / 24P
   Integrated Synthesizer and VCO
REV. B
ADF4360-5 AD-ADF4360-5 Datasheet
480Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-7 AD-ADF4360-7 Datasheet
336Kb / 28P
   Integrated Synthesizer and VCO
REV. B
ADF4360-2 AD-ADF4360-2 Datasheet
336Kb / 20P
   Integrated Synthesizer and VCO
REV. B
ADF4360-8 AD-ADF4360-8_15 Datasheet
716Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-2 AD-ADF4360-2_15 Datasheet
589Kb / 24P
   Integrated Synthesizer and VCO
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com