Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3746 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3746
Description  Low-Power, 622Mbps to 3.2Gbps Limiting Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3746 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3746 Datasheet HTML 1Page - Maxim Integrated Products MAX3746 Datasheet HTML 2Page - Maxim Integrated Products MAX3746 Datasheet HTML 3Page - Maxim Integrated Products MAX3746 Datasheet HTML 4Page - Maxim Integrated Products MAX3746 Datasheet HTML 5Page - Maxim Integrated Products MAX3746 Datasheet HTML 6Page - Maxim Integrated Products MAX3746 Datasheet HTML 7Page - Maxim Integrated Products MAX3746 Datasheet HTML 8Page - Maxim Integrated Products MAX3746 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Low-Power, 622Mbps to 3.2Gbps
Limiting Amplifier
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Power-Supply Voltage (VCC) .................................-0.5V to +4.5V
Voltage at IN+, IN- ..........................(VCC - 2.4V) to (VCC + 0.5V)
Voltage at DISABLE, OUTPOL, RSSI,
LOS, TH ...................................................-0.5V to (VCC + 0.5V)
Current into LOS.....................................................1mA to +9mA
Differential Input Voltage (IN+ - IN-) .....................................2.5V
Continuous Current at CML Outputs
(OUT+, OUT-) ................................................-25mA to +25mA
Continuous Power Dissipation (TA = + 70°C)
16-Pin QFN (derate 17.7mW above +70°C) .....................1.4W
Operating Junction Temperature Range (TJ) ....-55°C to +150°C
Storage Ambient Temperature Range (Ts) .......-55°C to +150°C
ELECTRICAL CHARACTERISTICS
(VCC = +2.97V to +3.63V, CML output load is 50
Ω to VCC, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VCC =
+3.3V, TA = +25°C, unless otherwise specified. The data input transition time is controlled by 4th-order Bessel filter with f-3dB = 0.75 x
2.667GHz for all data rates of 2.667Gbps and below, and with f-3dB = 0.75 x 3.2GHz for a data rate of 3.2Gbps.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Single-Ended Input Resistance
RIN
Single ended to VCC
42
50
58
Ω
se S11
Single ended, f < 3GHz, DUT is powered on
14
Input Return Loss
diff S11
Differential, f < 3GHz, DUT is powered on
15
dB
Input Sensitivity
VIN-MIN
(Note 1)
2
4
mVP-P
Input Overload
VIN-MAX
(Note 1)
1200
mVP-P
Single-Ended Output Resistance
ROUT
Single ended to VCC
42
50
58
Ω
Output Return Loss
diff S22
Differential, f < 3GHz, DUT is powered on
20
dB
4mVP-P
< VIN < 1200mVP-P,
OUTPOL connected to VCC or GND
600
800
1000
CML Differential Output Voltage
4mVP-P
< VIN < 1200mVP-P,
OUTPOL open or connected to 30k
Ω
400
500
600
mVP-P
Differential Output Signal when
Disabled
Outputs AC-coupled,
VIN-MAX applied to input (Note 2)
10
mVP-P
K28.5 pattern at 3.2Gbps (Note 2)
8.4
18
K28.5 pattern at 3.2Gbps at TA = +100
°C
10.2
223 - 1 PRBS equivalent at 2.7Gbps (Note 2)
11.6
23
223 - 1 PRBS equivalent pattern at 2.7Gbps
at TA = +100
°C
13.1
K28.5 pattern at 2.1Gbps
8
20
K28.5 pattern at 2.1Gbps at TA = +100
°C
9.7
223 - 1 PRBS equivalent pattern at 622Mbps
(Note 2)
42.5
69
Deterministic Jitter
(Note 3)
DJ
223 - 1 PRBS equivalent pattern at 622Mbps
at TA = +100
°C
47.8
psP-P


Similar Part No. - MAX3746

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3746 MAXIM-MAX3746 Datasheet
843Kb / 12P
   Low-Power, 622Mbps to 3.2Gbps
Rev 0; 8/04
MAX3746ETE MAXIM-MAX3746ETE Datasheet
843Kb / 12P
   Low-Power, 622Mbps to 3.2Gbps
Rev 0; 8/04
More results

Similar Description - MAX3746

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3746 MAXIM-MAX3746 Datasheet
843Kb / 12P
   Low-Power, 622Mbps to 3.2Gbps
Rev 0; 8/04
MAX3748 MAXIM-MAX3748 Datasheet
414Kb / 11P
   Compact 155Mbps to 3.2Gbps Limiting Amplifier
19-2717; Rev 1; 7/03
MAX3747 MAXIM-MAX3747_V01 Datasheet
338Kb / 11P
   155Mbps to 3.2Gbps, Low-Power SFP Limiting Amplifiers
19-0281; Rev 2; 8/12
MAX3747A MAXIM-MAX3747A_12 Datasheet
317Kb / 11P
   155Mbps to 3.2Gbps, Low-Power SFP Limiting Amplifiers
Rev 2; 8/12
MAX3747 MAXIM-MAX3747_07 Datasheet
299Kb / 10P
   155Mbps to 3.2Gbps, Low-Power SFP Limiting Amplifiers
Rev 1; 10/07
MAX3747 MAXIM-MAX3747 Datasheet
360Kb / 10P
   155Mbps to 3.2Gbps, Low-Power SFP Limiting Amplifiers
Rev 0; 5/04
logo
Micrel Semiconductor
SY88315BL MICREL-SY88315BL_10 Datasheet
330Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting
SY88289AL MICREL-SY88289AL_10 Datasheet
296Kb / 9P
   3.3V, 3.2Gbps CML Low-Power Limiting
SY88345BL MICREL-SY88345BL_10 Datasheet
315Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post
SY88313BL MICREL-SY88313BL_10 Datasheet
327Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com