Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2314EEI Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX2314EEI
Description  CDMA IF VGAs and I/Q Demodulators with VCO and Synthesizer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2314EEI Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX2314EEI Datasheet HTML 1Page - Maxim Integrated Products MAX2314EEI Datasheet HTML 2Page - Maxim Integrated Products MAX2314EEI Datasheet HTML 3Page - Maxim Integrated Products MAX2314EEI Datasheet HTML 4Page - Maxim Integrated Products MAX2314EEI Datasheet HTML 5Page - Maxim Integrated Products MAX2314EEI Datasheet HTML 6Page - Maxim Integrated Products MAX2314EEI Datasheet HTML 7Page - Maxim Integrated Products MAX2314EEI Datasheet HTML 8Page - Maxim Integrated Products MAX2314EEI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
ICC
CDMA IF VGAs and I/Q Demodulators
with VCO and Synthesizer
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = +2.7V to +5.5V, MODE = DIVSEL = SHDN = STBY = BUFEN = high, differential output load = 10k
Ω, TA = -40°C to +85°C,
registers set to default power-up settings. Typical values are at VCC = +2.75V and TA = +25°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ..............................................................-0.3V, +6.0V
SHDN to GND.............................................-0.3V to (VCC + 0.3V)
STBY, BUFEN, MODE, EN, DATA,
CLK, DIVSEL ...........................................-0.3V to (VCC + 0.3V)
VGC to GND...............-0.3V, the lesser of +4.2V or (VCC + 0.3V)
AC Signals TankH ±, TankL ±,
REF, FM ±, CDMA ± .................................................1.0V peak
Digital Input Current SHDN, MODE, DIVSEL,
BUFEN, DATA, CLK, EN, STBY .....................................±10mA
Continuous Power Dissipation (TA = +70°C)
28-pin QSOP (derate 10mW/°C above TA = +70°C) ....800mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10s) .................................+300°C
VCC = 2.75V
CDMA mode
I+ to I- and Q+ to Q-, PLL locked
50k
Ω load
50k
Ω load
SHDN = low
0.5V < VVGC < 2.3V
Addition for LO out (BUFEN = low)
CONDITIONS
V
VCC - 1.4
Common-Mode Output Voltage
mV
-20
±1.5
+20
DC Offset Voltage
V
0.5
Lock Indicator Low (unlocked)
V
2.0
Lock Indicator High (locked)
µA
1
VGC Control Input Current
During Shutdown
µA
-5
5
VGC Control Input Current
µA
2
IIL
Logic Low Input Current
41.5
25.9
37.5
µA
2
IIH
Logic High Input Current
V
0.5
Logic Low
V
2.0
Logic High
mA
3
5.8
ICC
Register Shutdown Current
3.5
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
TA = +25°C
TA = -40°C to +85°C
ICC
Supply Current (Note 1)
mA
TA = +25°C
TA = -40°C to +85°C
FM IQ mode
40.6
25.4
36.7
TA = +25°C
TA = -40°C to +85°C
FM I mode
39.5
24.7
35.7
TA = +25°C
TA = -40°C to +85°C
STANDBY (VCO_H)
20.7
12.3
18.8
TA = +25°C
TA = -40°C to +85°C
STANDBY (VCO_L)
20.3
11.5
18.4
SHDN = low
µA
1.5
10
ICC
Shutdown Current


Similar Part No. - MAX2314EEI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2314EEI MAXIM-MAX2314EEI Datasheet
342Kb / 22P
   CDMA IF VGAs and I/Q Demodulators with VCO and Synthesizer
Rev 1; 3/03
More results

Similar Description - MAX2314EEI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2310 MAXIM-MAX2310 Datasheet
342Kb / 22P
   CDMA IF VGAs and I/Q Demodulators with VCO and Synthesizer
Rev 1; 3/03
MAX2306 MAXIM-MAX2306 Datasheet
295Kb / 20P
   CDMA IF VGAs and I/Q Demodulators with VCO and Synthesizer
19-2014; Rev 2; 7/01
logo
Intersil Corporation
HFA3783 INTERSIL-HFA3783 Datasheet
608Kb / 34P
   I/Q Modulator/Demodulator and Synthesizer
March 2000
logo
Analog Devices
ADF4360-8 AD-ADF4360-8 Datasheet
570Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-0 AD-ADF4360-0 Datasheet
315Kb / 24P
   Integrated Synthesizer and VCO
REV. B
ADF4360-5 AD-ADF4360-5 Datasheet
480Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-7 AD-ADF4360-7 Datasheet
336Kb / 28P
   Integrated Synthesizer and VCO
REV. B
ADF4360-2 AD-ADF4360-2 Datasheet
336Kb / 20P
   Integrated Synthesizer and VCO
REV. B
ADF4360-8 AD-ADF4360-8_15 Datasheet
716Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-2 AD-ADF4360-2_15 Datasheet
589Kb / 24P
   Integrated Synthesizer and VCO
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com