Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3746ETE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX3746ETE
Description  Low-Power, 622Mbps to 3.2Gbps Limiting Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3746ETE Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX3746ETE Datasheet HTML 1Page - Maxim Integrated Products MAX3746ETE Datasheet HTML 2Page - Maxim Integrated Products MAX3746ETE Datasheet HTML 3Page - Maxim Integrated Products MAX3746ETE Datasheet HTML 4Page - Maxim Integrated Products MAX3746ETE Datasheet HTML 5Page - Maxim Integrated Products MAX3746ETE Datasheet HTML 6Page - Maxim Integrated Products MAX3746ETE Datasheet HTML 7Page - Maxim Integrated Products MAX3746ETE Datasheet HTML 8Page - Maxim Integrated Products MAX3746ETE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Low-Power, 622Mbps to 3.2Gbps
Limiting Amplifier
_______________________________________________________________________________________
5
RANDOM JITTER
vs. INPUT AMPLITUDE
DIFFERENTIAL INPUT (mVP-P)
35
30
20
25
10
15
5
1
2
3
4
5
6
7
8
9
10
0
040
BIT-ERROR RATIO
vs. INPUT VOLTAGE
INPUT VOLTAGE (mVP-P)
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
200
400
600
800
1000
1200
0
0
5.0
DETERMINISTIC JITTER
vs. INPUT COMMON-MODE VOLTAGE
(2.7Gbps, K28.5)
COMMON-MODE VOLTAGE (VCC + X)
-0.1
-0.2
-0.9 -0.8 -0.7
-0.5 -0.4
-0.6
-0.3
12
14
16
18
20
22
24
10
-1.0
0
OUTPUT EYE DIAGRAM
(MINIMUM INPUT)
MAX3746 toc07
50ps/div
3.2Gbps, K28.5, 4mVP-P
OUTPUT EYE DIAGRAM
(MAXIMUM INPUT)
MAX3746 toc08
50ps/div
3.2Gbps, K28.5, 1200mVP-P
OUTPUT EYE DIAGRAM
(MINIMUM INPUT)
MAX3746 toc09
100ps/div
2.7Gbps, 223 - 1 PRBS, 4mVP-P
OUTPUT EYE DIAGRAM
(MAXIMUM INPUT)
MAX3746 toc10
50ps/div
2.7Gbps, 223 - 1 PRBS, 1200mVP-P
OUTPUT EYE DIAGRAM AT +100
°C
(MINIMUM INPUT)
MAX3746 toc11
50ps/div
2.7Gbps, 223 - 1 PRBS, 4mVP-P
ASSERT/DEASSERT LEVELS vs. RTH
RTH (k
Ω)
20
10
20
40
60
80
100
120
0
030
DEASSERT
ASSERT
Typical Operating Characteristics (continued)
(VCC = +3.3V, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX3746ETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3746ETE MAXIM-MAX3746ETE Datasheet
843Kb / 12P
   Low-Power, 622Mbps to 3.2Gbps
Rev 0; 8/04
More results

Similar Description - MAX3746ETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3746 MAXIM-MAX3746 Datasheet
843Kb / 12P
   Low-Power, 622Mbps to 3.2Gbps
Rev 0; 8/04
MAX3748 MAXIM-MAX3748 Datasheet
414Kb / 11P
   Compact 155Mbps to 3.2Gbps Limiting Amplifier
19-2717; Rev 1; 7/03
MAX3747 MAXIM-MAX3747_V01 Datasheet
338Kb / 11P
   155Mbps to 3.2Gbps, Low-Power SFP Limiting Amplifiers
19-0281; Rev 2; 8/12
MAX3747A MAXIM-MAX3747A_12 Datasheet
317Kb / 11P
   155Mbps to 3.2Gbps, Low-Power SFP Limiting Amplifiers
Rev 2; 8/12
MAX3747 MAXIM-MAX3747_07 Datasheet
299Kb / 10P
   155Mbps to 3.2Gbps, Low-Power SFP Limiting Amplifiers
Rev 1; 10/07
MAX3747 MAXIM-MAX3747 Datasheet
360Kb / 10P
   155Mbps to 3.2Gbps, Low-Power SFP Limiting Amplifiers
Rev 0; 5/04
logo
Micrel Semiconductor
SY88315BL MICREL-SY88315BL_10 Datasheet
330Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting
SY88289AL MICREL-SY88289AL_10 Datasheet
296Kb / 9P
   3.3V, 3.2Gbps CML Low-Power Limiting
SY88345BL MICREL-SY88345BL_10 Datasheet
315Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post
SY88313BL MICREL-SY88313BL_10 Datasheet
327Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com