Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4524LETB Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4524LETB
Description  Low-Voltage, Single-Supply Analog Multiplexers/Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4524LETB Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4524LETB Datasheet HTML 1Page - Maxim Integrated Products MAX4524LETB Datasheet HTML 2Page - Maxim Integrated Products MAX4524LETB Datasheet HTML 3Page - Maxim Integrated Products MAX4524LETB Datasheet HTML 4Page - Maxim Integrated Products MAX4524LETB Datasheet HTML 5Page - Maxim Integrated Products MAX4524LETB Datasheet HTML 6Page - Maxim Integrated Products MAX4524LETB Datasheet HTML 7Page - Maxim Integrated Products MAX4524LETB Datasheet HTML 8Page - Maxim Integrated Products MAX4524LETB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Low-Voltage, Single-Supply Analog
Multiplexers/Switches
_______________________________________________________________________________________
3
Note 2: The TDFN package is production tested at TA = +25
°C. Limits over temperature are guaranteed by design.
Note 3: The algebraic convention used in this data sheet is where the most negative value is a minimum column.
Note 4:
∆RON = RON(MAX) - RON(MIN).
Note 5: Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured over the
specified analog signal ranges.
Note 6: Leakage parameters are 100% tested at maximum-rated hot operating temperature and guaranteed by design at TA = +25
°C.
Note 7: Guaranteed by design, not production tested.
PARAMETER
SYMBOL
CONDITIONS
TEMP
MIN
TYP
MAX
UNITS
SWITCH DYNAMIC CHARACTERISTICS
+25°C
90
150
Inhibit Turn-On Time
tON
VNO_= 10V, RL = 300
Ω,
CL = 35pF, Figure 1
-40°C to +85°C
200
ns
+25°C
40
120
Inhibit Turn-Off Time
tOFF
VNO_= 10V, RL = 300
Ω,
CL = 35pF, Figure 1
-40°C to +85°C
180
ns
+25°C
90
150
Address Transition Time
tTRANS
VNO_= 10V, RL = 300
Ω,
CL = 35pF, Figure 2
-40°C to +85°C
200
ns
Break-Before-Make Time
tBBM
VNO = 10V, RL = 300
Ω,
CL = 35pF, Figure 3
+25°C20
ns
Charge Injection
Q
C = 1nF, Figure 4 (Note 7)
+25°C
0.8
pC
NO/NC Off-Capacitance
CNO(OFF)
VNO_ = 0V,
ƒ = 1MHz, Figure 5 +25°C4
pF
MAX4524L
+25°C14
COM Off-Capacitance
CCOM(OFF)
VNO_ = 0V,
ƒ =
1MHz, Figure 5
MAX4525L
+25°C6
pF
MAX4524L
+25°C20
COM On-Capacitance
CCOM(ON)
VNO_ = 0V,
ƒ =
1MHz, Figure 5
MAX4525L
+25°C12
pF
Off-Isolation
VISO
RL = 50
Ω, ƒ = 1MHz, Figure 6
+25°C92
dB
Channel-to-Channel
Crosstalk (MAX4525L)
VCT
RL = 50
Ω, ƒ = 1MHz, Figure 6
+25°C96
dB
On-Channel -3dB
Bandwidth
BW
Figure 6
+25°C
200
MHz
Total Harmonic Distortion
THD
RL = 600
Ω, VCOM = 2.5VP-P,
20Hz to 20kHz BW
+25°C
0.02
%
POWER SUPPLY
Power-Supply Range
V+
-40°C to +85°C
2
12.6
V
+25°C-1
+1
Power-Supply Current
I+
V+ = 12.6V,
VADD_ = VINH = V+ or 0V
-40°C to +85°C
-10
+10
µA
ELECTRICAL CHARACTERISTICS—Single +12V Supply (continued)
(V+ = 12V
±5%, GND = 0V, VIH = 2.0V, VIL = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
(Notes 2, 3)


Similar Part No. - MAX4524LETB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4524LETB MAXIM-MAX4524LETB Datasheet
1,002Kb / 11P
   Low-Voltage, Single-Supply Analog Multiplexers/Switches
2014
More results

Similar Description - MAX4524LETB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4524L MAXIM-MAX4524L_V01 Datasheet
1,002Kb / 11P
   Low-Voltage, Single-Supply Analog Multiplexers/Switches
2014
MAX4581 MAXIM-MAX4581 Datasheet
253Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 10/99
MAX4581 MAXIM-MAX4581_12 Datasheet
198Kb / 17P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 6; 3/12
MAX4581 MAXIM-MAX4581_05 Datasheet
553Kb / 18P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 4; 8/05
MAX4581 MAXIM-MAX4581_07 Datasheet
519Kb / 18P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 5; 6/07
MAX4051 MAXIM-MAX4051 Datasheet
148Kb / 20P
   Low-Voltage, CMOS Analog Multiplexers/Switches
19-0463; Rev 0; 1/96
MAX4581L MAXIM-MAX4581L_07 Datasheet
304Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 6/07
MAX4581L MAXIM-MAX4581L Datasheet
381Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 8/03
MAX4583LEEE MAXIM-MAX4583LEEE Datasheet
310Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 6/07
MAX4052AESE-T MAXIM-MAX4052AESE-T Datasheet
368Kb / 19P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 2; 10/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com