Electronic Components Datasheet Search |
|
TDA9177 Datasheet(PDF) 9 Page - NXP Semiconductors |
|
TDA9177 Datasheet(HTML) 9 Page - NXP Semiconductors |
9 / 28 page 1997 Dec 01 9 Philips Semiconductors Product specification YUV transient improvement processor TDA9177 CHARACTERISTICS VCC =8V; Rref =10kΩ±2%; Tamb =25 °C; unless otherwise specified. SYMBOL PARAMETER CONDITIONS MIN. TYP. MAX. UNIT Supplies MAIN SUPPLY VCC (PIN 21) VCC supply voltage 7.2 8.0 8.8 V ICC supply current 1fH mode − 40 − mA 2fH mode − 45 − mA REFERENCE SUPPLY Vref (PIN 23) Vref reference supply voltage 3.90 4.05 4.20 V IL(max) maximum load current 1.0 −− mA RESISTOR REFERENCE Rext (PIN 24) VRref resistor supply voltage − 2 − V Rref resistor value − 10 − k Ω Luminance input/output selection LUMINANCE INPUT YIN (PIN 5) Vi(Y) luminance input voltage AMS = LOW − 0.315 0.42 V AMS = HIGH − 1.0 1.33 V Vi(Yclamp) luminance input voltage level during clamping − 4.0 − V Iib(Y) luminance input bias current no clamp −− 0.1 µA LUMINANCE INPUT VOLTAGE RANGE SELECTION AMS (PIN 14); note 1 VAMSL input voltage for low luminance range −− 0.5 V VAMSH input voltage for high luminance range 3.5 − 5.5 V |
Similar Part No. - TDA9177 |
|
Similar Description - TDA9177 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |