Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS2L02AL Datasheet(PDF) 6 Page - STMicroelectronics

Part # LIS2L02AL
Description  MEMS INERTIAL SENSOR:2-axis - /-2g ultracompact linear accelerometer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2L02AL Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LIS2L02AL_06 Datasheet HTML 2Page - STMicroelectronics LIS2L02AL_06 Datasheet HTML 3Page - STMicroelectronics LIS2L02AL_06 Datasheet HTML 4Page - STMicroelectronics LIS2L02AL_06 Datasheet HTML 5Page - STMicroelectronics LIS2L02AL_06 Datasheet HTML 6Page - STMicroelectronics LIS2L02AL_06 Datasheet HTML 7Page - STMicroelectronics LIS2L02AL_06 Datasheet HTML 8Page - STMicroelectronics LIS2L02AL_06 Datasheet HTML 9Page - STMicroelectronics LIS2L02AL_06 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Mechanical and electrical specifications
LIS2L02AL
6/17
2.2
Electrical characteristics
Table 3.
Electrical characteristics(1)
(Temperature range -40°C to +85°C) All the parameters are specified @ Vdd =3.3V, T=25°C
unless otherwise noted
Symbol
Parameter
Test Condition
Min.
Typ.(2)
Max.
Unit
Vdd
Supply Voltage
2.4
3.3
5.25
V
Idd
Supply Current
mean value
0.85
1.5
mA
Vst
Self Test Input
Logic 0 level
0
0.3*Vdd
V
Logic 1 level
0.7*Vdd
Vdd
V
Rout
Output Impedance
80
110
140
k
Cload
Capacitive Load Drive(3)
1nF
Top
Operating Temperature
Range
-40
+85
°C
1.
The product is factory calibrated at 3.3V
2.
Typical specifications are not guaranteed
3.
Minimum resonance frequency Fres=2.0kHz. Sensor bandwidth=1/(2*
π*110kΩ*Cload) with Cload>1nF


Similar Part No. - LIS2L02AL_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS2L02ALTR STMICROELECTRONICS-LIS2L02ALTR Datasheet
181Kb / 17P
   MEMS INERTIAL SENSOR: 2-axis - /-2g ULTRACOMPACT LINEAR ACCELEROMETER
More results

Similar Description - LIS2L02AL_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS2L02AL STMICROELECTRONICS-LIS2L02AL Datasheet
181Kb / 17P
   MEMS INERTIAL SENSOR: 2-axis - /-2g ULTRACOMPACT LINEAR ACCELEROMETER
LIS2L06AL STMICROELECTRONICS-LIS2L06AL_06 Datasheet
198Kb / 17P
   MEMS INERTIAL SENSOR:2-axis - /- 2g/6g ultracompact linear accelerometer
LIS2L06AL STMICROELECTRONICS-LIS2L06AL Datasheet
181Kb / 17P
   MEMS INERTIAL SENSOR: 2-axis - /- 2g/6g ULTRACOMPACT LINEAR ACCELEROMETER
LIS3L02AL STMICROELECTRONICS-LIS3L02AL Datasheet
211Kb / 17P
   MEMS INERTIAL SENSOR: 3-axis - /-2g ultracompact linear accelerometer
LIS3L06AL STMICROELECTRONICS-LIS3L06AL_06 Datasheet
211Kb / 17P
   MEMS INERTIAL SENSOR-3-axis - /-2g/6g ultracompact linear accelerometer
LIS3L06AL STMICROELECTRONICS-LIS3L06AL Datasheet
172Kb / 17P
   MEMS INERTIAL SENSOR: 3-axis - /-2g/6g ULTRACOMPACT LINEAR ACCELEROMETER
LIS344AL STMICROELECTRONICS-LIS344AL Datasheet
170Kb / 15P
   MEMS inertial sensor 3-axis ultracompact linear accelerometer
LIS244ALH STMICROELECTRONICS-LIS244ALH Datasheet
173Kb / 16P
   MEMS inertial sensor high performance 2-axis 짹2/짹6g ultracompact linear accelerometer
LIS244AL STMICROELECTRONICS-LIS244AL Datasheet
165Kb / 15P
   MEMS motion sensor:2-axis - 짹2g ultracompact linear accelerometer
LIS344ALH STMICROELECTRONICS-LIS344ALH Datasheet
174Kb / 16P
   MEMS inertial sensor high performance 3-axis 짹2/짹6g ultracompact linear accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com