Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1864T+ Datasheet(PDF) 11 Page - Dallas Semiconductor

Part # DS1864T+
Description  SFP Laser Controller and Diagnostic IC
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1864T+ Datasheet(HTML) 11 Page - Dallas Semiconductor

Back Button DS1864T+ Datasheet HTML 7Page - Dallas Semiconductor DS1864T+ Datasheet HTML 8Page - Dallas Semiconductor DS1864T+ Datasheet HTML 9Page - Dallas Semiconductor DS1864T+ Datasheet HTML 10Page - Dallas Semiconductor DS1864T+ Datasheet HTML 11Page - Dallas Semiconductor DS1864T+ Datasheet HTML 12Page - Dallas Semiconductor DS1864T+ Datasheet HTML 13Page - Dallas Semiconductor DS1864T+ Datasheet HTML 14Page - Dallas Semiconductor DS1864T+ Datasheet HTML 15Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 72 page
background image
SFP Laser Controller and
Diagnostic IC
____________________________________________________________________
11
DAC 1 INL (LSB)
SETTING (DEC)
0
25 50 75 100 125 150 175 200 225 250
-1.0
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
1.5mA MODE
DAC 1 DNL (LSB)
SETTING (DEC)
0
25 50 75 100 125 150 175 200 225 250
-1.0
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
1.5mA MODE
Typical Operating Characteristics (continued)
(VCC = +3.3V, TA = 25°C, unless otherwise noted.)
DAC 0 DNL (LSB)
SETTING (DEC)
0
25 50 75 100 125 150 175 200 225 250
-1.0
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
1.5mA MODE
DAC 1 INL (LSB)
SETTING (DEC)
0
25 50 75 100 125 150 175 200 225 250
-1.0
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
0.5mA MODE
DAC 1 DNL (LSB)
SETTING (DEC)
0
25 50 75 100 125 150 175 200 225 250
-1.0
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
0.5mA MODE
DAC SETTING vs. POWER-UP VOLTAGE
POWER-UP VOLTAGE (V)
012345
0
0.10
0.20
0.30
0.40
0.50
PROGRAMMED DAC
SETTING (80h)
DAC 0, 0.5mA
DAC 0 CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.0
3.5
4.0
4.5
5.0
5.5
0.00
0.20
0.40
0.60
0.80
1.00
DAC 0, 0.5mA
PROGRAMMED DAC
SETTING (FFh)
DAC 0 CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.0
3.5
4.0
4.5
5.0
5.5
0
0.4
0.8
1.2
1.6
2.0
DAC 0, 1.5mA
PROGRAMMED DAC
SETTING (FFh)
DAC 1 CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.0
3.5
4.0
4.5
5.0
5.5
0.00
0.20
0.40
0.60
0.80
1.00
DAC 1, 0.5mA
PROGRAMMED DAC
SETTING (FFh)


Similar Part No. - DS1864T+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1864T++ MAXIM-DS1864T+ Datasheet
644Kb / 72P
   SFP Laser Controller and Diagnostic IC
Rev 0; 4/06
More results

Similar Description - DS1864T+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1864 MAXIM-DS1864 Datasheet
644Kb / 72P
   SFP Laser Controller and Diagnostic IC
Rev 0; 4/06
DS1862A MAXIM-DS1862A Datasheet
582Kb / 42P
   XFP Laser Control and Digital Diagnostic IC
Rev 0; 10/08
DS1862 MAXIM-DS1862 Datasheet
533Kb / 42P
   XFP Laser Control and Digital Diagnostic IC
Rev 0; 2/06
logo
NXP Semiconductors
TZA1032 PHILIPS-TZA1032 Datasheet
102Kb / 24P
   Laser driver and controller circuit
2002 May 06
logo
Analog Devices
ADN8820 AD-ADN8820 Datasheet
288Kb / 9P
   EDFA and CW Laser Controller
Rev. PrB
ADN8820 AD-ADN8820_15 Datasheet
293Kb / 9P
   EDFA and CW Laser Controller
Rev. PrB
logo
Maxim Integrated Produc...
DS1875 MAXIM-DS1875 Datasheet
1Mb / 92P
   PON Triplexer and SFP Controller
Rev 1; 10/08
logo
TEMIC Semiconductors
U8600B TEMIC-U8600B Datasheet
228Kb / 12P
   Laser Controller
logo
IC-Haus GmbH
IC-VJ ICHAUS-IC-VJ Datasheet
293Kb / 10P
   LASER DIODE CONTROLLER
VJSO16N ICHAUS-VJSO16N Datasheet
293Kb / 10P
   LASER DIODE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com